Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42440 Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # PE42440
Description  SP4T UltraCMOS??RF Switch 50 ??3000 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE42440 Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  PE42440 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE42440 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE42440 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE42440 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE42440 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE42440 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE42440 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE42440 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Product Specification
PE42440
Page 3 of 8
©2009-2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-18014-2
www.psemi.com
GND
V
DD
V2
V1
12
11
10
9
1
2
3
4
GND
GND
RFC
GND
Exposed
Ground
Paddle
Pin 1
Table 6. Truth Table
Table 5. Absolute Maximum Ratings
Notes: 1. VDD within operating range specified in Table 4
2. ESD Voltage (HBM, MIL-STD-883 Method 3015.7)
Exceeding absolute maximum ratings may cause
permanent damage. Operation between operating
range maximum and absolute maximum for extended
periods may reduce reliability.
Symbol
Parameter/Conditions
Min
Max
Units
VI
Voltage on any DC input
-0.3
VDD+ 0.3
V
PIN (50 )
1
RF input power
(50 - 500 MHz)
(500 - 3000 MHz)
+28
+33
dBm
dBm
VESD
HBM
2 ESD Voltage, RFC pin
4000
V
HBM
2 ESD Voltage, all pins
2000
V
MM ESD Voltage, RFC pin
300
V
MM ESD Voltage, all pins
100
V
VDD
Power supply voltage
-0.3
4.0
V
Path
V2
V1
RFC – RF1
0
0
RFC – RF2
1
0
RFC – RF3
0
1
RFC – RF4
1
1
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS
® device, observe the
same precautions that you would use with other ESD-
sensitive devices. Although this device contains
circuitry to protect it from damage due to ESD,
precautions should be taken to avoid exceeding the
specified rating.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS
®
devices are immune to latch-up.
Figure 3. Pin Configuration (Top View)
Table 3. Pin Descriptions
Pin No.
Pin Name
Description
1
GND
Ground
2
VDD
Supply
3
V2
Switch control input, CMOS logic level
4
V1
Switch control input, CMOS logic level
5
GND
Ground
6
RF4
1
RF Port 4
7
GND
Ground
8
RF3
1
RF Port 3
9
GND
Ground
10
GND
Ground
11
RFC
1
RF Common
12
GND
Ground
13
RF1
1
RF Port 1
14
GND
Ground
15
RF2
1
RF Port 2
16
N/C
No Connect
Paddle
GND
Exposed ground paddle
Table 4. Operating Ranges
4
Parameter
Symbol Min Typ Max Units
VDD Supply Voltage
VDD
2.65 2.75
3.3
V
IDD Power Supply Current
(VDD = 2.75V)
IDD
13
50
µA
RF input power (50 )
(50 - 500 MHz)
(500 - 3000 MHz)
PIN
+28
+33
dBm
dBm
Control Voltage High
VIH
1.4
V
Control Voltage Low
VIL
0.4
V
Temperature Range
TOP
-40
+25
+85
°C
Storage Temperature Range
TST
-65
+25 +160
°C
Moisture Sensitivity Level
The Moisture Sensitivity Level rating for the PE42440 in
the 16-lead 3 x 3 x 0.75 mm QFN package is MSL1.
Switching Frequency
The PE42440 has a maximum 25 kHz switching rate.
Note: 1. Operation should be restricted to the limits in the Operating Ranges table
Notes: 1. All RF pins must be DC blocked with an external series capacitor or
held at 0 VDC


Similar Part No. - PE42440

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42440 PSEMI-PE42440 Datasheet
497Kb / 8P
   SP4T UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE42440 PEREGRINE-PE42440 Datasheet
497Kb / 8P
   SP4T UltraCMOS
logo
Peregrine Semiconductor
PE42440MLBB-Z PSEMI-PE42440MLBB-Z Datasheet
612Kb / 8P
   SP4T UltraCMOS짰 RF Switch 50 ??3000 MHz
PE42440 PSEMI-PE42440_14 Datasheet
1Mb / 8P
   SP4T UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE42440 PEREGRINE-PE42440_15 Datasheet
497Kb / 8P
   RF Switch
More results

Similar Description - PE42440

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE423641 PSEMI-PE423641 Datasheet
340Kb / 11P
   UltraCMOS SP4T RF Switch 50??000 MHz
PE42440MLBB-Z PSEMI-PE42440MLBB-Z Datasheet
612Kb / 8P
   SP4T UltraCMOS짰 RF Switch 50 ??3000 MHz
logo
Peregrine Semiconductor...
PE42612 PEREGRINE-PE42612 Datasheet
157Kb / 4P
   SP4T UltraCMOS 2.6 V Switch 100 - 3000 MHz
PE4261 PEREGRINE-PE4261 Datasheet
160Kb / 4P
   SP4T UltraCMOS??2.6 V Switch 100 - 3000 MHz
logo
Peregrine Semiconductor
PE613050 PSEMI-PE613050 Datasheet
319Kb / 8P
   UltraCMOS SP4T Tuning Control Switch, 100-3000 MHz
PE42440 PSEMI-PE42440 Datasheet
497Kb / 8P
   SP4T UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE42540 PEREGRINE-PE42540 Datasheet
548Kb / 12P
   UltraCMOS SP4T RF Switch
logo
Peregrine Semiconductor
PE42540 PSEMI-PE42540 Datasheet
520Kb / 12P
   UltraCMOS SP4T RF Switch
PE42440 PSEMI-PE42440_14 Datasheet
1Mb / 8P
   SP4T UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com