Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42440 Datasheet(PDF) 8 Page - Peregrine Semiconductor Corp.

Part # PE42440
Description  SP4T UltraCMOS??RF Switch 50 ??3000 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE42440 Datasheet(HTML) 8 Page - Peregrine Semiconductor Corp.

  PE42440 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE42440 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE42440 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE42440 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE42440 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE42440 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE42440 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE42440 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Product Specification
PE42440
Page 8 of 8
©2009-2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-18014-2
UltraCMOS
® RFIC Solutions
16-lead 3x3x0.75 mm QFN
Figure 15. Tape and Reel Specifications
Table 7. Ordering Information
Order Code
Description
Package
Shipping Method
PE42440MLBB-Z
PE42440G-16QFN 3 x 3 mm-3000C
Green 16-lead 3 x 3 mm QFN
3000 units / T&R
EK42440-02
PE42440-16QFN 3 x 3 mm-EK
Evaluation Kit
1 / Box
Tape Feed Direction
Ao = 3.30 ± 0.1 mm
Bo = 3.30 ± 0.1 mm
Ko = 1.10 ± 0.1 mm
Advance Information:
The product is in a formative or design stage. The datasheet contains
design target specifications for product development. Specifications and features may change in
any manner without notice. Preliminary Specification: The datasheet contains preliminary
data. Additional data may be added at a later date. Peregrine reserves the right to change
specifications at any time without notice in order to supply the best possible product. Product
Specification:
The datasheet contains final data. In the event Peregrine decides to change the
specifications, Peregrine will notify customers of the intended changes by issuing a CNF
(Customer Notification Form).
The information in this datasheet is believed to be reliable. However, Peregrine assumes no
liability for the use of this information. Use shall be entirely at the user’s own risk.
No patent rights or licenses to any circuits described in this datasheet are implied or granted to any
third party.
Peregrine’s products are not designed or intended for use in devices or systems intended for surgical
implant, or in other applications intended to support or sustain life, or in any application in which the
failure of the Peregrine product could create a situation in which personal injury or death might occur.
Peregrine assumes no liability for damages, including consequential or incidental damages, arising out
of the use of its products in such applications.
The Peregrine name, logo, UltraCMOS and UTSi are registered trademarks and HaRP, MultiSwitch
and DuNE are trademarks of Peregrine Semiconductor Corp. All other trademarks mentioned herein
are the property of their respective companies.
Sales Contact and Information
For Sales and contact information please visit www.psemi.com.


Similar Part No. - PE42440

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42440 PSEMI-PE42440 Datasheet
497Kb / 8P
   SP4T UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE42440 PEREGRINE-PE42440 Datasheet
497Kb / 8P
   SP4T UltraCMOS
logo
Peregrine Semiconductor
PE42440MLBB-Z PSEMI-PE42440MLBB-Z Datasheet
612Kb / 8P
   SP4T UltraCMOS짰 RF Switch 50 ??3000 MHz
PE42440 PSEMI-PE42440_14 Datasheet
1Mb / 8P
   SP4T UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE42440 PEREGRINE-PE42440_15 Datasheet
497Kb / 8P
   RF Switch
More results

Similar Description - PE42440

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE423641 PSEMI-PE423641 Datasheet
340Kb / 11P
   UltraCMOS SP4T RF Switch 50??000 MHz
PE42440MLBB-Z PSEMI-PE42440MLBB-Z Datasheet
612Kb / 8P
   SP4T UltraCMOS짰 RF Switch 50 ??3000 MHz
logo
Peregrine Semiconductor...
PE42612 PEREGRINE-PE42612 Datasheet
157Kb / 4P
   SP4T UltraCMOS 2.6 V Switch 100 - 3000 MHz
PE4261 PEREGRINE-PE4261 Datasheet
160Kb / 4P
   SP4T UltraCMOS??2.6 V Switch 100 - 3000 MHz
logo
Peregrine Semiconductor
PE613050 PSEMI-PE613050 Datasheet
319Kb / 8P
   UltraCMOS SP4T Tuning Control Switch, 100-3000 MHz
PE42440 PSEMI-PE42440 Datasheet
497Kb / 8P
   SP4T UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE42540 PEREGRINE-PE42540 Datasheet
548Kb / 12P
   UltraCMOS SP4T RF Switch
logo
Peregrine Semiconductor
PE42540 PSEMI-PE42540 Datasheet
520Kb / 12P
   UltraCMOS SP4T RF Switch
PE42440 PSEMI-PE42440_14 Datasheet
1Mb / 8P
   SP4T UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com