Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42440MLIBA Datasheet(PDF) 7 Page - Peregrine Semiconductor Corp.

Part # PE42440MLIBA
Description  SP4T UltraCMOS??RF Switch 50 ??3000 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE42440MLIBA Datasheet(HTML) 7 Page - Peregrine Semiconductor Corp.

  PE42440MLIBA Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE42440MLIBA Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE42440MLIBA Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE42440MLIBA Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE42440MLIBA Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE42440MLIBA Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE42440MLIBA Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE42440MLIBA Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Product Specification
PE42440
Page 7 of 8
©2009-2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-18014-2
www.psemi.com
Figure 13. Package Drawing
Figure 14. Marking Specifications
42440
YYWW
ZZZZZ
YYWW = Date Code
ZZZZZ = Last five digits of Lot Number
16-lead 3 x 3 x 0.75 mm QFN
17-0009
TOP VIEW
SIDE VIEW
BOTTOM VIEW
3.00
3.00
Pin #1 Corner
1.70±0.05
0.80 MAX
0.05
0.203
RECOMMENDED LAND PATTERN
13
16
1
4
5
9
8
12
1.70±0.05
0.50
0.23±0.05
(X16)
1.50
0.375±0.05
(X16)
1.75
3.40
3.40
0.10
C A B
0.05
C
A
0.10 C
(2X)
C
0.10 C
0.05 C
SEATING PLANE
B
ALL FEATURES
0.10 C
(2X)
0.575
(X16)
0.28
(X16)
0.50
1.75
(X12)
181-0024


Similar Part No. - PE42440MLIBA

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42440MLBB-Z PSEMI-PE42440MLBB-Z Datasheet
612Kb / 8P
   SP4T UltraCMOS짰 RF Switch 50 ??3000 MHz
More results

Similar Description - PE42440MLIBA

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE423641 PSEMI-PE423641 Datasheet
340Kb / 11P
   UltraCMOS SP4T RF Switch 50??000 MHz
PE42440MLBB-Z PSEMI-PE42440MLBB-Z Datasheet
612Kb / 8P
   SP4T UltraCMOS짰 RF Switch 50 ??3000 MHz
logo
Peregrine Semiconductor...
PE42612 PEREGRINE-PE42612 Datasheet
157Kb / 4P
   SP4T UltraCMOS 2.6 V Switch 100 - 3000 MHz
PE4261 PEREGRINE-PE4261 Datasheet
160Kb / 4P
   SP4T UltraCMOS??2.6 V Switch 100 - 3000 MHz
logo
Peregrine Semiconductor
PE613050 PSEMI-PE613050 Datasheet
319Kb / 8P
   UltraCMOS SP4T Tuning Control Switch, 100-3000 MHz
PE42440 PSEMI-PE42440 Datasheet
497Kb / 8P
   SP4T UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE42540 PEREGRINE-PE42540 Datasheet
548Kb / 12P
   UltraCMOS SP4T RF Switch
logo
Peregrine Semiconductor
PE42540 PSEMI-PE42540 Datasheet
520Kb / 12P
   UltraCMOS SP4T RF Switch
PE42440 PSEMI-PE42440_14 Datasheet
1Mb / 8P
   SP4T UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com