Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD124524D Datasheet(PDF) 1 Page - Sensitron

Part # SHD124524D
Description  POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD124524D Datasheet(HTML) 1 Page - Sensitron

  SHD124524D Datasheet HTML 1Page - Sensitron SHD124524D Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1999 Sensitron Semiconductor
221 West Industry Court
Deer Park, NY 11729-4681
PHONE (631) 586-7600
FAX (631) 242-9798
www.sensitron.com
sales@sensitron.com
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 610, REV. A
POWER SCHOTTKY RECTIFIER
Very Low Voltage Drop
DESCRIPTION: 100 VOLT, 45 AMP, POWER SCHOTTKY RECTIFIER IN A HERMETIC TO-258 PACKAGE.
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25 C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
100
Volts
MAXIMUM DC OUTPUT CURRENT @ TC=100
OC
IO
45
Amps
MAXIMUM NONREPETITIVE FORWARD SURGE CURRENT
(t = 8.3ms, Sine) (per leg)
IFSM
200
Amps
MAXIMUM THERMAL RESISTANCE (per leg)
R JC
1.15
C/W
MAXIMUM JUNCTION TEMPERATURE RANGE
Top
-65 to
+ 175
C
MAXIMUM OPERATING AND STORAGE TEMPERATURE RANGE
Tstg
-65 to
+ 175
C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
MAXIMUM FORWARD VOLTAGE DROP, Pulsed (If = 45 Amps) (per leg)
TJ = 25 C
TJ = 125 C
Vf
0.95
0.85
Volts
MAXIMUM REVERSE CURRENT (Ir @ 100V PIV) (per leg)
TJ = 25 C
TJ = 125 C
Ir
1.5
20
mA
MAXIMUM JUNCTION CAPACITANCE (Vr =5V) (per leg)
CT
1400
pF
SHD124524
SHD124524P
SHD124524N
SHD124524D


Similar Part No. - SHD124524D

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD124524D SENSITRON-SHD124524D Datasheet
57Kb / 3P
   POWER SCHOTTKY RECTIFIER
More results

Similar Description - SHD124524D

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD115413 SENSITRON-SHD115413_11 Datasheet
96Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116211 SENSITRON-SHD116211 Datasheet
156Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD114623 SENSITRON-SHD114623 Datasheet
54Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD115413 SENSITRON-SHD115413 Datasheet
157Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD114211 SENSITRON-SHD114211 Datasheet
84Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD117212P SENSITRON-SHD117212P Datasheet
87Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116212 SENSITRON-SHD116212 Datasheet
162Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD124522 SENSITRON-SHD124522 Datasheet
78Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD114623 SENSITRON-SHD114623_08 Datasheet
43Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116211 SENSITRON-SHD116211_08 Datasheet
41Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com