Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPDP10D375 Datasheet(PDF) 4 Page - Sensitron

Part # SPDP10D375
Description  DC Solid State Power Controller Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SPDP10D375 Datasheet(HTML) 4 Page - Sensitron

  SPDP10D375 Datasheet HTML 1Page - Sensitron SPDP10D375 Datasheet HTML 2Page - Sensitron SPDP10D375 Datasheet HTML 3Page - Sensitron SPDP10D375 Datasheet HTML 4Page - Sensitron SPDP10D375 Datasheet HTML 5Page - Sensitron SPDP10D375 Datasheet HTML 6Page - Sensitron SPDP10D375 Datasheet HTML 7Page - Sensitron SPDP10D375 Datasheet HTML 8Page - Sensitron SPDP10D375 Datasheet HTML 9Page - Sensitron Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATASHEET 5022, Rev A
©2007 Sensitron Semiconductor
• 221 West Industry Court
Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
• www.sensitron.com • sales@sensitron.com • Page 4
SPDPXXD375 SERIES
Figure 2 - Mechanical Dimensions and Pin Assignments
All dimensions are in inches
Table 4 – Individual Power Dissipation Data (includes Vbias Power)
SPDP03D375
SPDP03D375 Set for
0.9 Amp Rating
SPDP03D375 Set for
3 Amp Rating
Current Rating @ 125
OC
0.9A
3A
Power Dissipation
0.10W typ @ 0.6A 25
OC
0.19W max @ 0.9A 25
OC
0.25W max @ 0.9A 125
OC
0.32W typ @ 1.8A 25
OC
0.91W max @ 3A 25
OC
1.60W max @ 3A 125
OC
Max Voltage Drop
44mV typ @ 0.6A 25
OC
77mV max @ 0.9A 25
OC
140mV max @ 0.9A 125
OC
135mV typ @ 1.8A 25
OC
260mV max @ 3A 25
OC
490mV max @ 3A 125
OC
SPDP10D375
SPDP10D375 Set for
3 Amp Rating
SPDP10D375 Set for
10 Amp Rating
Current Rating @ 125
OC
3A
10A
Power Dissipation
0.15W typ @ 1.8A 25
OC
0.34W max @ 3A 25
OC
0.50W max @ 3A 125
OC
0.83W typ @ 6A 25
OC
2.83W max @ 10A 25
OC
4.88W max @ 10A 125
OC
Max Voltage Drop
40mV typ @ 1.8A 25
OC
70mV max @3A 25
OC
125mV max @ 3A 125
OC
125mV typ @ 6A 25
OC
270mV max @ 10A 25
OC
475mV max @ 10A 125
OC


Similar Part No. - SPDP10D375

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPDP10D375 SENSITRON-SPDP10D375 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
More results

Similar Description - SPDP10D375

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPDXXD28 SENSITRON-SPDXXD28 Datasheet
501Kb / 11P
   DC Solid State Power Controller Module
SPDP50D375-503 SENSITRON-SPDP50D375-503 Datasheet
263Kb / 10P
   DC Solid State Power Controller Module
SPDPXXD270 SENSITRON-SPDPXXD270 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDPXXD375 SENSITRON-SPDPXXD375 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDP50D375 SENSITRON-SPDP50D375 Datasheet
253Kb / 10P
   DC Solid State Power Controller Module
SPDPXXD28 SENSITRON-SPDPXXD28 Datasheet
505Kb / 15P
   DC Solid State Power Controller Module
SPD40D28 SENSITRON-SPD40D28 Datasheet
491Kb / 11P
   DC Solid State Power Controller Module
SPD-8A115 SENSITRON-SPD-8A115 Datasheet
71Kb / 4P
   AC/DC Solid State Power Controller Module
SPDPXXD28ER SENSITRON-SPDPXXD28ER Datasheet
482Kb / 13P
   Programmable DC Solid State Power Controller Module
SPDPXXD28 SENSITRON-SPDPXXD28_09 Datasheet
206Kb / 14P
   Programmable DC Solid State Power Controller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com