Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPDP10D375 Datasheet(PDF) 6 Page - Sensitron

Part # SPDP10D375
Description  DC Solid State Power Controller Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SPDP10D375 Datasheet(HTML) 6 Page - Sensitron

Back Button SPDP10D375 Datasheet HTML 2Page - Sensitron SPDP10D375 Datasheet HTML 3Page - Sensitron SPDP10D375 Datasheet HTML 4Page - Sensitron SPDP10D375 Datasheet HTML 5Page - Sensitron SPDP10D375 Datasheet HTML 6Page - Sensitron SPDP10D375 Datasheet HTML 7Page - Sensitron SPDP10D375 Datasheet HTML 8Page - Sensitron SPDP10D375 Datasheet HTML 9Page - Sensitron SPDP10D375 Datasheet HTML 10Page - Sensitron Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATASHEET 5022, Rev A
©2007 Sensitron Semiconductor
• 221 West Industry Court
Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
• www.sensitron.com • sales@sensitron.com • Page 6
SPDPXXD375 SERIES
The watchdog timer operates from its own internal clock so a failure of the main clock will not stop the watchdog
timer. The code programmed in the microcontroller will periodically reset the watchdog timer preventing it from
timing out. If the code malfunctions for any reason, the watchdog timer is not reset and it times out. When the
watchdog timer times out, it resets the microcontroller. Since the code is designed to detect levels and not
edges, the output of the module, and therefore the output of the SPDPXXD375, immediately reflects the
command on its input.
The “Control & Protection Circuitry” block also has the ability for the user to adjust the current rating by varying
the trip point with a resistor between the “I
2t ADJ” pin and the “TRIM COMMON” pin and to adjust the Instant
Trip current level with a resistor between the “INSTANT TRIP ADJ” pin and the “TRIM COMMON” pin. See
Figures 4 and 5 to select the appropriate resistor for adjusting the current rating for the SPDP03D375 and
SPDP10D375 models, respectively. See Figures 6 and 7 to select the appropriate resistor for adjusting the
Instant Trip current level for the SPDP03D375 and SPDP10D375 models, respectively.
When setting the current rating, select a resistor according to Figures 4 and 5 for 10% above the desired rating.
Example: to set the SPDP03D375 to a rating of 2 Amps, look on Figure 4 for 2.2 Amps and select a resistor of
2.7K.
Figure 4 – SPDP03D375 Current Rating Trim Resistor Selection


Similar Part No. - SPDP10D375

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPDP10D375 SENSITRON-SPDP10D375 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
More results

Similar Description - SPDP10D375

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPDXXD28 SENSITRON-SPDXXD28 Datasheet
501Kb / 11P
   DC Solid State Power Controller Module
SPDP50D375-503 SENSITRON-SPDP50D375-503 Datasheet
263Kb / 10P
   DC Solid State Power Controller Module
SPDPXXD270 SENSITRON-SPDPXXD270 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDPXXD375 SENSITRON-SPDPXXD375 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDP50D375 SENSITRON-SPDP50D375 Datasheet
253Kb / 10P
   DC Solid State Power Controller Module
SPDPXXD28 SENSITRON-SPDPXXD28 Datasheet
505Kb / 15P
   DC Solid State Power Controller Module
SPD40D28 SENSITRON-SPD40D28 Datasheet
491Kb / 11P
   DC Solid State Power Controller Module
SPD-8A115 SENSITRON-SPD-8A115 Datasheet
71Kb / 4P
   AC/DC Solid State Power Controller Module
SPDPXXD28ER SENSITRON-SPDPXXD28ER Datasheet
482Kb / 13P
   Programmable DC Solid State Power Controller Module
SPDPXXD28 SENSITRON-SPDPXXD28_09 Datasheet
206Kb / 14P
   Programmable DC Solid State Power Controller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com