Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPDP20D28-1 Datasheet(PDF) 10 Page - Sensitron

Part # SPDP20D28-1
Description  Programmable DC Solid State Power Controller Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SPDP20D28-1 Datasheet(HTML) 10 Page - Sensitron

Back Button SPDP20D28-1 Datasheet HTML 6Page - Sensitron SPDP20D28-1 Datasheet HTML 7Page - Sensitron SPDP20D28-1 Datasheet HTML 8Page - Sensitron SPDP20D28-1 Datasheet HTML 9Page - Sensitron SPDP20D28-1 Datasheet HTML 10Page - Sensitron SPDP20D28-1 Datasheet HTML 11Page - Sensitron SPDP20D28-1 Datasheet HTML 12Page - Sensitron SPDP20D28-1 Datasheet HTML 13Page - Sensitron SPDP20D28-1 Datasheet HTML 14Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATASHEET 5186, Rev -
©2010 Sensitron Semiconductor
• 221 West Industry Court • Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
• www.sensitron.com • sales@sensitron.com • Page 10
SPDPXXD28-1 SERIES
MIL-W-5088L has various figures showing derating for harnesses as a function of the number of current carrying
conductors for different altitudes.
MIL-W-5088L only specifies wire for DC or RMS AC conditions, not for
transient or overload conditions. MIL-W-5088L and its amendment should be consulted to determine minimum
wire sizes for other currents and conditions.
For transient or overload conditions, the transient or overload happens so quickly that heat is not transferred
from the wire to the surroundings. The heat caused by the I
2R heating of the wire causes the temperature to
rise at a linear rate controlled by the heat capacity of the wire. The equation for this linear rise in temperature,
with respect to time, can be solved as: I
2t = constant. Every wire has an I2t rating that’s dependent on the
temperature rise allowed and the diameter of the wire. If the I
2t rating of the SSPC or circuit breaker is less than
the I
2t rating of the wire, then the SSPC or circuit breaker can protect the wire. The maximum I2t rating for the
SPDP25D28-1 is 7.45 x 10
3 Amp2-Seconds. Every wire size in the paragraphs above has an I2t rating that
exceeds the SPDP25D28-1 I
2t rating for the temperature rises stated. Therefore, to select a wire size, it’s
simply a matter of determining the maximum temperature rise of the application and deciding whether or not the
wire will be in a bundle and use the information above. Similarly, the I
2t ratings for the SPDP12D28-1 and
SPDP05D28-1 are 1.72 x 10
3 Amp2-Seconds and 300 Amp2-Seconds, respectively.
Application Connections
The SPDPXXD28-1 Series may be configured as a high-side or low-side switch and may be used in positive or
negative supply applications.
Figure 6 – High-Side Switch, Positive Supply
Figure 6 shows the connections as a high-side switch with a positive power supply.


Similar Part No. - SPDP20D28-1

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPDP20D28 SENSITRON-SPDP20D28 Datasheet
206Kb / 14P
   Programmable DC Solid State Power Controller Module
SPDP20D28ER SENSITRON-SPDP20D28ER Datasheet
482Kb / 13P
   Programmable DC Solid State Power Controller Module
More results

Similar Description - SPDP20D28-1

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPDPXXD28 SENSITRON-SPDPXXD28_09 Datasheet
206Kb / 14P
   Programmable DC Solid State Power Controller Module
SPDPXXD28ER SENSITRON-SPDPXXD28ER Datasheet
482Kb / 13P
   Programmable DC Solid State Power Controller Module
SPDXXD28 SENSITRON-SPDXXD28 Datasheet
501Kb / 11P
   DC Solid State Power Controller Module
SPDP50D375-503 SENSITRON-SPDP50D375-503 Datasheet
263Kb / 10P
   DC Solid State Power Controller Module
SPDPXXD270 SENSITRON-SPDPXXD270 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDPXXD375 SENSITRON-SPDPXXD375 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDP50D375 SENSITRON-SPDP50D375 Datasheet
253Kb / 10P
   DC Solid State Power Controller Module
SPDPXXD375 SENSITRON-SPDPXXD375_10 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDPXXD28 SENSITRON-SPDPXXD28 Datasheet
505Kb / 15P
   DC Solid State Power Controller Module
SPD40D28 SENSITRON-SPD40D28 Datasheet
491Kb / 11P
   DC Solid State Power Controller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com