Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS355_0711 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # 1SS355_0711
Description  Silicon Epitaxial Planar Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1SS355_0711 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  1SS355_0711 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1SS355_0711 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 1SS355_0711 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BL Galaxy Electrical
Production specification
Silicon Epitaxial Planar Diode
1SS355
Document number: BL/SSSDB001
www.galaxycn.com
Rev.A
1
FEATURES
Small Surface Mounting Type:
SOD-323
High Speed :t=1.2ns Typ.
High Reliability With High Surge Current Handing
Capability.
APPLICATIONS
SOD-323
High speed switching
ORDERING INFORMATION
Type No.
Marking
Package Code
1SS355
A
SOD-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Non-Repetitive Peak reverse voltage
VRM
90
V
DC Reverse Voltage
VR
80
V
Peak forward Current
IFM
225
mA
Average Rectified Output Current
IO
100
mA
Surge current (1s)
Isurge
500
mA
Power Dissipation
PD
200
mW
Junction temperature
Tj
125
Storage temperature
TSTG
-55~+125
Pb
Lead-free


Similar Part No. - 1SS355_0711

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
1SS355-28SOD SHUNYE-1SS355-28SOD Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Diode
1SS355-28SOD-323-29 SHUNYE-1SS355-28SOD-323-29 Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Diode
logo
Diodes Incorporated
1SS355-7 DIODES-1SS355-7 Datasheet
498Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
March 2022 Rev. 4 - 2
logo
Pan Jit International I...
1SS355-AU PANJIT-1SS355-AU Datasheet
144Kb / 5P
   SURFACE MOUNT SWITCHING DIODE
1SS355-AU PANJIT-1SS355-AU_16 Datasheet
183Kb / 5P
   SURFACE MOUNT SWITCHING DIODE
More results

Similar Description - 1SS355_0711

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com