Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP061-8M16 Datasheet(PDF) 3 Page - STMicroelectronics

Part # HSP061-8M16
Description  8-line ESD protection for high speed lines
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP061-8M16 Datasheet(HTML) 3 Page - STMicroelectronics

  HSP061-8M16 Datasheet HTML 1Page - STMicroelectronics HSP061-8M16 Datasheet HTML 2Page - STMicroelectronics HSP061-8M16 Datasheet HTML 3Page - STMicroelectronics HSP061-8M16 Datasheet HTML 4Page - STMicroelectronics HSP061-8M16 Datasheet HTML 5Page - STMicroelectronics HSP061-8M16 Datasheet HTML 6Page - STMicroelectronics HSP061-8M16 Datasheet HTML 7Page - STMicroelectronics HSP061-8M16 Datasheet HTML 8Page - STMicroelectronics HSP061-8M16 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HSP061-8M16
Characteristics
Doc ID 18055 Rev 1
3/10
Figure 2.
Leakage current versus junction
temperature (typical values)
Figure 3.
S21 attenuation measurement
0.1
1.0
10.0
100.0
1000.0
25
50
75
100
125
150
IR (nA)
V
R =VRM = 3 V
Tj (°C)
db
10MHz
30MHz
100MHz 300MHz
1GHz
3GHz
-8
-7
-6
-5
-4
-3
-2
-1
0
F (Hz)
Figure 4.
Differential impedance (Zdiff)
(1)
Figure 5.
Eye diagram, HDMI mask, at
3.4 Gbps per channel(1)
1.
HDMI specification conditions. This information can be provided for other applications. Please contact your local ST office.
tr = 200 ps (10% - 90%)
12.5
Ω /div
Z0Diff = 100 Ω-
Vertical : 200 mV / div
Horizontal : 50 ps / div
Figure 6.
ESD response to IEC 61000-4-2
(+8 kV contact discharge)
Figure 7.
ESD response to IEC 61000-4-2
(-8 kV contact discharge)
50 V / div
20 ns / div
20 GS / s
50 V / div
20 ns / div
20 GS / s


Similar Part No. - HSP061-8M16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP061-2 STMICROELECTRONICS-HSP061-2 Datasheet
241Kb / 12P
   2-line ESD protection for high speed lines
HSP061-2 STMICROELECTRONICS-HSP061-2 Datasheet
269Kb / 12P
   2-line ESD protection for high speed lines
HSP061-2M6 STMICROELECTRONICS-HSP061-2M6 Datasheet
269Kb / 12P
   2-line ESD protection for high speed lines
logo
TECH PUBLIC Electronics...
HSP061-2M6 TECHPUBLIC-HSP061-2M6 Datasheet
1Mb / 4P
   Low-Capacitance 2-Channel double Rail-to-Rail ESD-Protection
logo
STMicroelectronics
HSP061-2N4 STMICROELECTRONICS-HSP061-2N4 Datasheet
269Kb / 12P
   2-line ESD protection for high speed lines
More results

Similar Description - HSP061-8M16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP061-2 STMICROELECTRONICS-HSP061-2 Datasheet
241Kb / 12P
   2-line ESD protection for high speed lines
HSP061-4M10 STMICROELECTRONICS-HSP061-4M10 Datasheet
182Kb / 11P
   4-line ESD protection for high speed lines
HSP051-4M10 STMICROELECTRONICS-HSP051-4M10 Datasheet
566Kb / 12P
   4-line ESD protection for high speed lines
November 2014 Rev 4
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8_13 Datasheet
353Kb / 9P
   4-line ESD protection for high speed lines
HSP062-2 STMICROELECTRONICS-HSP062-2 Datasheet
216Kb / 11P
   2-line ESD protection for high speed lines
HSP051-4N10 STMICROELECTRONICS-HSP051-4N10 Datasheet
1Mb / 11P
   4-line ESD protection for high speed lines
July 2014 Rev1
HSP061-4F4 STMICROELECTRONICS-HSP061-4F4 Datasheet
194Kb / 7P
   4-line ESD protection for high speed lines
October 2013 Rev 2
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8 Datasheet
206Kb / 10P
   4-line ESD protection for high speed lines
HSP061-2M6 STMICROELECTRONICS-HSP061-2M6 Datasheet
269Kb / 12P
   2-line ESD protection for high speed lines
HSP051-4M5 STMICROELECTRONICS-HSP051-4M5 Datasheet
2Mb / 15P
   4-line ESD protection for high speed lines
Rev 4 - November 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com