Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6335QTR Datasheet(PDF) 8 Page - MOSA ELECTRONICS

Part # MS6335QTR
Description  16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6335QTR Datasheet(HTML) 8 Page - MOSA ELECTRONICS

Back Button MS6335QTR Datasheet HTML 4Page - MOSA ELECTRONICS MS6335QTR Datasheet HTML 5Page - MOSA ELECTRONICS MS6335QTR Datasheet HTML 6Page - MOSA ELECTRONICS MS6335QTR Datasheet HTML 7Page - MOSA ELECTRONICS MS6335QTR Datasheet HTML 8Page - MOSA ELECTRONICS MS6335QTR Datasheet HTML 9Page - MOSA ELECTRONICS MS6335QTR Datasheet HTML 10Page - MOSA ELECTRONICS MS6335QTR Datasheet HTML 11Page - MOSA ELECTRONICS MS6335QTR Datasheet HTML 12Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MOSA
MS6334/6335
16bits Stereo Audio DAC integrated HP Driver with Volume Control
REV 5
8/20
www.mosanalog.com
15
14
13
21
0
MSB
LSB
RIGHT
LEFT
WS
BCK
DATA
1 BCK
1 BCK
15
14
13
210
MSB
LSB
Fig.3
I
2S format
I
2C BUS INTERFACE
I
2C interface protocol
The format consists of the following
A START condition
A chip address byte including the chip address. (7bits)
The 8th bit of the byte must be “0”.(write=0, read=1)
The chip must always acknowledge the end of each transmitted byte.
A data sequence (N-bytes + Acknowledge)
A STOP condition
SCL
SDA
1-7
8
9
1-7
8
9
9
8
1-7
S
P
ADDRESS
R/ W
ACK
ACK
ACK
DATA
DATA
START
CONDITION
STOP
CONDITION
Fig.4
I
2C format
I
2C chip address
88H
1000
00
10
7 bits address
W
For MS6334, MODE=Low, AO/CS=High,
For MS6335 QFN16 package only
8CH
1000
00
11
7 bits address
W
For MS6334, MODE=Low, AO/CS=Low
For MS6335 SSOP16 package only


Similar Part No. - MS6335QTR

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6335QTR MOSA-MS6335QTR Datasheet
608Kb / 17P
   16-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control
More results

Similar Description - MS6335QTR

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6334 MOSA-MS6334 Datasheet
608Kb / 17P
   16-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control
logo
Wolfson Microelectronic...
WM8721 WOLFSON-WM8721_04 Datasheet
409Kb / 37P
   Internet Audio DAC with Integrated Headphone Driver
WM8711 WOLFSON-WM8711 Datasheet
379Kb / 36P
   Internet Audio DAC with Integrated Headphone Driver
WM8721 WOLFSON-WM8721 Datasheet
347Kb / 34P
   Internet Audio DAC with Integrated Headphone Driver
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com