Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6336 Datasheet(PDF) 3 Page - MOSA ELECTRONICS

Part # MS6336
Description  16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6336 Datasheet(HTML) 3 Page - MOSA ELECTRONICS

  MS6336_1 Datasheet HTML 1Page - MOSA ELECTRONICS MS6336_1 Datasheet HTML 2Page - MOSA ELECTRONICS MS6336_1 Datasheet HTML 3Page - MOSA ELECTRONICS MS6336_1 Datasheet HTML 4Page - MOSA ELECTRONICS MS6336_1 Datasheet HTML 5Page - MOSA ELECTRONICS MS6336_1 Datasheet HTML 6Page - MOSA ELECTRONICS MS6336_1 Datasheet HTML 7Page - MOSA ELECTRONICS MS6336_1 Datasheet HTML 8Page - MOSA ELECTRONICS MS6336_1 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
MOSA
MS6336
16-bit Audio DAC integrated Dual 1.6W Power Amplifiers
REV 4
3/21
www.mosanalog.com
ORDERING INFORMATION
Package
Part number
Packaging Marking
Transport Media
16Pin TSSOP (lead free)
MS6336TGTR
MS6336G
2.5k Units Tape and Reel
16Pin TSSOP (lead free)
MS6336TGU
MS6336G
90 Units Tube
20Pin SSOP (lead free)
MS6336SSGTR
MS6336G
2k Units Tape and Reel
20Pin SSOP (lead free)
MS6336SSGU
MS6336G
66 Units Tube
RoHS Compliance
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD
Supply voltage
6.5
V
VESD
Electrostatic handling
2000
V
TSTG
Storage temperature range
-65 to 150
TA
Operating ambient temperature range
-40 to 85
TJ
Maximum junction temperature
150
TS
Soldering temperature, 10 seconds
260
RTHJA
Thermal resistance from junction to ambient in free air
TSSOP16 (enhanced thermal pad)
SSOP20
51
110
℃/W
OPERATING RATINGS
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply voltage
2.4
5
6.5
V
5V ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=5V, VSS=0V, Sampling rate 4fs, fs= 44.1kHz, f=1kHz; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC Characteristics
VCAP
Voltage at CAP
0.5VDD
-0.05
0.5VDD
0.5VDD
+0.05
V
VDC
Output DC level
0.5VDD
-0.05
0.5VDD
0.5VDD
+0.05
V
VFSDAC
Full scale output voltage of DAC
VFS=0.72 * VDD
VFS-1.5%
VFS
VFS+1.5%
V
Audio code 0000H, BTL
-
12.3
-
Audio code 0000H, SE
9.5
L-ch (R-ch) PD, BTL
DAC active
8
IQ
Quiescent current
L-ch (R-ch) PD, SE
DAC active
-
6.5
-
mA
All devices power down
-
-
0.3
IPD
Power down current
All devices power down,
except CAP=1/2 VDD
12
uA
BTL Mode, RL=8Ω, VFS
-
95
-
dB
CS
Channel separation
SE Mode, RL=32Ω, VFS
-
90
-
dB


Similar Part No. - MS6336_1

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6336TGTR MOSA-MS6336TGTR Datasheet
699Kb / 18P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
MS6336TGU MOSA-MS6336TGU Datasheet
699Kb / 18P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
More results

Similar Description - MS6336_1

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6336 MOSA-MS6336 Datasheet
699Kb / 18P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
logo
ams AG
AS1701 AMSCO-AS1701_1 Datasheet
466Kb / 17P
   1.6W Audio Power Amplifiers
AS1701 AMSCO-AS1701 Datasheet
168Kb / 2P
   1.6W Audio Power Amplifiers
logo
MOSA ELECTRONICS
MS6310 MOSA-MS6310 Datasheet
185Kb / 6P
   Low Cost 16-Bit Stereo Audio DAC
MS6309 MOSA-MS6309_10 Datasheet
1,007Kb / 9P
   Low Cost 16-Bit Stereo Audio DAC
logo
ams AG
AS1702 AMSCO-AS1702 Datasheet
187Kb / 13P
   1.6W Single-Channel Audio Power Amplifiers
logo
List of Unclassifed Man...
MS6323 ETC-MS6323 Datasheet
281Kb / 8P
   16-Bits Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311_1 Datasheet
146Kb / 6P
   16-Bits Stereo Audio DAC
logo
ESS Technology,Inc
ES9028Q2M ESS-ES9028Q2M Datasheet
1Mb / 45P
   32-Bit Stereo Low Power Audio DAC
January 16, 2020
ES9038Q2M ESS-ES9038Q2M Datasheet
1Mb / 65P
   32-Bit Stereo Low Power Audio DAC
July 17, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com