Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6337 Datasheet(PDF) 10 Page - MOSA ELECTRONICS

Part # MS6337
Description  16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6337 Datasheet(HTML) 10 Page - MOSA ELECTRONICS

Back Button MS6337 Datasheet HTML 6Page - MOSA ELECTRONICS MS6337 Datasheet HTML 7Page - MOSA ELECTRONICS MS6337 Datasheet HTML 8Page - MOSA ELECTRONICS MS6337 Datasheet HTML 9Page - MOSA ELECTRONICS MS6337 Datasheet HTML 10Page - MOSA ELECTRONICS MS6337 Datasheet HTML 11Page - MOSA ELECTRONICS MS6337 Datasheet HTML 12Page - MOSA ELECTRONICS MS6337 Datasheet HTML 13Page - MOSA ELECTRONICS MS6337 Datasheet HTML 14Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MOSA
MS6337
16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier
Plus Stereo Headphone Function
REV 2
10/20
www.mosanalog.com
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
PSRR(5V) vs. frequency
PSRR(3.3V)vs. frequency
PSRR(2.7V)vs. frequency
CAP=10uF
CAP=10uF
CAP=10uF
CAP=1uF
CAP=1uF
CAP=1uF
VDD=3.3V
BTL 8ohm
VRR=-20dBV
DAC Active
VDD=2.7V
BTL 8ohm
VRR=-20dBV
DAC Active
VDD=5V
BTL 8ohm
VRR=-20dBV
DAC Active
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
PSRR(5V) vs. frequency
PSRR(3.3V)vs. frequency
PSRR(2.7V)vs. frequency
CAP=10uF
CAP=10uF
CAP=10uF
CAP=1uF
CAP=1uF
CAP=1uF
VDD=5V
SE 32ohm
VRR=-20dBV
DAC Active
VDD=3.3V
SE 32ohm
VRR=-20dBV
DAC Active
VDD=2.7V
SE 32ohm
VRR=-20dBV
DAC Active
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
PSRR(5V) vs. frequency
PSRR(3.3V)vs. frequency
PSRR(2.7V)vs. frequency
CAP=10uF
CAP=10uF
CAP=10uF
CAP=1uF
CAP=1uF
CAP=1uF
VDD=3.3V
BTL 8ohm
VRR=-20dBV
DAC SD
VDD=2.7V
BTL 8ohm
VRR=-20dBV
DAC SD
VDD=5V
BTL 8ohm
VRR=-20dBV
DAC SD


Similar Part No. - MS6337

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6337 MOSA-MS6337 Datasheet
815Kb / 19P
   16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
MS6337GTR MOSA-MS6337GTR Datasheet
815Kb / 19P
   16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
MS6337GU MOSA-MS6337GU Datasheet
815Kb / 19P
   16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
MS6337QTR MOSA-MS6337QTR Datasheet
815Kb / 19P
   16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
More results

Similar Description - MS6337

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6337 MOSA-MS6337 Datasheet
815Kb / 19P
   16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
L4863 UTC-L4863 Datasheet
449Kb / 10P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
National Semiconductor ...
LM4873 NSC-LM4873_02 Datasheet
956Kb / 25P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
UMC Corporation
PA4867 UMC-PA4867 Datasheet
235Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Unisonic Technologies
LM4863 UTC-LM4863 Datasheet
347Kb / 11P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Shenzhen Huazhimei Semi...
HM4863 HMSEMI-HM4863 Datasheet
1Mb / 21P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
National Semiconductor ...
LM4863 NSC-LM4863_06 Datasheet
1Mb / 21P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
PA4867 UTC-PA4867 Datasheet
288Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4863 UTC-PA4863_15 Datasheet
475Kb / 12P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
National Semiconductor ...
LM4873 NSC-LM4873 Datasheet
532Kb / 19P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com