Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6336SSGU Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6336SSGU
Description  16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6336SSGU Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6336SSGU Datasheet HTML 1Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 2Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 3Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 4Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 5Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 6Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 7Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 8Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MOSA
MS6336
16-bit Audio DAC integrated Dual 1.6W Power Amplifiers
REV 4
1/21
www.mosanalog.com
16-bit Stereo Audio DAC
Dual 1.6W Power Amplifiers
FEATURES
•Operation range: 2.4V~6.5V
•16-bit resolution audio DAC
•Output mode : Speaker( BTL)/Headphone(SE)
•BTL Output power, THD+N<0.16%
RL=4 , 1.6W at 5V, 0.70W at 3.3V, 340mW at 2.4V
RL=8 , 0.83W at 5V, 0.35W at 3.3V, 170mW at 2.4V
•SE Output power, THD+N<0.1%
RL=32 , 46mW at 5V, 20mW at 3.3V, 10mW at 2.4V
•Audio format : I
2S, Right justified, Left justified
•Control interface : I
2C
•Excellent Power Supply Rejection Ratio(PSRR)
•Flexibility power management
•Component less
•Reduce pop noise circuit
•Housed in TSSOP16(enhanced thermal PAD) ,
SSOP20(209mils) package
APPLICATIONS
Multimedia system, Portable Digital Audio.
DESCRIPTION
The MS6336 is a 16-bits voltage-output Digital-to-Analog Converter (DAC) integrated class AB stereo headphone
driver and stereo speaker power amplifier. It can drive 1.6W of continuous average power into a dual 4
bridged-tied
(BTL) speaker or 2 * 46mW into stereo 32
single ended (SE) headphone. The 16-bit DAC supports popular formats
as I2S, Right Justified, and Left Justified. All of the functions are set by I2C interface.
The MS6336 has good features for portable equipment, including wide voltage operation 2.4V ~ 6.5V, low power
consumption, flexible power management, component less, make the MS6336 ideally suitable for use in the portable
digital audio equipments.
BLOCK DIAGRAM
DATA
-1
-1
-1
-1
16-bit
Audio DAC
BCK
WS
CAP
AV
DD
AV
SS
SCL
SDA
Supply
Power Amplifier
Supply
PV
DDR PVSSR
PV
DDL
PV
SSL
I2C Interface
OUTR+
OUTR-
OUTL+
OUTL-


Similar Part No. - MS6336SSGU

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6336 MOSA-MS6336 Datasheet
699Kb / 18P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
MS6336TGTR MOSA-MS6336TGTR Datasheet
699Kb / 18P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
MS6336TGU MOSA-MS6336TGU Datasheet
699Kb / 18P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
More results

Similar Description - MS6336SSGU

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6336 MOSA-MS6336 Datasheet
699Kb / 18P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
logo
ams AG
AS1701 AMSCO-AS1701_1 Datasheet
466Kb / 17P
   1.6W Audio Power Amplifiers
AS1701 AMSCO-AS1701 Datasheet
168Kb / 2P
   1.6W Audio Power Amplifiers
logo
MOSA ELECTRONICS
MS6310 MOSA-MS6310 Datasheet
185Kb / 6P
   Low Cost 16-Bit Stereo Audio DAC
MS6309 MOSA-MS6309_10 Datasheet
1,007Kb / 9P
   Low Cost 16-Bit Stereo Audio DAC
logo
ams AG
AS1702 AMSCO-AS1702 Datasheet
187Kb / 13P
   1.6W Single-Channel Audio Power Amplifiers
logo
List of Unclassifed Man...
MS6323 ETC-MS6323 Datasheet
281Kb / 8P
   16-Bits Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311_1 Datasheet
146Kb / 6P
   16-Bits Stereo Audio DAC
logo
ESS Technology,Inc
ES9028Q2M ESS-ES9028Q2M Datasheet
1Mb / 45P
   32-Bit Stereo Low Power Audio DAC
January 16, 2020
ES9038Q2M ESS-ES9038Q2M Datasheet
1Mb / 65P
   32-Bit Stereo Low Power Audio DAC
July 17, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com