Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6337QTR Datasheet(PDF) 3 Page - MOSA ELECTRONICS

Part # MS6337QTR
Description  16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6337QTR Datasheet(HTML) 3 Page - MOSA ELECTRONICS

  MS6337QTR Datasheet HTML 1Page - MOSA ELECTRONICS MS6337QTR Datasheet HTML 2Page - MOSA ELECTRONICS MS6337QTR Datasheet HTML 3Page - MOSA ELECTRONICS MS6337QTR Datasheet HTML 4Page - MOSA ELECTRONICS MS6337QTR Datasheet HTML 5Page - MOSA ELECTRONICS MS6337QTR Datasheet HTML 6Page - MOSA ELECTRONICS MS6337QTR Datasheet HTML 7Page - MOSA ELECTRONICS MS6337QTR Datasheet HTML 8Page - MOSA ELECTRONICS MS6337QTR Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MOSA
MS6337
16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier
Plus Stereo Headphone Function
REV 2
3/20
www.mosanalog.com
QFN20
Symbol
Pin
Description
AVDD
1
Analog Positive supply voltage
/CAP_DC
2
CAP discharge. This pin is functional only as the system is shutdown.
HPIN
3
Headphone input detection.(refer to Page.14 for detection levels)
A logical low sets BTL mode, a logical high sets SE mode.
CAP
4
Capacitor connected
RIN
5
Right channel input
PVSSR
6
Negative supply voltage for right channel of power amplifier
ROUT
7
SE right channel output
PVDDR
8
Positive supply voltage for right channel of power amplifier
BTL+
9
Positive output of BTL
PVDDL
10
Positive supply voltage for left channel of power amplifier
LOUT/BTL-
11
SE left channel output or negative output of BTL
AVSS
12
Negative supply voltage
PVSSL
13
Negative supply voltage for left channel of power amplifier
LIN
14
Left channel input
SD_MODE
15
The shutdown mode selects the shutdown logic level of the SD pin.
SD
16
SD_MODE = 0, the device is shutdown when SD is logic low.
SD_MODE = 1, the device is shutdown when SD is logic high.
AVSS
17
Negative supply voltage
DVSS
18
Digital Ground
/DAC_SD
19
DAC shutdown pin. /DAC_SD=0, DAC is shutdown. /DAC_SD=1, DAC is Active.
DATA
20
Audio data input
WS
21
Audio word select input
BCK
22
Audio bit clock input
FORMAT
23
Audio format. FORMAT=0, I2S format. FORMAT=1,Right justified format.
DVDD
24
Digital Positive supply voltage
AVDD
CAP
CAP_DC
HPIN
1
2
3
4
RIN
5
PVSSR
6
DVSS
SD_MODE
AVSS
SD
18
17
16
15
LIN
14
PVSSL
13
MS6337, QFN24


Similar Part No. - MS6337QTR

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6337QTR MOSA-MS6337QTR Datasheet
815Kb / 19P
   16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
More results

Similar Description - MS6337QTR

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6337 MOSA-MS6337 Datasheet
815Kb / 19P
   16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
L4863 UTC-L4863 Datasheet
449Kb / 10P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
National Semiconductor ...
LM4873 NSC-LM4873_02 Datasheet
956Kb / 25P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
UMC Corporation
PA4867 UMC-PA4867 Datasheet
235Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Unisonic Technologies
LM4863 UTC-LM4863 Datasheet
347Kb / 11P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Shenzhen Huazhimei Semi...
HM4863 HMSEMI-HM4863 Datasheet
1Mb / 21P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
National Semiconductor ...
LM4863 NSC-LM4863_06 Datasheet
1Mb / 21P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
PA4867 UTC-PA4867 Datasheet
288Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4863 UTC-PA4863_15 Datasheet
475Kb / 12P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
National Semiconductor ...
LM4873 NSC-LM4873 Datasheet
532Kb / 19P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com