Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRX0530 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # MBRX0530
Description  SURFACE MOUNT SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MBRX0530 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  MBRX0530 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MBRX0530 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BLGALAXY ELECTRICAL
RATING AND CHARACTERISTIC CURVES
MBRX0530
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD
NUMBER OF CYCLES AT 60Hz
SURGE CURRENT
FIG. 1 - TYPICAL FORWARD CURRENT
LEAD TEMPERATURE, (
℃ )
DERATING CURVE
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
Document Number 0281038
2.
www.galaxycn.com
0
0.6
0.8
50 60 70 80 90 100 110 120 130 140 150
0.4
0.2
Resistive or
Inductive Load
0
1.0
2.0
3.0
4.0
5.0
6.0
1
100
10
8.3 Single Half Sine-Wave
(JEDEC Method) at rated TL
1
0.1
0.01
0
0.2
0.1
0.4
0.3
0.6
0.5
0.8
0.7
1
10
100
1000
0
2040
6080
100


Similar Part No. - MBRX0530

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRX0530 MCC-MBRX0530 Datasheet
97Kb / 3P
   0.5 Amp Schottky Rectifier 20 to 100 Volts
MBRX0530 MCC-MBRX0530 Datasheet
205Kb / 5P
   0.5 Amp Schottky Rectifier 20 to 60 Volts
logo
Shanghai Lunsure Electr...
MBRX0530 CHENYI-MBRX0530 Datasheet
65Kb / 3P
   0.5Amp schottky rectifier 20to100 volts
logo
Shenzhen Luguang Electr...
MBRX0530 LUGUANG-MBRX0530 Datasheet
199Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Shenzhen Taychipst Elec...
MBRX0530 TAYCHIPST-MBRX0530 Datasheet
2Mb / 2P
   Schottky Rectifier
More results

Similar Description - MBRX0530

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SGC2060ST GOOD-ARK-SGC2060ST Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
LS26 GOOD-ARK-LS26 Datasheet
423Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com