Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6544GU Datasheet(PDF) 7 Page - MOSA ELECTRONICS

Part # MS6544GU
Description  Stereo Headphone Driver, 0dB / 6dB Gain Low Voltage, Internal Mute Function No Popping Noise When Power On / Off
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6544GU Datasheet(HTML) 7 Page - MOSA ELECTRONICS

  MS6544GU Datasheet HTML 1Page - MOSA ELECTRONICS MS6544GU Datasheet HTML 2Page - MOSA ELECTRONICS MS6544GU Datasheet HTML 3Page - MOSA ELECTRONICS MS6544GU Datasheet HTML 4Page - MOSA ELECTRONICS MS6544GU Datasheet HTML 5Page - MOSA ELECTRONICS MS6544GU Datasheet HTML 6Page - MOSA ELECTRONICS MS6544GU Datasheet HTML 7Page - MOSA ELECTRONICS MS6544GU Datasheet HTML 8Page - MOSA ELECTRONICS MS6544GU Datasheet HTML 9Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MOSA
MS6544/6541
Class AB Stereo Headphone Driver with Mute
REV 2
7/9
www.mosanalog.com
APPLICATION INFORMATION
Low voltage application
100k
1u
90k
1u
V
INA
VTM
47u
32
32
47u
1u
V
INB
1u
H : Active
L : Mute
7
6
5
8
2
3
4
1
MUTE
BIAS
90k
90k
6dB
6dB
VDD=3.3V
0.1u
100u
200p
90k
200p
f
-3dB
= 17.6kHz
DC
gain
= 1
Headphone
Headphone
10
Fig.1
The 1st order low pass filter for MP3 solution with MS6544.
100k
1u
1u
V
INA
VTM
47u
32
32
47u
1u
V
INB
1u
H : Active
L : Mute
7
6
5
8
2
3
4
1
MUTE
BIAS
90k
(180k)
90k
(180k)
6dB
(0dB)
6dB
(0dB)
0.1u
100u
DC
gain
= 2 for MS6544
DC
gain
= 1 for MS6541
Headphone
Headphone
VDD=3.3V
10
Fig.2
The basic application.


Similar Part No. - MS6544GU

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6544GU MOSA-MS6544GU Datasheet
287Kb / 8P
   Stereo Headphone Driver, 0dB / 6dB Gain Low Voltage, Internal Mute Function No Popping Noise When Power On / Off
More results

Similar Description - MS6544GU

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6544 MOSA-MS6544 Datasheet
287Kb / 8P
   Stereo Headphone Driver, 0dB / 6dB Gain Low Voltage, Internal Mute Function No Popping Noise When Power On / Off
logo
Holtek Semiconductor In...
HT82V736 HOLTEK-HT82V736 Datasheet
143Kb / 9P
   Stereo Headphone Driver with Mute
logo
Anpec Electronics Corop...
APA3541 ANPEC-APA3541 Datasheet
110Kb / 13P
   Class AB Stereo Headphone Driver with Mute
logo
Unisonic Technologies
3541 UTC-3541_12 Datasheet
201Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
3541 UTC-3541_09 Datasheet
168Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
3541 UTC-3541_15 Datasheet
231Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
List of Unclassifed Man...
TP5228 ETC1-TP5228 Datasheet
332Kb / 12P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
Unisonic Technologies
3541 UTC-3541 Datasheet
117Kb / 5P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
MOSA ELECTRONICS
MS6863 MOSA-MS6863_1 Datasheet
468Kb / 14P
   Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Function
MS6332 MOSA-MS6332 Datasheet
238Kb / 7P
   16-Bit Stereo Audio DAC & Headphone Driver Mute and Power Down Function Component Less, Low Cost
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com