Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC906 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC906
Description  DC Input Type OPIC Photocoupler with Built-in ON/OFF Delay Circuit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC906 Datasheet(HTML) 3 Page - Sharp Corporation

  PC906 Datasheet HTML 1Page - Sharp Corporation PC906 Datasheet HTML 2Page - Sharp Corporation PC906 Datasheet HTML 3Page - Sharp Corporation PC906 Datasheet HTML 4Page - Sharp Corporation PC906 Datasheet HTML 5Page - Sharp Corporation PC906 Datasheet HTML 6Page - Sharp Corporation PC906 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PC906
PC906
GND
V
PC906
VINa
VINb
Vcc
Vo
GND
Vcc
IF
PC906
Vcc
Vo
GND
Vcc
IF
V
PC906
VINa
VINb
Vcc
Vo
GND
Vcc
IF
CRT
RL
5V
= 100kHz
PC906
VINa
VINb
Vcc
Vo
GND
Vcc
IF
A
PC906
VINa
VINb
Vcc
Vo
GND
Vcc
IF
CRT
0.1
µ F
RL
A
VINa
VINb
IF
VINa
VINb
Vcc
Vcc
Vo
s Test circuit
Fig. 4
Fig. 1
Fig. 2
Fig. 5
Fig. 6
It measures the I F when output changes
from “ Low level ” to “ High level ” .
Fig. 3
fAC


Similar Part No. - PC906

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
PC906N LSTD-PC906N Datasheet
415Kb / 1P
   All-welded unit construction
PC906N LSTD-PC906N Datasheet
415Kb / 1P
   No adjustments ever needed
More results

Similar Description - PC906

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC902 SHARP-PC902 Datasheet
91Kb / 6P
   AC Input Type OPIC Photocoupler
PC904 SHARP-PC904 Datasheet
82Kb / 6P
   Built-in Voltage Detection Circuit Type Photocoupler
logo
TE Connectivity Ltd
7000 TEC-7000 Datasheet
975Kb / 7P
   Available in on-delay, true off-delay, and on/off-delay
logo
Seiko Instruments Inc
S-19101C25H-N4T2U SII-S-19101C25H-N4T2U Datasheet
1Mb / 31P
   BUILT-IN DELAY CIRCUIT
S-19100N12H-M5T2U SII-S-19100N12H-M5T2U Datasheet
2Mb / 45P
   BUILT-IN DELAY CIRCUIT
S-19101C25H-M5T2U SII-S-19101C25H-M5T2U Datasheet
1Mb / 31P
   BUILT-IN DELAY CIRCUIT
S-19100N12A-M5T2U SII-S-19100N12A-M5T2U Datasheet
2Mb / 39P
   BUILT-IN DELAY CIRCUIT
logo
Sharp Corporation
PC928 SHARP-PC928 Datasheet
137Kb / 10P
   Shortcircuit Protector Circuit Built-in OPIC Photocoupler Suitable for Inverter-Driving IGBT
logo
E-CMOS Corporation
EC95810 E-CMOS-EC95810 Datasheet
931Kb / 15P
   Voltage Detectors with Built-in Delay Circuit
logo
Torex Semiconductor
XC61H TOREX-XC61H Datasheet
574Kb / 13P
   Voltage Detector with Delay Circuit Built-In
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com