Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6853MGTR Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6853MGTR
Description  Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Shutdown Function
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6853MGTR Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6853MGTR Datasheet HTML 1Page - MOSA ELECTRONICS MS6853MGTR Datasheet HTML 2Page - MOSA ELECTRONICS MS6853MGTR Datasheet HTML 3Page - MOSA ELECTRONICS MS6853MGTR Datasheet HTML 4Page - MOSA ELECTRONICS MS6853MGTR Datasheet HTML 5Page - MOSA ELECTRONICS MS6853MGTR Datasheet HTML 6Page - MOSA ELECTRONICS MS6853MGTR Datasheet HTML 7Page - MOSA ELECTRONICS MS6853MGTR Datasheet HTML 8Page - MOSA ELECTRONICS MS6853MGTR Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MOSA
MS6853
Mono 1.9W / Stereo 300mW Power Amplifier
REV 6
1/14
www.mosanalog.com
Mono 1.9W / Stereo 300mW Power Amplifier
Low Voltage Operation, Shutdown Function
FEATURES
Operation range: 2.4V ~ 6.5V
Shutdown Current 18uA at 5V
Output power, THD+N=1%
BTL, RL=3Ω, 2.1W at 5V
BTL, RL=4Ω, 1.9W at 5V, 0.83W at 3.3V, 500mW at 2.7V
BTL, RL=8Ω, 1.2W at 5V, 0.54W at 3.3V, 350mW at 2.7V
SE, RL=8Ω, 300mW at 5V, 125mW at 3.3V, 85mW at 2.7V
SE, RL=32Ω, 90mW at 5V, 43mW at 3.3V, 25mW at 2.7V
Headphone sense
Unity-gain stable, pop noise free
Space-saving MSOP10 (enhance thermal pad), TSSOP14
APPLICATIONS
Desktop computer’s sound card
Portable audio devices
PDA
Handheld games
Communication headsets
Cross-reference:
SSM2250, LM4853, LM4858
DESCRIPTION
The MS6853 is a low distortion power amplifier that can drive a set of 1.9W of continuous average power into a mono
4Ω bridged-tied load (BTL) or 2 * 90mW into stereo 32Ω single ended (SE) loads headphone. It can automatically
switch between mono BTL and stereo SE modes utilizing a headphone sense pin. The BTL configuration eliminates
the need for external coupling capacitors on the output in most applications. The unity gain stable MS6853’s gain is set
by external gain-setting resistors.
The MS6853 has good feature for portable equipment, these features include the low voltage operation, micropower
consumption shutdown mode, enhance thermal pad and small package MSOP10, TSSOP14, make the MS6853 ideally
suited for use in portable digital audio equipments.
BLOCK DIAGRAM
SHUTDOWN
A2
-
+
L-IN
GND
V
DD
BYPASS
R-IN
BTL OUT+
R-OUT
L-OUT / BTL OUT-
HP-IN
V
DD
Mono / Stereo Mode
Switching Circuitry
A3
-
+
A1
-
+
V
DD
Click/Pop
Reduction
Bias


Similar Part No. - MS6853MGTR

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6853MGTR MOSA-MS6853MGTR Datasheet
747Kb / 12P
   Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Pop Noise Free
More results

Similar Description - MS6853MGTR

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6853 MOSA-MS6853 Datasheet
747Kb / 12P
   Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Pop Noise Free
MS6891 MOSA-MS6891 Datasheet
451Kb / 10P
   Mono 1.1W Power Amplifier with Shutdown, Low Voltage Operation
logo
National Semiconductor ...
LM4853 NSC-LM4853 Datasheet
869Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
LM4858 NSC-LM4858 Datasheet
683Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
logo
Texas Instruments
LM4853 TI1-LM4853 Datasheet
1Mb / 25P
[Old version datasheet]   Mono 1.5 W / Stereo 300mW Power Amplifier
logo
MOSA ELECTRONICS
MS6901 MOSA-MS6901_1 Datasheet
347Kb / 9P
   Mono 1.1W Power Amplifier Selectable Shutdown Logic Level Low Voltage Operation
logo
Rohm
BD7836EFV ROHM-BD7836EFV Datasheet
565Kb / 17P
   1.9W1.9W Stereo Speaker Amplifier
logo
List of Unclassifed Man...
ILA7050 ETC-ILA7050 Datasheet
104Kb / 2P
   LOW VOLTAGE MONO/STEREO POWER AMPLIFIER
logo
NXP Semiconductors
TDA7050T PHILIPS-TDA7050T Datasheet
54Kb / 9P
   Low voltage mono/stereo power amplifier
July 1994
logo
KODENSHI_AUK CORP.
KKA7050 KODENSHI-KKA7050 Datasheet
120Kb / 3P
   LOW VOLTAGE MONO/STEREO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com