Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6864 Datasheet(PDF) 11 Page - MOSA ELECTRONICS

Part # MS6864
Description  Dual 2W Power Amplifier, I2C interface Stereo Input with Volume Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6864 Datasheet(HTML) 11 Page - MOSA ELECTRONICS

Back Button MS6864 Datasheet HTML 7Page - MOSA ELECTRONICS MS6864 Datasheet HTML 8Page - MOSA ELECTRONICS MS6864 Datasheet HTML 9Page - MOSA ELECTRONICS MS6864 Datasheet HTML 10Page - MOSA ELECTRONICS MS6864 Datasheet HTML 11Page - MOSA ELECTRONICS MS6864 Datasheet HTML 12Page - MOSA ELECTRONICS MS6864 Datasheet HTML 13Page - MOSA ELECTRONICS MS6864 Datasheet HTML 14Page - MOSA ELECTRONICS MS6864 Datasheet HTML 15Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
MOSA
MS6864
Dual 2W Power Amplifiers with Volume Control
REV 2
11/21
www.mosanalog.com
Input Gain
MSB
LSB
Function
1
0
0
L-ch, Input Gain
1
0
1
G2
G1
G0
0
0
R-ch, Input Gain
0
0
0
0 dB
0
0
1
3 dB
0
1
0
6 dB
0
1
1
9 dB
1
0
0
12 dB
1
0
1
15 dB
1
1
0
18 dB
1
1
1
21 dB
Initial state: Both L-ch and R-ch are 0dB gain.
Power Down Mode
MSB
LSB
Function
1
1
0
1
RPD
LPD PDPR
CAP
PD
Power mode selection and power management
0
R-ch PA output is active mode
1
R-ch PA output is power down mode
0
L-ch PA output is active mode
1
L-ch PA output is power down mode
0
Disable preparation for power off
1
Enable preparation for power off
0
Set the voltage of CAP to middle of supply voltage
1
Pull down CAP pin to ground
Initial state: All are the power down modes.
Enable the power down preparation before the chip will be shut down.
Output mode (SE/BTL)
MSB
LSB
Function
1
1
1
S/B
0
0
0
0
Output mode, mixer control and audio format
0
Output mode is BTL
1
Output mode is SE
Initial state: Output mode is BTL mode.


Similar Part No. - MS6864

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6864 MOSA-MS6864 Datasheet
674Kb / 19P
   Dual 2W Power Amplifier, I2C interface Stereo Input with Volume Control
More results

Similar Description - MS6864

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6864 MOSA-MS6864 Datasheet
674Kb / 19P
   Dual 2W Power Amplifier, I2C interface Stereo Input with Volume Control
MS6865 MOSA-MS6865 Datasheet
713Kb / 20P
   Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
MS6865 MOSA-MS6865_1 Datasheet
767Kb / 22P
   Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
logo
National Semiconductor ...
LM4936 NSC-LM4936 Datasheet
1Mb / 28P
   Stereo 2W Audio Power Amplifiers with Volume Control and Selectable Control Interface (SPI or I2C)
logo
Texas Instruments
LM4936 TI1-LM4936 Datasheet
2Mb / 37P
[Old version datasheet]   Boomer??Audio Power Amplifier Series Stereo 2W Audio Power Amplifiers with Volume Control and Selectable Control Interface (SPI or I2C)
logo
Gamma Microelectronics ...
GMA7496L GAMMA-GMA7496L_1 Datasheet
285Kb / 12P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496L STMICROELECTRONICS-TDA7496L Datasheet
162Kb / 10P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
Wuxi Youda electronics ...
YD7496L YOUDA-YD7496L Datasheet
85Kb / 5P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
KODENSHI_AUK CORP.
KKA7496L KODENSHI-KKA7496L Datasheet
526Kb / 8P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
National Semiconductor ...
LM4843 NSC-LM4843 Datasheet
597Kb / 19P
   Stereo 2W Audio Power Amplifiers with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com