Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6890 Datasheet(PDF) 4 Page - MOSA ELECTRONICS

Part # MS6890
Description  Mono 1.1W Power Amplifier Low Voltage Operation
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6890 Datasheet(HTML) 4 Page - MOSA ELECTRONICS

  MS6890_1 Datasheet HTML 1Page - MOSA ELECTRONICS MS6890_1 Datasheet HTML 2Page - MOSA ELECTRONICS MS6890_1 Datasheet HTML 3Page - MOSA ELECTRONICS MS6890_1 Datasheet HTML 4Page - MOSA ELECTRONICS MS6890_1 Datasheet HTML 5Page - MOSA ELECTRONICS MS6890_1 Datasheet HTML 6Page - MOSA ELECTRONICS MS6890_1 Datasheet HTML 7Page - MOSA ELECTRONICS MS6890_1 Datasheet HTML 8Page - MOSA ELECTRONICS MS6890_1 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MOSA
MS6890
Mono 1.1W Power Amplifier with Shutdown
REV 4
4/10
www.mosanalog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Ta = 25°C, BW<30kHz, unless otherwise specified.
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
THD+N vs. frequency
THD+N vs. frequency
THD+N vs. frequency
VDD=3.3V
RL=8Ω
OUTPUT POWER (W)
OUTPUT POWER (W)
OUTPUT POWER (W)
THD+N vs. output power
THD+N vs. output power
THD+N vs. output power
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
PSRR vs. frequency
PSRR vs. frequency
PSRR vs. frequency
VDD=5V
RL=8Ω
VDD=2.5V
RL=8Ω
Po=0.4W
Po=1.1W
Po=0.2W
f=1kHz
VDD=2.5V
RL=8Ω
f=20Hz
f=20kHz
f=1kHz
VDD=3.3V
RL=8Ω
f=20Hz
f=20kHz
f=20kHz
f=1kHz
f=20Hz
VDD=5V
RL=8Ω
CBP=1uF
CBP=1uF
VDD=5V
RL=8Ω
VDD=3.3V
RL=8Ω
CBP=1uF
VDD=2.5V
RL=8Ω


Similar Part No. - MS6890_1

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6890GTR MOSA-MS6890GTR Datasheet
388Kb / 10P
   Mono 1.1W Power Amplifier Low Voltage Operation
MS6890GU MOSA-MS6890GU Datasheet
388Kb / 10P
   Mono 1.1W Power Amplifier Low Voltage Operation
MS6890MGTR MOSA-MS6890MGTR Datasheet
388Kb / 10P
   Mono 1.1W Power Amplifier Low Voltage Operation
MS6890MGU MOSA-MS6890MGU Datasheet
388Kb / 10P
   Mono 1.1W Power Amplifier Low Voltage Operation
More results

Similar Description - MS6890_1

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6890 MOSA-MS6890 Datasheet
388Kb / 10P
   Mono 1.1W Power Amplifier Low Voltage Operation
MS6891 MOSA-MS6891 Datasheet
451Kb / 10P
   Mono 1.1W Power Amplifier with Shutdown, Low Voltage Operation
MS6901 MOSA-MS6901_1 Datasheet
347Kb / 9P
   Mono 1.1W Power Amplifier Selectable Shutdown Logic Level Low Voltage Operation
logo
Anpec Electronics Corop...
APA0713 ANPEC-APA0713 Datasheet
325Kb / 19P
   1.1W Mono Low-Voltage Audio Power Amplifier
APA0710 ANPEC-APA0710 Datasheet
509Kb / 29P
   1.1W Mono Low-Voltage Audio Power Amplifier
logo
MOSA ELECTRONICS
MS6895 MOSA-MS6895 Datasheet
320Kb / 7P
   Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation
MS6895 MOSA-MS6895_1 Datasheet
234Kb / 7P
   Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation
MS6894 MOSA-MS6894_1 Datasheet
302Kb / 9P
   Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation Selectable Shutdown Logic Level
MS6894 MOSA-MS6894 Datasheet
366Kb / 9P
   Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation Selectable Shutdown Logic Level
MS6853 MOSA-MS6853_1 Datasheet
638Kb / 14P
   Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Shutdown Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com