Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6353 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6353
Description  Multiphase PWM Regulator for VR12 DDR Memory Systems
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6353 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6353 Datasheet HTML 1Page - Intersil Corporation ISL6353 Datasheet HTML 2Page - Intersil Corporation ISL6353 Datasheet HTML 3Page - Intersil Corporation ISL6353 Datasheet HTML 4Page - Intersil Corporation ISL6353 Datasheet HTML 5Page - Intersil Corporation ISL6353 Datasheet HTML 6Page - Intersil Corporation ISL6353 Datasheet HTML 7Page - Intersil Corporation ISL6353 Datasheet HTML 8Page - Intersil Corporation ISL6353 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
Multiphase PWM Regulator for VR12 DDR Memory
Systems
ISL6353
The ISL6353 is a three-phase PWM buck regulator controller for
VR12 DDR memory applications. The multi-phase implementation
results in better system performance, superior thermal
management, lower component cost and smaller PCB area.
The ISL6353 has two integrated power MOSFET drivers for
implementing a cost effective and space saving power
management solution.
The PWM modulator of the ISL6353 is based on Intersil’s Robust
Ripple Regulator™ (R3) technology. Compared with the traditional
multi-phase buck regulator, the R3 modulator commands variable
PWM switching frequency during load transients, achieving faster
transient response. R3 also naturally goes into pulse frequency
modulation operation in light load conditions to achieve higher light
load efficiency.
The ISL6353 is designed to be completely compliant with VR12
specifications. The ISL6353 has a serial VID (SVID) bus
communicating with the CPU. The output can be programmed for
1-, 2- or 3-phase interleaved operation. The output voltage and
power state can also be controlled independent of the serial VID
bus.
The ISL6353 has several other key features. It supports DCR
current sensing with a single NTC thermistor for DCR
temperature compensation or accurate resistor current sensing.
It also has remote voltage sense, adjustable switching frequency,
current monitor, OC/OV protection and power-good. Temperature
monitor and thermal alert is available too.
Features
• VR12 Serial Communications Bus
• Precision Voltage Regulation
- 5mV Steps with VID Fast/Slow Slew Rates
• Supports Two Current Sensing Methods
- Lossless Inductor DCR Current Sensing
- Precision Resistor Current Sensing
• Programmable 1, 2 or 3-Phase Operation
• Adaptive Body Diode Conduction Time Reduction
• Superior Noise Immunity and Transient Response
• Pin Programmable Output Voltage and Power State Mode
• Output Current Monitor and Thermal Monitor
• Differential Remote Voltage Sensing
• High Efficiency Across Entire Load Range
• Programmable Switching Frequency
• Resistor Programmable VBOOT, Power State Operation, SVID
Address Setting, IMAX
• Excellent Dynamic Current Balance Between Phases
• OCP/WOC, OVP, OT Alert, PGOOD
• Small Footprint 40 Ld 5x5 TQFN Package
• Pb-Free (RoHS Compliant)
Applications
•DDR Memory
FIGURE 1. FAST TRANSIENT RESPONSE
FIGURE 2. ISL6353EVAL1Z EFFICIENCY vs LOAD
COMP
200mV/DIV
VDDQ = 1.5V
50mV/DIV
PHASE1/2/3
5V/DIV
1V/DIV
26A STEP LOAD
20µs/DIV
85
86
87
88
89
90
91
92
93
94
95
0
10
20304050607080
LOAD (A)
1.5V PS1 2ph CCM
1.5V PS0
1.5V PS2 1ph DE
1.35VPS0
1.35V PS1 2ph CCM
1.35VPS2 1ph DE
FN6897.0
September 15, 2011
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL6353

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6353 INTERSIL-ISL6353 Datasheet
164Kb / 3P
   Dual 21 PWM Controller for IMVP-7/VR12 CPUs
ISL6353 INTERSIL-ISL6353 Datasheet
208Kb / 2P
   31 and 11 Voltage Regulator for IMVP-7/VR12??CPUs
ISL6353 INTERSIL-ISL6353 Datasheet
159Kb / 2P
   31 Voltage Regulator for IMVP-7/VR12 CPUs
logo
Renesas Technology Corp
ISL6353 RENESAS-ISL6353 Datasheet
1Mb / 30P
   Multiphase PWM Regulator for VR12 DDR Memory Systems
logo
Intersil Corporation
ISL6353 INTERSIL-ISL6353 Datasheet
1Mb / 30P
   Multiphase PWM Regulator for VR12 DDR Memory Systems
September 15, 2011
More results

Similar Description - ISL6353

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6353 RENESAS-ISL6353 Datasheet
1Mb / 30P
   Multiphase PWM Regulator for VR12 DDR Memory Systems
logo
Intersil Corporation
ISL6353CRTZ INTERSIL-ISL6353CRTZ Datasheet
1Mb / 30P
   Multiphase PWM Regulator for VR12 DDR Memory Systems
September 15, 2011
ISL6363 INTERSIL-ISL6363 Datasheet
1Mb / 32P
   Multiphase PWM Regulator for VR12??Desktop CPUs
logo
Renesas Technology Corp
ISL6363 RENESAS-ISL6363 Datasheet
1Mb / 32P
   Multiphase PWM Regulator for VR12??Desktop CPUs
logo
Intersil Corporation
ISL6363CRTZ INTERSIL-ISL6363CRTZ Datasheet
951Kb / 32P
   Multiphase PWM Regulator for VR12™ Desktop CPUs
September 5, 2013
ISL6532B INTERSIL-ISL6532B Datasheet
362Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6537A INTERSIL-ISL6537A Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532B RENESAS-ISL6532B Datasheet
764Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 RENESAS-ISL6548 Datasheet
747Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548 INTERSIL-ISL6548 Datasheet
464Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com