Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL705ARHVF Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL705ARHVF
Description  Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL705ARHVF Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL705ARHVF Datasheet HTML 7Page - Intersil Corporation ISL705ARHVF Datasheet HTML 8Page - Intersil Corporation ISL705ARHVF Datasheet HTML 9Page - Intersil Corporation ISL705ARHVF Datasheet HTML 10Page - Intersil Corporation ISL705ARHVF Datasheet HTML 11Page - Intersil Corporation ISL705ARHVF Datasheet HTML 12Page - Intersil Corporation ISL705ARHVF Datasheet HTML 13Page - Intersil Corporation ISL705ARHVF Datasheet HTML 14Page - Intersil Corporation ISL705ARHVF Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ISL705ARH, ISL705BRH, ISL705CRH, ISL706ARH, ISL706BRH, ISL706CRH
11
FN7662.0
September 15, 2011
is at its maximum specified value. This allows the positive supply
to fluctuate within its acceptable range without signaling a reset
when configured as shown in Figure 16.
In Figure 16, the ISL705ARH is monitoring +5V through VDD and
-5V through PFI. In this example, the trip point (VTRIP) for the
negative supply rail is set for -4.5V. Equation 2 can be used to
select the appropriate resistor values. R1 is selected arbitrarily as
100kΩ, VDD = 5V, VPFI = 1.25V, and VTRIP = (-4.5V). By plugging
the values into Equation 2 as shown in Equation 3 it can be seen
a resistor of 153.3kΩ is needed. The closest 1% resistor value is
154kΩ.
Figure 4 also has a general purpose NPN transistor in which the
base is connected to the PFO pin through a 100kΩ resistor. The
emitter is tied to ground and the collector is tied to MR signal.
This configuration allows the negative voltage sense circuit to
initiate a reset if it is not within its regulation window. A pull-up
on the MR ensures no false reset triggering when the negative
voltage is within its regulation window.
Assuring a Valid RST Output
When VDD falls below 1.2V, the RST output can no longer sink
current and is essentially an open circuit. As a result, this pin can
drift to undetermined voltages if left undriven. By adding a pull-down
resistor to the RST pin as shown in Figure 17, any stray charge or
leakage currents will be drained to ground and keep RST low when
VDD falls below 1.2V. The resistor value (R1) is not critical however, it
should be large enough not to load RST and small enough to pull
RST to ground. A 100kΩ resistor would suffice, assuming there is no
load on the RST pin during that time.
Assuring a Valid RST Output
On the ISL705BRH and ISL706BRH, when VDD falls below 1.2V, the
RST output can no longer source enough current to track VDD. As a
result, this pin can drift to undetermined voltages if left undriven. By
adding a pull-up resistor to the RST pin as shown in Figure 18, RST
will track VDD below 1.2V. The resistor value (R1) is not critical
however, it should be large enough not to exceed the sink capability
of RST pin at 1.2V. A 300kΩ resistor would suffice, assuming there
is no load on the RST pin during that time.
Selecting Pull-Up Resistor Values
The ISL705CRH and ISL706CRH have open drain active low reset
outputs (RST_OD). A pull-up resistor is needed to ensure RST_OD
is high when VDD is in a valid state (Figure 19). The resistor value
must be chosen in order not to exceed the sink capability of the
RST_OD pin. The ISL705ARH has a sink capability of 3.2mA and
the ISL706CRH has a sink capability of 1.2mA. Equation 4 may
be used to select resistor RPULL based on the pull-up voltage
VPULL. It is also important that the pull-up voltage does not
exceed VDD.
FIGURE 16. ±5V MONITORING
R2
R1 VPFI Vtrip
()
VDD VPFI
---------------------------------------------
=
(EQ. 2)
R2
100k 1.25
4.5
()
()
51.25
------------------------------------------------------
153.3k
Ω
=
=
(EQ. 3)
+5V
ISL705ARH
-5V
100k
100k
2N3904
MR
RST
PFO
PFI
R1
R2
VDD
FIGURE 17. RST VALID TO GROUND CIRCUIT
FIGURE 18. RST VALID TO GROUND CIRCUIT
FIGURE 19. RST_OD PULL-UP CONNECTION
ISL705ARH, ISL706ARH
100k
Ω
RST
VDD
ISL705BRH, ISL706BRH
300k
Ω
RST
VDD
R1
ISL706CRH, ISL705CRH
RPULL
RST_OD
VDD
VPULL


Similar Part No. - ISL705ARHVF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL705ARHF INTERSIL-ISL705ARHF Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
ISL705ARHF/PROTO INTERSIL-ISL705ARHF/PROTO Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
ISL705ARHX INTERSIL-ISL705ARHX Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
ISL705ARHX/SAMPLE INTERSIL-ISL705ARHX/SAMPLE Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
More results

Similar Description - ISL705ARHVF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL705AEH INTERSIL-ISL705AEH Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
ISL705AEHVF INTERSIL-ISL705AEHVF Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V u-Processor Supervisory Circuits
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
ATMEL Corporation
AT697E ATMEL-AT697E_14 Datasheet
264Kb / 7P
   Rad-Hard 32-bit SPARC v8 Processor
AT697E ATMEL-AT697E Datasheet
227Kb / 16P
   Rad-Hard 32 bit SPARC V8 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com