Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8126 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL8126
Description  Dual/n-Phase Buck PWM Controller with Integrated Drivers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8126 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL8126 Datasheet HTML 4Page - Intersil Corporation ISL8126 Datasheet HTML 5Page - Intersil Corporation ISL8126 Datasheet HTML 6Page - Intersil Corporation ISL8126 Datasheet HTML 7Page - Intersil Corporation ISL8126 Datasheet HTML 8Page - Intersil Corporation ISL8126 Datasheet HTML 9Page - Intersil Corporation ISL8126 Datasheet HTML 10Page - Intersil Corporation ISL8126 Datasheet HTML 11Page - Intersil Corporation ISL8126 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
ISL8126
8
FN7892.0
September 7, 2011
Typical Application Circuits
2-Phase Operation with DCR Sensing
CHFIN
CBIN
CF1
PVCC
CF2
RCC
+3V TO +26.5V
Q1
Q2
COMP1/2
FB1
BOOT1
UGATE1
LGATE1
LOUT1
CBOOT1
COUT1
RFB1
PHASE1
VOUT<VCC - 1.8V
RFS
FSYNC
VIN
VSEN1-
ROS1
PGOOD
VMON1/2
VSEN1+
CSEN1
VSENSE-
VSENSE+
10
Ω
10
Ω
ZCOMP1
Q3
Q4
BOOT2
UGATE2
ISEN2A
LGATE2
CBOOT2
PHASE2
VSEN2-
VSEN2+
VIN
VCC
LOUT2
VCC
EN/VFF1, 2
CLKOUT
GND
VCC OR GND
ISEN2B
FB2
ISEN1A
RISEN2
ISEN1B
RISEN1
ISHARE
ISET
RSET
CF3
VIN
ISL8126
VCC OR GND
Remote sensing
Local sensing
(secondary sensing point)


Similar Part No. - ISL8126

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8126 RENESAS-ISL8126 Datasheet
1Mb / 39P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
ISL8126CRZ RENESAS-ISL8126CRZ Datasheet
1Mb / 39P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
ISL8126EVAL1Z RENESAS-ISL8126EVAL1Z Datasheet
1Mb / 39P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
ISL8126IRZ RENESAS-ISL8126IRZ Datasheet
1Mb / 39P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
More results

Similar Description - ISL8126

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8126 RENESAS-ISL8126 Datasheet
1Mb / 39P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
logo
Intersil Corporation
ISL8120IR INTERSIL-ISL8120IR Datasheet
988Kb / 33P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
November 11, 2011
ISL8120CRZ INTERSIL-ISL8120CRZ Datasheet
1Mb / 38P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
February 9, 2015
ISL8120 INTERSIL-ISL8120 Datasheet
982Kb / 35P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
ISL8120IRZEC INTERSIL-ISL8120IRZEC Datasheet
892Kb / 33P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
logo
Renesas Technology Corp
ISL8120 RENESAS-ISL8120 Datasheet
1Mb / 39P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
ISL8120IR RENESAS-ISL8120IR Datasheet
1Mb / 33P
   Dual/n-Phase Buck PWM Controller with Integrated Driver
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com