Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL23318UFUZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL23318UFUZ
Description  Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23318UFUZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL23318UFUZ Datasheet HTML 6Page - Intersil Corporation ISL23318UFUZ Datasheet HTML 7Page - Intersil Corporation ISL23318UFUZ Datasheet HTML 8Page - Intersil Corporation ISL23318UFUZ Datasheet HTML 9Page - Intersil Corporation ISL23318UFUZ Datasheet HTML 10Page - Intersil Corporation ISL23318UFUZ Datasheet HTML 11Page - Intersil Corporation ISL23318UFUZ Datasheet HTML 12Page - Intersil Corporation ISL23318UFUZ Datasheet HTML 13Page - Intersil Corporation ISL23318UFUZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ISL23318
10
FN7887.0
July 26, 2011
FIGURE 5. 10k INL vs TAP POSITION, VCC = 5V
FIGURE 6. 50k INL vs TAP POSITION, VCC = 5V
FIGURE 7. 10k RDNL vs TAP POSITION, VCC = 5V
FIGURE 8. 50k RDNL vs TAP POSITION, VCC = 5V
FIGURE 9. 10k RINL vs TAP POSITION, VCC = 5V
FIGURE 10. 50k RINL vs TAP POSITION, VCC = 5V
Typical Performance Curves (Continued)
-0.4
-0.2
0
0.2
0.4
0
16
32
48
64
80
96
112
128
TAP POSITION (DECIMAL)
-0.16
-0.08
0
0.08
0.16
0
16
32
48
64
80
96
112
128
TAP POSITION (DECIMAL)
-0.4
-0.2
0
0.2
0.4
0
163248
648096
112
128
TAP POSITION (DECIMAL)
-0.10
-0.05
0
0.05
0.10
0
16
32486480
96
112
128
TAP POSITION (DECIMAL)
-0.4
-0.2
0
0.2
0.4
0
16
3248648096
112
128
TAP POSITION (DECIMAL)
-0.16
-0.08
0
0.08
0.16
0
16
3248648096
112
128
TAP POSITION (DECIMAL)


Similar Part No. - ISL23318UFUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23318UFUZ INTERSIL-ISL23318UFUZ Datasheet
725Kb / 19P
   Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
July 26, 2011
logo
Renesas Technology Corp
ISL23318UFUZ RENESAS-ISL23318UFUZ Datasheet
1,010Kb / 19P
   Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - ISL23318UFUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL23318 RENESAS-ISL23318 Datasheet
1,010Kb / 19P
   Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23318TFUZ INTERSIL-ISL23318TFUZ Datasheet
725Kb / 19P
   Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
July 26, 2011
logo
Renesas Technology Corp
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23418 INTERSIL-ISL23418 Datasheet
927Kb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL22316 RENESAS-ISL22316 Datasheet
934Kb / 16P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
ISL90726 RENESAS-ISL90726 Datasheet
441Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
ISL22316WM RENESAS-ISL22316WM Datasheet
206Kb / 3P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
ISL90727 RENESAS-ISL90727 Datasheet
436Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
ISL23315 INTERSIL-ISL23315 Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL22317 RENESAS-ISL22317 Datasheet
848Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com