Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS75LV Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS75LV
Description  Digital Thermometer and Thermostat
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS75LV Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS75LV Datasheet HTML 5Page - Maxim Integrated Products DS75LV Datasheet HTML 6Page - Maxim Integrated Products DS75LV Datasheet HTML 7Page - Maxim Integrated Products DS75LV Datasheet HTML 8Page - Maxim Integrated Products DS75LV Datasheet HTML 9Page - Maxim Integrated Products DS75LV Datasheet HTML 10Page - Maxim Integrated Products DS75LV Datasheet HTML 11Page - Maxim Integrated Products DS75LV Datasheet HTML 12Page - Maxim Integrated Products DS75LV Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DS75LV: Digital Thermometer and Thermostat
9 of 13
REGISTER POINTER
The four DS75LV registers each have a unique two-bit pointer designation, which is defined in Table 6. When
reading from or writing to the DS75LV, the user must “point” the DS75LV to the register that is to be accessed.
When reading from the DS75LV, once the pointer is set, it will remain pointed at the same register until it is
changed. For example, if the user desires to perform consecutive reads from the temperature register, then the
pointer only has to be set to the temperature register one time, after which all reads will automatically be from the
temperature register until the pointer value is changed. When writing to the DS75LV, the pointer value must be
refreshed each time a write is performed, even if the same register is being written to twice in a row.
At power-up, the pointer defaults to the temperature register location. The temperature register can be read
immediately without resetting the pointer.
Changes to the pointer setting are accomplished as described in the 2-WIRE SERIAL DATA BUS section of this
data sheet.
Table 6. Pointer Definition
REGISTER
P1
P0
Temperature
0
0
Configuration
0
1
THYST
1
0
TOS
1
1
2-WIRE SERIAL DATA BUS
The DS75LV communicates over a standard bi-directional 2-wire serial data bus that consists of a serial clock
(SCL) signal and serial data (SDA) signal. The DS75LV interfaces to the bus via the SCL input pin and open-drain
SDA I/O pin. All communication is MSb first.
The following terminology is used to describe 2-wire communication:
Master Device: Microprocessor/microcontroller that controls the slave devices on the bus. The master device
generates the SCL signal and START and STOP conditions.
Slave: All devices on the bus other than the master. The DS75LV always functions as a slave.
Bus Idle or Not Busy: Both SDA and SCL remain high. SDA is held high by a pullup resistor when the bus is idle,
and SCL must either be forced high by the master (if the SCL output is push-pull) or pulled high by a pullup resistor
(if the SCL output is open-drain).
Transmitter: A device (master or slave) that is sending data on the bus.
Receiver: A device (master or slave) that is receiving data from the bus.
START Condition: Signal generated by the master to indicate the beginning of a data transfer on the bus. The
master generates a START condition by pulling SDA from high to low while SCL is high (see Figure 6). A
“repeated” START is sometimes used at the end of a data transfer (instead of a STOP) to indicate that the master
will perform another operation.
STOP Condition: Signal generated by the master to indicate the end of a data transfer on the bus. The master
generates a STOP condition by transitioning SDA from low to high while SCL is high (see Figure 6). After the
STOP is issued, the master releases the bus to its idle state.
Acknowledge (ACK): When a device (either master or slave) is acting as a receiver, it must generate an
acknowledge (ACK) on the SDA line after receiving every byte of data. The receiving device performs an ACK by
pulling the SDA line low for an entire SCL period (see Figure 6). During the ACK clock cycle, the transmitting
device must release SDA. A variation on the ACK signal is the “not acknowledge” (NACK). When the master device
is acting as a receiver, it uses a NACK instead of an ACK after the last data byte to indicate that it is finished
receiving data. The master indicates a NACK by leaving the SDA line high during the ACK clock cycle.
Slave Address: Every slave device on the bus has a unique 7-bit address that allows the master to access that
device. The DS75LV’s 7-bit bus address is 1 0 0 1 A2 A1 A0, where A2, A1 and A0 are user-selectable via the
corresponding input pins. The three address pins allow up to eight DS75LVs to be multi-dropped on the same bus.


Similar Part No. - DS75LV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS75LVS MAXIM-DS75LVS Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS75LVS++ MAXIM-DS75LVS+ Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
DS75LVS+T&R MAXIM-DS75LVS+T&R Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
DS75LVSR MAXIM-DS75LVSR Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
More results

Similar Description - DS75LV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
022108
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
   Digital Thermometer and Thermostat
2015
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
   Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
   Digital Thermometer and Thermostat
090905
logo
Dallas Semiconductor
DS75 DALLAS-DS75_08 Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS7505 MAXIM-DS7505 Datasheet
148Kb / 14P
   Digital Thermometer and Thermostat
Rev 1; 3/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com