Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS80C310 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS80C310
Description  High-Speed Microcontroller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C310 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS80C310_09 Datasheet HTML 6Page - Dallas Semiconductor DS80C310_09 Datasheet HTML 7Page - Dallas Semiconductor DS80C310_09 Datasheet HTML 8Page - Dallas Semiconductor DS80C310_09 Datasheet HTML 9Page - Dallas Semiconductor DS80C310_09 Datasheet HTML 10Page - Dallas Semiconductor DS80C310_09 Datasheet HTML 11Page - Dallas Semiconductor DS80C310_09 Datasheet HTML 12Page - Dallas Semiconductor DS80C310_09 Datasheet HTML 13Page - Dallas Semiconductor DS80C310_09 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
DS80C310
10 of 22
PERIPHERAL OVERVIEW
The DS80C310 provides the same peripheral functions as the standard 80C32. The device is compatible
with the DS80C320, but it does not offer all the peripherals.
TIMER RATE CONTROL
There is one important difference between the DS80C310 and 8051 regarding timers. The original 8051
used 12 clocks per cycle for timers and machine cycles. The DS80C310 architecture normally uses 4
clocks per machine cycle. However, in the area of timers and serial ports, the DS80C310 defaults to 12
clocks per cycle on reset. This allows existing code with real-time dependencies such as baud rates to
operate properly.
If an application needs higher speed timers or serial baud rates, the user can select individual timers to run
at the 4-clock rate. The Clock Control Register (CKCON; 8Eh) determines these timer speeds. When the
relevant CKCON bit is logic 1, the DS80C310 uses 4 clocks per cycle to generate timer speeds. When the
bit is 0, the DS80C310 uses 12 clocks for timer speeds. The reset condition is 0. CKCON.5 selects the
speed of Timer 2. CKCON.4 selects Timer 1 and CKCON.3 selects Timer 0. Note that unless a user
desires very fast timing, it is unnecessary to alter these bits. Also note that the timer controls are
independent.
POWER-ON RESET
The DS80C310 holds itself in reset during a power-up until 65,536 clock cycles have elapsed. The power-
on reset used by the DS80C310 differs somewhat from other members of the high-speed microcontroller
family. The crystal oscillator can start anywhere between 1.0V and 4.5V, but is not specified. This
eliminates the need for an RC reset circuit. For voltage-specific precision-brownout detection, an external
component is needed. When the device goes through a power-on reset, the POR flag is set in the
WDCON (D8h) register at bit 6.
INTERRUPTS
The DS80C310 provides 10 interrupt sources with two priority levels. Software can assign high or low
priority to all sources. All interrupts that are new to the 8051 have a lower natural priority than the
originals.
Table 3. Interrupt Sources and Priorities
NAME
DESCRIPTION
VECTOR
NATURAL
PRIORITY
INT0
External Interrupt 0
03h
1
TF0
Timer 0
0Bh
2
INT1
External Interrupt 1
13h
3
TF1
Timer 1
1Bh
4
SCON
T1 or R1 from the serial port
23h
5
TF2
Timer 2
2Bh
6
INT2
External Interrupt 2
43h
7
INT3
External Interrupt 3
4Bh
8
INT4
External Interrupt 4
53h
9
INT5
External Interrupt 5
5Bh
10


Similar Part No. - DS80C310_09

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C310-ECG DALLAS-DS80C310-ECG Datasheet
1Mb / 23P
   High-Speed Micro
DS80C310-ECG DALLAS-DS80C310-ECG Datasheet
333Kb / 21P
   High-Speed Micro
logo
Maxim Integrated Produc...
DS80C310-ECG MAXIM-DS80C310-ECG Datasheet
382Kb / 22P
   High-Speed Microcontroller
19-4859 ; Rev 8/09
DS80C310-ECG++ MAXIM-DS80C310-ECG+ Datasheet
382Kb / 22P
   High-Speed Microcontroller
19-4859 ; Rev 8/09
logo
Dallas Semiconductor
DS80C310-ECL DALLAS-DS80C310-ECL Datasheet
1Mb / 23P
   High-Speed Micro
More results

Similar Description - DS80C310_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS80C310 MAXIM-DS80C310 Datasheet
382Kb / 22P
   High-Speed Microcontroller
19-4859 ; Rev 8/09
logo
Dallas Semiconductor
DS89C420 DALLAS-DS89C420 Datasheet
539Kb / 59P
   Ultra-High-Speed Microcontroller
DS5240 DALLAS-DS5240 Datasheet
43Kb / 3P
   High-Speed Secure Microcontroller
logo
Maxim Integrated Produc...
DS89C420 MAXIM-DS89C420_05 Datasheet
485Kb / 47P
   Ultra-High-Speed Microcontroller
REV: 081805
logo
Dallas Semiconductor
DS5250 DALLAS-DS5250_04 Datasheet
123Kb / 3P
   High-Speed Secure Microcontroller
DS5250-DS5250F DALLAS-DS5250-DS5250F Datasheet
123Kb / 3P
   High-Speed Secure Microcontroller
logo
Maxim Integrated Produc...
DS89C420 MAXIM-DS89C420_02 Datasheet
669Kb / 58P
   Ultra-High-Speed Microcontroller
051302
logo
Dallas Semiconductor
DS80C320-MCG DALLAS-DS80C320-MCG Datasheet
1Mb / 175P
   High-Speed Microcontroller User Guide
logo
List of Unclassifed Man...
KL5C80A12 ETC-KL5C80A12 Datasheet
252Kb / 1P
   Z80 COMPATIBLE HIGH SPEED MICROCONTROLLER
logo
OKI electronic componet...
MSM6408 OKI-MSM6408 Datasheet
147Kb / 19P
   High speed and High performance 4-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com