Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL23348TFVZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL23348TFVZ
Description  Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23348TFVZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL23348TFVZ Datasheet HTML 7Page - Intersil Corporation ISL23348TFVZ Datasheet HTML 8Page - Intersil Corporation ISL23348TFVZ Datasheet HTML 9Page - Intersil Corporation ISL23348TFVZ Datasheet HTML 10Page - Intersil Corporation ISL23348TFVZ Datasheet HTML 11Page - Intersil Corporation ISL23348TFVZ Datasheet HTML 12Page - Intersil Corporation ISL23348TFVZ Datasheet HTML 13Page - Intersil Corporation ISL23348TFVZ Datasheet HTML 14Page - Intersil Corporation ISL23348TFVZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ISL23348
11
FN7903.1
August 24, 2011
FIGURE 9. 10kΩ RINL vs TAP POSITION, VCC = 3.3V, +25°C
FIGURE 10. 50kΩ RINL vs TAP POSITION, VCC = 3.3V, +25°C
FIGURE 11. 10kΩ WIPER RESISTANCE vs TAP POSITION, VCC = 3.3V
FIGURE 12. 50kΩ WIPER RESISTANCE vs TAP POSITION, VCC = 3.3V
FIGURE 13. 10kΩ TCv vs TAP POSITION, VCC = 3.3V
FIGURE 14. 50kΩ TCv vs TAP POSITION, VCC = 3.3V
Typical Performance Curves (Continued)
 
TAP POSITION (DECIMAL)
0.00
0.05
0.15
0.20
0.30
0.10
0.25
0
32
64
96
128
 
TAP POSITION (DECIMAL)
0
32
64
96
128
-0.08
-0.04
0.00
0.08
0.04
 
+125°C
-40°C
+25°C
TAP POSITION (DECIMAL)
032
64
96
128
0
20
40
60
80
100
 
TAP POSITION (DECIMAL)
0
32
64
96
128
+125°C
-40°C
+25°C
0
20
40
60
80
100
120
 
15
43
71
99
127
0
50
100
150
200
TAP POSITION (DECIMAL)
 
TAP POSITION (DECIMAL)
15
43
71
99
127
0
10
20
30
40


Similar Part No. - ISL23348TFVZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL23348TFVZ RENESAS-ISL23348TFVZ Datasheet
1Mb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 24, 2011
More results

Similar Description - ISL23348TFVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23448 INTERSIL-ISL23448 Datasheet
754Kb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23348 RENESAS-ISL23348 Datasheet
1Mb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 24, 2011
ISL23448 RENESAS-ISL23448 Datasheet
1Mb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 19, 2011
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23418 INTERSIL-ISL23418 Datasheet
927Kb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428 INTERSIL-ISL23428 Datasheet
645Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23328TFVZ INTERSIL-ISL23328TFVZ Datasheet
693Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 29, 2015
ISL23428TFVZ INTERSIL-ISL23428TFVZ Datasheet
702Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23328 RENESAS-ISL23328 Datasheet
1Mb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428 RENESAS-ISL23428 Datasheet
1Mb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com