Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC928 Datasheet(PDF) 7 Page - Sharp Corporation

Part # PC928
Description  Shortcircuit Protector Circuit Built-in OPIC Photocoupler Suitable for Inverter-Driving IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC928 Datasheet(HTML) 7 Page - Sharp Corporation

Back Button PC928 Datasheet HTML 2Page - Sharp Corporation PC928 Datasheet HTML 3Page - Sharp Corporation PC928 Datasheet HTML 4Page - Sharp Corporation PC928 Datasheet HTML 5Page - Sharp Corporation PC928 Datasheet HTML 6Page - Sharp Corporation PC928 Datasheet HTML 7Page - Sharp Corporation PC928 Datasheet HTML 8Page - Sharp Corporation PC928 Datasheet HTML 9Page - Sharp Corporation PC928 Datasheet HTML 10Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Fig. 7 O1 Low Level Output Voltage vs.
Ambient Temperature
- 25
0
25
50
75
100
0.25
0.20
0.15
0.10
0.05
0.00
IO1 = 0.1A
0
255075
100
-25
10 -6
10 -7
10 -8
10 -9
35
30
25
20
15
10
5
15
18
21
24
27
30
Ta = 25˚C
IF = 10mA
IO2 = - 0.1A
24
23
22
21
20
19
- 25
0
25
50
75
100
VCC = 24V
IF = 10mA
- 0.1A
10
1
0.1
0.01
0.01
0.1
1
VCC = 24V
Ta = 25˚C
Fig. 8 O1 Leak Current vs. Ambient
Temperature
PC928
- 25
0
25
50
75
100
VCC = 24V
IF = 10mA
0.8
0.9
1
1.1
1.2
1.3
IO2= 0.1A
VCC1 = 12V
VCC2 = - 12V
IF = 10mA
Ambient temperature Ta (˚C )
Ambient temperature Ta (˚C )
Supply voltage V
(V)
CC
Ambient temperature Ta (˚C )
IO2 =0A
Output current IO2 (A)
Ambient temperature Ta (˚C )
Fig. 12 O2 Low Level Output Voltage vs.
Ambient Temperature
Fig. 9 O2 High Level Output Voltage vs.
Supply Voltage
Fig. 10 O2 High Level Output Voltage vs.
Ambient Temperature
Fig. 11 O2 Low Level Output Voltage vs.
Output Current


Similar Part No. - PC928

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC920 SHARP-PC920 Datasheet
150Kb / 5P
   Power OPIC Photocoupler
PC921 SHARP-PC921 Datasheet
192Kb / 6P
   HIGH POWER OPIC PHOTOCOUPLER
PC922 SHARP-PC922 Datasheet
86Kb / 6P
   High Power OPIC Photocoupler
PC923 SHARP-PC923 Datasheet
86Kb / 6P
   High Speed Photocoupler for MOS-FET / IGBT Drive
PC923L SHARP-PC923L Datasheet
322Kb / 18P
   High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
More results

Similar Description - PC928

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC929 SHARP-PC929 Datasheet
95Kb / 6P
   Shortcircuit Protector Circuit Built-in Photocoupler Suitable for Inverter-Driving MOS-FET/IGBT
PC924X SHARP-PC924X Datasheet
46Kb / 3P
   OPIC Photocoupler for IGBT Drive of Inverter
PC924 SHARP-PC924 Datasheet
85Kb / 6P
   OPIC Photocoupler for IGBT Drive of Inverter
PC906 SHARP-PC906 Datasheet
83Kb / 7P
   DC Input Type OPIC Photocoupler with Built-in ON/OFF Delay Circuit
logo
NEC
PS9634 NEC-PS9634 Datasheet
123Kb / 12P
   POWER TRANSISTOR DRIVING BASE AMPLIFIER BUILT-IN TYPE PHOTOCOUPLER
logo
Sharp Corporation
PC923XI SHARP-PC923XI Datasheet
50Kb / 3P
   High Speed OPIC Photocoupler for MOS-FET/IGBT Drive
PC923X SHARP-PC923X Datasheet
46Kb / 3P
   OPIC Photocoupler
PC904 SHARP-PC904 Datasheet
82Kb / 6P
   Built-in Voltage Detection Circuit Type Photocoupler
PC920 SHARP-PC920 Datasheet
150Kb / 5P
   Power OPIC Photocoupler
logo
Powerex Power Semicondu...
M57962K POWEREX-M57962K Datasheet
356Kb / 6P
   Hybrid Integrated Circuit For Driving IGBT Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com