Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL61863BIRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL61863BIRZ
Description  USB Port Power Supply Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL61863BIRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL61863BIRZ Datasheet HTML 3Page - Intersil Corporation ISL61863BIRZ Datasheet HTML 4Page - Intersil Corporation ISL61863BIRZ Datasheet HTML 5Page - Intersil Corporation ISL61863BIRZ Datasheet HTML 6Page - Intersil Corporation ISL61863BIRZ Datasheet HTML 7Page - Intersil Corporation ISL61863BIRZ Datasheet HTML 8Page - Intersil Corporation ISL61863BIRZ Datasheet HTML 9Page - Intersil Corporation ISL61863BIRZ Datasheet HTML 10Page - Intersil Corporation ISL61863BIRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ISL6186
7
FN7698.1
September 1, 2011
Introduction
The ISL6186 is a single channel overcurrent (OC) fault protection
IC for the +2.5V to +5V environment. Each ISL6186 has a 45m
Ω
P-channel MOSFET power switch for power control. An enabling
input and fault reporting output compatible with 2.5V to 5V logic
allows for external control and reporting. This device features an
integrated power switch with current monitoring, accurate
current limiting, reverse bias protection, and current limited
timed delay to turn-off for system reliability. See Figures 11
through 27 for typical operational waveforms including both
undercurrent and overcurrent situations.
The ISL6186 offers current sense and limiting with VIN =5V to
guarantee continuous current levels of 1.5A, 3A and 3.6A, making
these devices well suited for a myriad of USB and other low-power
(18W max) port power management applications and
configurations.
The ISL6186 also provides thermally insensitive timed OC turn-off
and fault notification, isolating and protecting the voltage bus in the
event of a peripheral OC or short circuit independent of the ambient
thermal condition.
The ISL6186 undervoltage lockout feature prevents turn-on of
the output unless the correct ENABLE state and VIN > VUVLO are
present. During initial turn-on, the ISL6186 prevents false fault
reporting by blanking the fault signal.
During operation, once an OC condition is detected, the output
is current limited for tCL to allow transient OC conditions to
pass. If still in current limit after the current limit period has
elapsed, the output is then turned off and the fault is reported
by pulling the FAULT output low. On the latch-off options, after
turn-off, both the output and the FAULT signal are latched low
until reset by the enable signal being de-asserted or a POR
occurring. At this time, the FAULT signal will clear and the
switch is ready to be turned back on. On the auto restart
options, the ISL6186 will attempt to periodically turn on the
output as long as the enable is asserted.
When disabled, the ISL6186 has a low quiescent supply current
and output to input reverse current flow blocking capability.
The ISL6186 family is provided with enable polarity options and
an industry standard 8 Ld SOIC pinout along with two versions in
the 70% smaller 3x3 DFN. The 8 Ld DFN package offers the
same performance as the 8 Ld SOIC whereas the 10 Ld DFN
offers higher current capability in the smallest possible package
due to its lower package electrical and thermal resistance.
Additionally, the 10 Ld DFN has a Power-Good output PGD that
pulls low 40ms after VOUT>90% of VIN and rises after VOUT<85%
of VIN.
Ren_h
ENABLE Pull-Down Resistor
Enable asserted high options
0.6
1
1.55
M
Ω
Ren_l
ENABLE Pull-Up Resistor
Enable asserted low options
0.6
1
1.55
M
Ω
tON
Enable to Output Turn-on Time
RL = 10Ω, CL = 10µF, Enable 50% to Output 90%
-
0.1
-
ms
tOFF
Enable to Output Turn-off Time
RL = 10Ω, CL = 10µF, Enable 50% to Output 10%
-
0.25
-
ms
tpdPGr
Enable to Power Good Output Rising
Time
Disable to Power-Good De-assert
-
30
-
ns
PG Vth
Power Good Threshold
PGD pulls low when VOUT/VIN
88
91
95
%
PGN Vth
Power Not Good Threshold
PGD release high when VOUT/VIN
78
86
93
%
tVthr2PG
PG Vth to PG Falling
PG delay after PG Vth
-
1.5
-
µs
tVthf2PG
PGN Vth to PG Rising
PG delay after PGN Vth
-
45
-
µs
BIAS PARAMETERS
IVDD
Enabled VIN Current
Switches Closed, OUTPUT = OPEN
-
57
75
µA
IVDD
Disabled VIN Current
Switches Open, OUTPUT = OPEN
-
3.5
5.5
µA
VUVLO
Rising POR Threshold
VIN Rising to functional operation
-
2.1
2.3
V
IVR
Reverse Blocking Leakage Current
VIN = 0V, VOUT = 5V
-
0.3
2.0
µA
Temp_dis
Over-Temperature Disable
-
150
-
°C
Temp_hys
Over-Temperature Hysteresis
-
20
-
°C
NOTE:
8. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications VIN = 5V, TA = TJ, Unless Otherwise Specified. Boldface limits apply over the operating temperature
range, 0°C to +75°C or -40°C to +85°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS


Similar Part No. - ISL61863BIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL61863BCRZ RENESAS-ISL61863BCRZ Datasheet
873Kb / 18P
   USB Port Power Supply Controller
More results

Similar Description - ISL61863BIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
   USB Port Power Supply Controller
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
ISL6185 INTERSIL-ISL6185_11 Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com