Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL58333 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL58333
Description  Wide Optical Spectrum Laser Power Monitor IC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL58333 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL58333 Datasheet HTML 1Page - Intersil Corporation ISL58333 Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Wide Optical Spectrum Laser Power Monitor IC
ISL58333
The ISL58333 photo sensor IC has a wide optical spectral
sensitivity from 400nm to 1000nm. It is good for multiple light
source applications, such as laser based projectors. The
ISL58333 has two banks of three sets of gain registers. For a
Pico-Projector application, the two banks of gain resistors can be
used to monitor bias level and peak level of each wavelength.
Bank switching is done by applying a TTL compatible logic signal
to the HL pin. The three sets of gain registers can be used to
adjust optical-to-electrical conversion gain for each RED, GREEN,
and BLUE laser or any wavelength in a spectral range for
application. The ISL58333 is a single die device that has a photo
detector of 0.7mm diameter in the center of the die. The photo
current signal is amplified through the TIA, fine gain amplifier,
and the output drivers to convert from current to voltage. The
output of ISL58333 can be configured to be either differential or
single-ended. Gain changing according to each wavelength is
done through the I2C serial interface. Registers can be updated
in real time while the device is in operation.
The ISL58333 operates from a single +3.3V supply. It is available
in a space-saving 9-ball glass top BGA package.
Related Literature
•See TB478 “PCB Assembly Guidelines for Shell-Op 3D Package”
Features
• High Sensitivity from 400nm to 1000nm with Patented
Technology for Improved Blue Photo Response
• Differential Voltage Output or Single-Ended Output
• Internal Output Reference or External Output Reference
• Serial Interface for Gain Calibration
• Fast Settling Time < 20ns
• Wide Signal Bandwidth > 80MHz
• Wide Signal Gain Dynamic Range > 20dB
•Low Power Consumption
• Low Output Offset < 50mV
• Small 9-Ball Optical Chip Scale Package (OCSP)
(2.2mmx2.2mm)
•I2C Serial Interface
Applications
• Optical Power Monitoring
• Laser Based Pico-Projectors or Projection TV
• Laser Auto Power Control for Laser Based Application
• White Balance for LED Based LCoS and DLP Pico Projectors
Get Full Datasheet
ITO
DRIVER
LCOS
DRIVER
LASER DIODE
DRIVER
POWER CONVERTER
DIGITAL CIRCUITS
DC/DC
LASER
DIODE
VIDEO
FRONT END
&
VIDEO
PROCESSOR
MCU
OEIC
ISL58333
OPTIC FEEDBACK
FIGURE 1. APPLICATIONS BLOCK DIAGRAM
October 13, 2011
FN7664.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL58333

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL58333 INTERSIL-ISL58333 Datasheet
139Kb / 2P
   Wide Optical Spectrum Laser Power Monitor IC
More results

Similar Description - ISL58333

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL58327 INTERSIL-ISL58327 Datasheet
346Kb / 15P
   Wide Optical Spectrum Laser Power Monitor IC
July 29, 2013
ISL58333 INTERSIL-ISL58333 Datasheet
139Kb / 2P
   Wide Optical Spectrum Laser Power Monitor IC
logo
Renesas Technology Corp
ISL58327 RENESAS-ISL58327 Datasheet
650Kb / 15P
   Wide Optical Spectrum Laser Power Monitor IC
ISL58334 RENESAS-ISL58334 Datasheet
196Kb / 2P
   3V Wide Optical Spectrum Laser Power Monitor IC
ISL58328 RENESAS-ISL58328 Datasheet
634Kb / 14P
   5V Wide Optical Spectrum Laser Power Monitor IC
logo
ON Semiconductor
ENA1919 ONSEMI-ENA1919 Datasheet
108Kb / 9P
   Front Monitor OE-IC for Optical Pickups
June, 2013
logo
Rohm
BH1790GLC ROHM-BH1790GLC Datasheet
1Mb / 26P
   Optical Sensor for Heart Rate Monitor IC
BH1792GLC ROHM-BH1792GLC Datasheet
2Mb / 31P
   Optical Sensor for Heart Rate Monitor IC
logo
KODENSHI_AUK CORP.
KOM-1020 KODENSHI-KOM-1020 Datasheet
243Kb / 1P
   Power Monitor IC
logo
ON Semiconductor
ENA1823 ONSEMI-ENA1823 Datasheet
100Kb / 7P
   Front Monitor OE-IC for Optical Pickups
June, 2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com