Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL70227SRH Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL70227SRH
Description  36V Rad Hard Dual Precision Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70227SRH Datasheet(HTML) 4 Page - Intersil Corporation

  ISL70227SRH Datasheet HTML 1Page - Intersil Corporation ISL70227SRH Datasheet HTML 2Page - Intersil Corporation ISL70227SRH Datasheet HTML 3Page - Intersil Corporation ISL70227SRH Datasheet HTML 4Page - Intersil Corporation ISL70227SRH Datasheet HTML 5Page - Intersil Corporation ISL70227SRH Datasheet HTML 6Page - Intersil Corporation ISL70227SRH Datasheet HTML 7Page - Intersil Corporation ISL70227SRH Datasheet HTML 8Page - Intersil Corporation ISL70227SRH Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ISL70227SRH
4
FN7925.1
September 23, 2011
IS
Supply Current/Amplifier
-
2.2
2.8
mA
-
-
3.7
mA
ISC
Short-Circuit
RL = 0Ω to ground
-
±45
-
mA
VSUPPLY
Supply Voltage Range
Guaranteed by PSRR
±2.25
-
±15
V
AC SPECIFICATIONS
GBW
Gain Bandwidth Product
-
10
-
MHz
enp-p
Voltage Noise
0.1Hz to 10Hz
-
85
-
nVP-P
en
Voltage Noise Density
f = 10Hz
-
3
-
nV/
√Hz
en
Voltage Noise Density
f = 100Hz
-
2.8
-
nV/
√Hz
en
Voltage Noise Density
f = 1kHz
-
2.5
-
nV/
√Hz
en
Voltage Noise Density
f = 10kHz
-
2.5
-
nV/
√Hz
in
Current Noise Density
f = 10kHz
-
0.4
-
pA/
√Hz
THD + N
Total Harmonic Distortion + Noise
1kHz, G = 1, VO = 3.5VRMS,
RL = 2kΩ
-
0.00022
-
%
TRANSIENT RESPONSE
SR
Slew Rate
AV = 10, RL = 2kΩ, VO = 4VP-P
-
±3.6
-
V/µs
tr, tf, Small
Signal
Rise Time
10% to 90% of VOUT
AV = -1, VOUT = 100mVP-P,
Rf = Rg = 2kΩ, RL = 2kΩ to VCM
-
36
-
ns
Fall Time
90% to 10% of VOUT
AV = -1, VOUT = 100mVP-P,
Rf = Rg = 2kΩ, RL = 2kΩ to VCM
-
38
-
ns
ts
Settling Time to 0.1%
10V Step; 10% to VOUT
AV = -1, VOUT = 10VP-P,
Rg = Rf = 10k, RL = 2kΩ to VCM
-
3.4
-
µs
Settling Time to 0.01%
10V Step; 10% to VOUT
AV = -1, VOUT = 10VP-P,
RL = 2kΩ to VCM
-
3.8
-
µs
tOL
Output Overload Recovery Time
AV = 100, VIN = 0.2V,
RL = 2kΩ to VCM
-
1.7
-
µs
Electrical Specifications V
S ±5V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply over the operating
temperature range, -55°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 5)
TYP
MAX
(Note 5)
UNIT
VOS
Offset Voltage
-
-10
-
µV
TCVOS
Offset Voltage Drift
-
.1
-
µV/
°C
IOS
Input Offset Current
-
1
-
nA
IB
Input Bias Current
-1-
nA
CMRR
Common-Mode Rejection Ratio
VCM = -3V to +3V
-
120
-
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.25V to ±5V
-
125
-
dB
AVOL
Open-Loop Gain
VO = -3V to +3V
RL = 10kΩ to ground
-
1500
-
V/mV
VOH
Output Voltage High
RL = 10kΩ to ground
-
3.65
-
V
RL = 2kΩ to ground
-
3.5
-
Electrical Specifications V
S ±15V, VCM = 0, VO = 0V, RL = Open, TA = +25°C, unless otherwise noted. Boldface limits apply over the
operating temperature range, -55°C to +125°C, and over the radiation tolerance limit with exposure at a high dose rate. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 5)
TYP
MAX
(Note 5)
UNIT


Similar Part No. - ISL70227SRH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70227SRH RENESAS-ISL70227SRH Datasheet
1Mb / 14P
   36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
ISL70227SRHF RENESAS-ISL70227SRHF Datasheet
1Mb / 14P
   36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
ISL70227SRHMF RENESAS-ISL70227SRHMF Datasheet
1Mb / 14P
   36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
ISL70227SRHMX RENESAS-ISL70227SRHMX Datasheet
1Mb / 14P
   36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
ISL70227SRHX RENESAS-ISL70227SRHX Datasheet
1Mb / 14P
   36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
More results

Similar Description - ISL70227SRH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70227SEH INTERSIL-ISL70227SEH Datasheet
1Mb / 18P
   36V Rad Hard Dual Precision Operational Amplifier
logo
STMicroelectronics
RHF484 STMICROELECTRONICS-RHF484 Datasheet
317Kb / 18P
   Rad-hard precision quad operational amplifier
RHF43B STMICROELECTRONICS-RHF43B_11 Datasheet
654Kb / 16P
   Rad-hard precision bipolar single operational amplifier
logo
Intersil Corporation
ISL70218SRH INTERSIL-ISL70218SRH Datasheet
943Kb / 18P
   Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL70218SEH INTERSIL-ISL70218SEH Datasheet
1Mb / 20P
   Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
logo
Renesas Technology Corp
ISL70227SEH RENESAS-ISL70227SEH Datasheet
1Mb / 18P
   36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
ISL70227SRH RENESAS-ISL70227SRH Datasheet
1Mb / 14P
   36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
logo
Anaren Microwave
MSK198RHL ANAREN-MSK198RHL Datasheet
453Kb / 7P
   RAD HARD DUAL PRECISION OP-AMP
logo
Intersil Corporation
HS-22620RH INTERSIL-HS-22620RH Datasheet
45Kb / 4P
   Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational Amplifier
logo
STMicroelectronics
RHF330A STMICROELECTRONICS-RHF330A Datasheet
810Kb / 26P
   Rad-hard 1 GHz low noise operational amplifier
Rev 8 - February 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com