Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL70227SRHF Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL70227SRHF
Description  36V Rad Hard Dual Precision Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70227SRHF Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL70227SRHF Datasheet HTML 5Page - Intersil Corporation ISL70227SRHF Datasheet HTML 6Page - Intersil Corporation ISL70227SRHF Datasheet HTML 7Page - Intersil Corporation ISL70227SRHF Datasheet HTML 8Page - Intersil Corporation ISL70227SRHF Datasheet HTML 9Page - Intersil Corporation ISL70227SRHF Datasheet HTML 10Page - Intersil Corporation ISL70227SRHF Datasheet HTML 11Page - Intersil Corporation ISL70227SRHF Datasheet HTML 12Page - Intersil Corporation ISL70227SRHF Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ISL70227SRH
9
FN7925.1
September 23, 2011
FIGURE 20. VOH vs OUTPUT CURRENT
FIGURE 21. OPEN-LOOP GAIN, PHASE vs FREQUENCY, RL =10kΩ,
CL = 10pF
FIGURE 22. VOL vs OUTPUT CURRENT
FIGURE 23. OPEN-LOOP GAIN, PHASE vs FREQUENCY, RL =10kΩ,
CL = 100pF
FIGURE 24. FREQUENCY RESPONSE vs CLOSED LOOP GAIN
FIGURE 25. GAIN vs FREQUENCY vs TEMPERATURE
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
0.0001
0.001
0.01
0.1
1
10
OUTPUT CURRENT (mA)
VOUT (V) 0°C
VOUT (V) +25°C
VOUT (V) +125°C
VOUT (V) -55°C
AV = 10,
VIN = 1.31V
VS = ±15V
FREQUENCY (Hz)
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
200
0.1m 1m 10m 100m 1
10 100 1k 10k 100k 1M 10M 100M
RL = 10k
SIMULATION
CL = 10pF
GAIN
PHASE
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0.0001
0.001
0.01
0.1
1
10
VOUT (V) 0°C
VOUT (V) +25°C
VOUT (V) +125°C
VOUT (V) -55°C
OUTPUT CURRENT (mA)
AV = 10,
VIN = - 1.31V
VS = ±15V
FREQUENCY (Hz)
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
200
0.1m 1m 10m 100m 1
10 100 1k 10k 100k 1M 10M 100M
RL = 10k
SIMULATION
CL = 100pF
GAIN
PHASE
FREQUENCY (Hz)
100k
1M
10M
100M
10k
1k
-10
0
10
20
30
40
50
60
70
100
AV = 1
AV = 100
AV = 1000
VS = ±15V
VOUT = 100mVP-P
CL = 3.5pF
RL = INF
Rg = 100, Rf = 100k
Rg = 10k, Rf = 100k
AV = 10
Rg = 1k, Rf = 100k
Rg = OPEN, Rf = 0
11
12
13
14
15
16
17
18
19
20
21
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AV = 10,
VOUT = 100mVP-P,
VS = +-15V, RL = 2kΩ
+25°C
-60°C
+125°C
+130°C


Similar Part No. - ISL70227SRHF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70227SRHF RENESAS-ISL70227SRHF Datasheet
1Mb / 14P
   36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
More results

Similar Description - ISL70227SRHF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70227SEH INTERSIL-ISL70227SEH Datasheet
1Mb / 18P
   36V Rad Hard Dual Precision Operational Amplifier
logo
STMicroelectronics
RHF484 STMICROELECTRONICS-RHF484 Datasheet
317Kb / 18P
   Rad-hard precision quad operational amplifier
RHF43B STMICROELECTRONICS-RHF43B_11 Datasheet
654Kb / 16P
   Rad-hard precision bipolar single operational amplifier
logo
Intersil Corporation
ISL70218SRH INTERSIL-ISL70218SRH Datasheet
943Kb / 18P
   Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL70218SEH INTERSIL-ISL70218SEH Datasheet
1Mb / 20P
   Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
logo
Renesas Technology Corp
ISL70227SEH RENESAS-ISL70227SEH Datasheet
1Mb / 18P
   36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
ISL70227SRH RENESAS-ISL70227SRH Datasheet
1Mb / 14P
   36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
logo
Anaren Microwave
MSK198RHL ANAREN-MSK198RHL Datasheet
453Kb / 7P
   RAD HARD DUAL PRECISION OP-AMP
logo
Intersil Corporation
HS-22620RH INTERSIL-HS-22620RH Datasheet
45Kb / 4P
   Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational Amplifier
logo
STMicroelectronics
RHF330A STMICROELECTRONICS-RHF330A Datasheet
810Kb / 26P
   Rad-hard 1 GHz low noise operational amplifier
Rev 8 - February 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com