Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78200 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL78200
Description  2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78200 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL78200 Datasheet HTML 1Page - Intersil Corporation ISL78200 Datasheet HTML 2Page - Intersil Corporation ISL78200 Datasheet HTML 3Page - Intersil Corporation ISL78200 Datasheet HTML 4Page - Intersil Corporation ISL78200 Datasheet HTML 5Page - Intersil Corporation ISL78200 Datasheet HTML 6Page - Intersil Corporation ISL78200 Datasheet HTML 7Page - Intersil Corporation ISL78200 Datasheet HTML 8Page - Intersil Corporation ISL78200 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
2.5A Regulator with Integrated High-Side MOSFET for
Synchronous Buck or Boost Buck Converter
ISL78200
The ISL78200 is a synchronous buck controller with a 90mΩ
high side MOSFET and low side driver integrated. The ISL78200
supports a wide input voltage range from 3V to 40V. Regarding
the output current capability, the ISL78200 can typically support
a continuous load of 2.5A under conditions of 5V VOUT, VIN
range of 8V to 36V, 500kHz, +85°C ambient temperature with
still air. For any specific application, the actual maximum output
current depends upon the die temperature not exceeding
+125°C with the power dissipated in the IC, which is related to
input voltage, output voltage, duty cycle, switching frequency,
ambient temperature and board layout, etc. Refer to the Output
Current section on page 14 for more details.
The ISL78200 has flexible selection of operation modes of
forced PWM mode and PFM mode. In PFM mode, the
quiescent input current is as low as 300µA and can be further
reduced to 180µA with AUXVCC connected to VOUT under 12V
VIN and 5V VOUT application. The load boundary between PFM
and PWM can be programmed to cover wide applications.
The low side driver can be either used to drive an external low
side MOSFET for a synchronous buck, or left unused for a
standard non-synchronous buck. The low side driver can also
be used to drive a boost converter as a pre-regulator that
greatly expands the operating input voltage range down to 3V
or lower (refer to “Typical Application Schematic III - Boost
Buck Converters” on page 5).
The ISL78200 offers the most robust current protections. It
uses peak current mode control with cycle-by-cycle current
limiting. It is implemented with frequency foldback under
current limit condition; in addition, the hiccup overcurrent
mode is also implemented to guarantee reliable operations
under harsh short conditions.
The ISL78200 has comprehensive protections against various faults
including overvoltage and over-temperature protections, etc.
Features
• Ultra Wide Input Voltage Range 3V to 40V
• Selectable Mode Operation
- Forced PWM Mode
-PFM Mode
- Programmable Current Boundary between PFM and PWM
Modes
• 300µA IC Quiescent Current (PFM, No Load); 180µA Input
Quiescent Current (PFM, No Load, VOUT Connected to AUXVCC)
• Less than 3µA Standby Input Current (IC Disabled)
• Operational Topologies
-Synchronous Buck
-Non-Synchronous Buck
-Two Stage Boost Buck
• Programmable Frequency from 200kHz - 2.2MHz and
Frequency Synchronization Capability
±1% Tight Voltage Regulation Accuracy
• Reliable Cycle by Cycle Overcurrent Protection
- Temperature Compensated Current Sense
- Frequency Foldback
- Programmable OC Limit
-Hiccup Mode Protection in Worst Case Short Condition
• 20 Ld HTSSOP Package
• Pb-Free (RoHS Compliant)
Applications
• Automotive Applications
• General Purpose Power Regulator
• 24V Bus Power
•Battery Power
• Embedded Processor and I/O Supplies
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. EFFICIENCY, SYNCHRONOUS BUCK, PFM MODE,
VOUT 5V, TA = +25°C
VOUT
ISL78200
VCC
SGND
MODE
BOOT
VIN
PHASE
PGND
FS
EXT_BOOST
EN
FB
COMP
VIN
AUXVCC
LGATE
ILIMIT
SS
SYNC
PGOOD
50
55
60
65
70
75
80
85
90
95
100
0.1m
1m
10m
100m
1
2.5
LOAD CURRENT (A)
6V VIN
12V VIN
24V VIN
40V VIN
September 22, 2011
FN7641.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL78200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78200 RENESAS-ISL78200 Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL78200 INTERSIL-ISL78200 Datasheet
978Kb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
December 24, 2013
ISL78200AVEZ INTERSIL-ISL78200AVEZ Datasheet
978Kb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
December 24, 2013
logo
Renesas Technology Corp
ISL78200AVEZ RENESAS-ISL78200AVEZ Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL78200EVAL1Z INTERSIL-ISL78200EVAL1Z Datasheet
978Kb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
December 24, 2013
More results

Similar Description - ISL78200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85402 RENESAS-ISL85402 Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL85402 INTERSIL-ISL85402 Datasheet
901Kb / 18P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78200AVEZ INTERSIL-ISL78200AVEZ Datasheet
978Kb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
December 24, 2013
logo
Renesas Technology Corp
ISL78200 RENESAS-ISL78200 Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL85402IRZ-TK INTERSIL-ISL85402IRZ-TK Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL85403 INTERSIL-ISL85403 Datasheet
966Kb / 24P
   2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
March 13, 2015
logo
Renesas Technology Corp
ISL85403 RENESAS-ISL85403 Datasheet
1Mb / 24P
   2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78201 RENESAS-ISL78201 Datasheet
1Mb / 23P
   40V 2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL78201AVEZ INTERSIL-ISL78201AVEZ Datasheet
917Kb / 23P
   40V 2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
March 31, 2015
logo
Altera Corporation
ER3125QI ALTERA-ER3125QI Datasheet
2Mb / 30P
   MOSFET for Synchronous Buck or Boost Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com