Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL62383HRTZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL62383HRTZ
Description  High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62383HRTZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL62383HRTZ Datasheet HTML 1Page - Intersil Corporation ISL62383HRTZ Datasheet HTML 2Page - Intersil Corporation ISL62383HRTZ Datasheet HTML 3Page - Intersil Corporation ISL62383HRTZ Datasheet HTML 4Page - Intersil Corporation ISL62383HRTZ Datasheet HTML 5Page - Intersil Corporation ISL62383HRTZ Datasheet HTML 6Page - Intersil Corporation ISL62383HRTZ Datasheet HTML 7Page - Intersil Corporation ISL62383HRTZ Datasheet HTML 8Page - Intersil Corporation ISL62383HRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
FN6665.5
May 13, 2011
VCC2 POR Threshold
Rising edge
4.35
4.45
4.55
V
Falling edge
4.10
4.20
4.30
V
PWM
Reference Voltage (Note 6)
-0.6
-
V
Regulation Accuracy
VOUT regulated to 0.6V
-1
-
1
%
FB Input Bias Current
FB = 0.6V
-10
-
30
nA
Frequency Range
200
-
600
kHz
Frequency Set Accuracy (Note 7)
FSW = 300kHz
-12
-
12
%
VOUT Voltage Regulation Range
VIN > 6V for VOUT = 5.5V
0.6
-
5.5
V
VOUT Soft-Discharge Resistance
-
14
50
POWER-GOOD
PGOOD Pull-Down Impedance
Soft-start, I_PGOOD = 5mA sinking
-
32
100
UVP, I_PGOOD = 5mA sinking
-
95
200
OVP, I_PGOOD = 5mA sinking
-
63
150
OCP, I_PGOOD = 5mA sinking
-
32
100
PGOOD Leakage Current
PGOOD = VCC1
-
0
1
µA
Maximum PGOOD Sink Current (Note 6)
-
5
-
mA
PGOOD Soft-start Delay
From EN high to PGOOD high (for one SMPS
channel)
2.20
2.75
3.70
ms
EN2(1) = Floating, from EN1(2) high to
PGOOD2(1) high
4.50
5.60
7.50
ms
GATE DRIVER
UGATE Pull-Up ON-Resistance (Note 6)
200mA source current
-
1.0
1.5
UGATE Source Current (Note 6)
UGATE-PHASE = 2.5V
-
2.0
-
A
UGATE Pull-Down ON-Resistance (Note 6)
250mA source current
-
1.0
1.5
UGATE Sink Current (Note 6)
UGATE-PHASE = 2.5V
-
2.0
-
A
LGATE Pull-Up ON-Resistance (Note6)
250mA source current
-
1.0
1.5
LGATE Source Current (Note 6)
LGATE-PGND = 2.5V
-
2.0
-
A
LGATE Pull-Down ON-Resistance (Note 6)
250mA source current
-
0.5
0.9
LGATE Sink Current (Note 6)
LGATE-PGND = 2.5V
-
4.0
-
A
UGATE to LGATE Deadtime (Note 6)
UG falling to LG rising, no load
-
21
-
ns
LGATE to UGATE Deadtime (Note 6)
LG falling to UG rising, no load
-
21
-
ns
Bootstrap Diode Forward Voltage (Note 6)
2mA forward diode current
-
0.58
-
V
Bootstrap Diode Reverse Leakage Current
VR = 25V
-
0.2
1
µA
CONTROL
FCCM Input Voltage
Low level (DCM enabled)
-
-
0.8
V
Float level (DCM with audio filter)
1.9
-
2.1
V
High level (Forced CCM)
2.4
--
V
FCCM Input Leakage Current
FCCM = GND or VCC1
-2
-
2
µA
Electrical Specifications
These specifications apply for TA = -10°C to +100°C, unless otherwise noted. Typical values are at TA =+25°C,
VIN = 12V. Boldface limits apply over the operating temperature range, -10°C to +100°C. (Continued)
PARAMETER
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS
ISL62381, ISL62382, ISL62383, ISL62381C, ISL62382C, ISL62383C


Similar Part No. - ISL62383HRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62383HRTZ INTERSIL-ISL62383HRTZ Datasheet
472Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62383HRTZ INTERSIL-ISL62383HRTZ Datasheet
471Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
ISL62383HRTZ RENESAS-ISL62383HRTZ Datasheet
1Mb / 24P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
More results

Similar Description - ISL62383HRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62381 INTERSIL-ISL62381 Datasheet
472Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62381 RENESAS-ISL62381 Datasheet
1Mb / 24P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL6232 INTERSIL-ISL6232 Datasheet
671Kb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
   Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
MAX783 MAXIM-MAX783 Datasheet
279Kb / 28P
   Triple-Output Power-Supply Controller for Notebook Computers
19-0045; Rev 1; 5/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com