Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL85402EVAL1Z Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL85402EVAL1Z
Description  2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL85402EVAL1Z Datasheet(HTML) 3 Page - Intersil Corporation

  ISL85402EVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL85402EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL85402EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL85402EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL85402EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL85402EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL85402EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL85402EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL85402EVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ISL85402
3
FN7640.0
September 29, 2011
SYNC
12
This pin can be used to synchronize two or more ISL85402 controllers. Multiple ISL85402 can be synchronized with their SYNC pins
connected together. 180 degree phase shift is automatically generated between the master and slave ICs.
The internal oscillator can also lock to an external frequency source applied on this pin with square pulse waveform (with frequency
10% higher than the IC’s local frequency, and pulse width higher than 150ns). Range: 0V to 5.5V.
This pin should be left floating if not used.
LGATE
13
In synchronous buck mode, this Pin is used to drive the lower side MOSFET to improve efficiency.
In non-synchronous buck when a diode is used as the bottom side power device, this pin should be connected to VCC before VCC
startup to have low-side driver (LGATE) disabled.
In boost mode, it can be used to drive the boost power MOSFET. The boost control PWM is same with the buck control PWM.
PGND
14
This pin is used as the ground connection of the power flow including driver. Connect it to large ground plane.
BOOT
15
This pin provides bias voltage to the high-side MOSFET driver. A bootstrap circuit is used to create a voltage suitable to drive the
internal N-channel MOSFET. The boot charge circuitries are integrated inside of the IC. No external boot diode is needed. A 1µF
ceramic capacitor is recommended to be used between BOOT and PHASE pin.
VIN
16, 17
Connect the input rail to these pins that are connected to the drain of the integrated high-side MOSFET as well as the source for the
internal linear regulator that provides the bias of the IC. Range: 3V to 36V.
With the part switching, the operating input voltage applied to the VIN pins must be under 36V. This recommendation allows for
short voltage ringing spikes (within a couple of ns time range) due to switching while not exceeding Absolute Maximum Ratings.
SGND
18
This pin provides the return path for the control and monitor portions of the IC. Connect it to quite ground plane.
VCC
19
This pin is the output of the internal linear regulator that supplies the bias for the IC including the driver. A minimum 4.7µF
decoupling ceramic capacitor is recommended between VCC to ground.
AUXVCC
7
This pin is the input of the auxiliary internal linear regulator which can be supplied by the regulator output after power-up. With such
configuration, the power dissipation inside of the IC is reduced. The input range for this LDO is 3V to 20V.
In boost mode operation, this pin works as boost output overvoltage detection pin. It detects the boost output through a resistor
divider. When voltage on this pin is above 0.8V, the boost PWM disabled; and when voltage on this pin is below 0.8V minus the
hysteresis, the boost PWM is enabled.
Range: 0V to 20V.
PAD
21
Bottom thermal pad. It is not connected to any electrical potential of the IC. In layout it must be connected to PCB ground copper
plane with area as large as possible to effectively reduce the thermal impedance.
Functional Pin Descriptions (Continued)
PIN NAME
PIN #
DESCRIPTION
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
(PB-Free)
PKG. DWG. #
ISL85402IRZ
85 402IRZ
-40 to +85
20 Ld 4x4 QFN
L20.4x4C
ISL85402EVAL1Z
Evaluation Board
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL85402. For more information on MSL please see techbrief TB363.


Similar Part No. - ISL85402EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85402EVAL1Z RENESAS-ISL85402EVAL1Z Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
More results

Similar Description - ISL85402EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85402 RENESAS-ISL85402 Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL78200AVEZ INTERSIL-ISL78200AVEZ Datasheet
978Kb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
December 24, 2013
logo
Renesas Technology Corp
ISL78200 RENESAS-ISL78200 Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL85402IRZ-TK INTERSIL-ISL85402IRZ-TK Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78200 INTERSIL-ISL78200 Datasheet
963Kb / 19P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL85403 INTERSIL-ISL85403 Datasheet
966Kb / 24P
   2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
March 13, 2015
logo
Renesas Technology Corp
ISL85403 RENESAS-ISL85403 Datasheet
1Mb / 24P
   2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78201 RENESAS-ISL78201 Datasheet
1Mb / 23P
   40V 2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL78201AVEZ INTERSIL-ISL78201AVEZ Datasheet
917Kb / 23P
   40V 2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
March 31, 2015
logo
Altera Corporation
ER3125QI ALTERA-ER3125QI Datasheet
2Mb / 30P
   MOSFET for Synchronous Buck or Boost Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com