Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL9117M Datasheet(PDF) 10 Page - Intersil Corporation

Part # ZL9117M
Description  Digital DC/DC PMBus 17A Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL9117M Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ZL9117M Datasheet HTML 6Page - Intersil Corporation ZL9117M Datasheet HTML 7Page - Intersil Corporation ZL9117M Datasheet HTML 8Page - Intersil Corporation ZL9117M Datasheet HTML 9Page - Intersil Corporation ZL9117M Datasheet HTML 10Page - Intersil Corporation ZL9117M Datasheet HTML 11Page - Intersil Corporation ZL9117M Datasheet HTML 12Page - Intersil Corporation ZL9117M Datasheet HTML 13Page - Intersil Corporation ZL9117M Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ZL9117M
10
FN7914.1
October 21, 2011
If a pre-bias voltage higher than the target voltage exists after the
pre-configured delay period has expired, the target voltage is set
to match the existing pre-bias voltage, and both drivers are
enabled with a PWM duty cycle that would ideally create the
pre-bias voltage.
Once the pre-configured soft-start ramp period has expired, the
PG pin is asserted (assuming the pre-bias voltage is not higher
than the overvoltage limit). The PWM then adjusts its duty cycle
to match the original target voltage, and the output ramps down
to the preconfigured output voltage.
If a pre-bias voltage higher than the overvoltage limit exists, the
device does not initiate a turn-on sequence and declares an
overvoltage fault condition to exist. In this case, the device
responds based on the output overvoltage fault response method
that has been selected. See “Output Overvoltage Protection” on
page 9 for response options due to an overvoltage condition.
Note that pre-bias protection is not offered for current sharing
groups that also have tracking enabled. VDD must be tied to VIN
for proper prebias start-up in single module operation.
Output Overcurrent Protection
The ZL9117M can protect the power supply from damage if the
output is shorted to ground or if an overload condition is imposed
on the output. The following overcurrent protection response
options are available:
1. Initiate a shutdown and attempt to restart an infinite number
of times with a preset delay period between attempts.
2. Initiate a shutdown and attempt to restart a preset number of
times with a preset delay period between attempts.
3. Continue operating for a given delay period, followed by
shutdown if the fault still exists.
4. Continue operating through the fault (this could result in
permanent damage to the power supply).
5. Initiate an immediate shutdown.
The default response from an overcurrent fault is an immediate
shutdown of the controller. The controller continuously checks for
the presence of the fault condition, and if the fault condition no
longer exists, the device is re-enabled.
Please refer to Application Note AN2033 for details on how to
select specific overcurrent fault response options via I2C/SMBus.
Thermal Overload Protection
The ZL9117M includes a thermal sensor that continuously
measures the internal temperature of the module and shuts
down the controller when the temperature exceeds the preset
limit. The default temperature limit is set to +125°C in the
factory, but the user may set the limit to a different value if
desired. See Application Note AN2033 for details. Note that
setting a higher thermal limit via the I2C/SMBus interface may
result in permanent damage to the controller. Once the module
has been disabled due to an internal temperature fault, the user
may select one of several fault response options as follows:
1. Initiate a shutdown and attempt to restart an infinite number
of times with a preset delay period between attempts.
2. Initiate a shutdown and attempt to restart a preset number of
times with a preset delay period between attempts.
3. Continue operating for a given delay period, followed by
shutdown if the fault still exists.
4. Continue operating through the fault (this could result in
permanent damage to the power supply).
5. Initiate an immediate shutdown.
If the user has configured the module to restart, the controller
waits the preset delay period (if configured to do so) and then
checks the module temperature. If the temperature has dropped
below a threshold that is approximately +15°C lower than the
selected temperature fault limit, the controller attempts to
re-start. If the temperature still exceeds the fault limit, the
controller waits the preset delay period and retries again.
The default response from a temperature fault is an immediate
shutdown of the module. The controller continuously checks for
the fault condition, and once the fault has cleared, the ZL9117M
is re-enabled.
Please refer to Application Note AN2033 for details on how to
select specific temperature fault response options via
I2C/SMBus.
I2C/SMBus Module Address Selection
Each module must have its own unique serial address to
distinguish between other devices on the bus. The module
address is set by connecting a resistor between the SA pin and
SGND. Table 2 lists the available module addresses.
FIGURE 13. OUTPUT RESPONSES TO PRE-BIAS VOLTAGES


Similar Part No. - ZL9117M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL9117M RENESAS-ZL9117M Datasheet
2Mb / 63P
   Digital DC/DC PMBus 17A Module
logo
Intersil Corporation
ZL9117M INTERSIL-ZL9117M Datasheet
1Mb / 58P
   Digital DC/DC PMBus 17A Module
December 16, 2014
ZL9117MAIRZ INTERSIL-ZL9117MAIRZ Datasheet
1Mb / 58P
   Digital DC/DC PMBus 17A Module
December 16, 2014
logo
Renesas Technology Corp
ZL9117MAIRZ RENESAS-ZL9117MAIRZ Datasheet
2Mb / 63P
   Digital DC/DC PMBus 17A Module
ZL9117MBIRZ RENESAS-ZL9117MBIRZ Datasheet
2Mb / 63P
   Digital DC/DC PMBus 17A Module
More results

Similar Description - ZL9117M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL9117MIRZ INTERSIL-ZL9117MIRZ Datasheet
1Mb / 58P
   Digital DC/DC PMBus 17A Module
December 16, 2014
logo
Renesas Technology Corp
ZL9117M RENESAS-ZL9117M Datasheet
2Mb / 63P
   Digital DC/DC PMBus 17A Module
ISL8270M RENESAS-ISL8270M Datasheet
2Mb / 56P
   Digital DC/DC PMBus 25A Module
ISL8271M RENESAS-ISL8271M Datasheet
2Mb / 57P
   Digital DC/DC PMBus 33A Module
logo
Intersil Corporation
ZL9101M_1104 INTERSIL-ZL9101M_1104 Datasheet
820Kb / 17P
   Digital DC/DC PMBus 12A Module
ISL8271MAIRZ INTERSIL-ISL8271MAIRZ Datasheet
1Mb / 51P
   Digital DC/DC PMBus 33A Module
December 18, 2014
ISL28288 INTERSIL-ISL28288_11 Datasheet
995Kb / 17P
   Digital DC/DC PMBus 12A Module
ZL9101M INTERSIL-ZL9101M_11 Datasheet
877Kb / 17P
   Digital DC/DC PMBus 12A Module
ISL8270MAIRZ INTERSIL-ISL8270MAIRZ Datasheet
1Mb / 51P
   Digital DC/DC PMBus 25A Module
July 2, 2015
ZL9101MIRZ INTERSIL-ZL9101MIRZ Datasheet
1Mb / 67P
   Digital DC/DC PMBus 12A Module
February 12, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com