Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2251T-32-16 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS2251T-32-16
Description  128k Soft Microcontroller Module
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2251T-32-16 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS2251T-32-16 Datasheet HTML 1Page - Dallas Semiconductor DS2251T-32-16 Datasheet HTML 2Page - Dallas Semiconductor DS2251T-32-16 Datasheet HTML 3Page - Dallas Semiconductor DS2251T-32-16 Datasheet HTML 4Page - Dallas Semiconductor DS2251T-32-16 Datasheet HTML 5Page - Dallas Semiconductor DS2251T-32-16 Datasheet HTML 6Page - Dallas Semiconductor DS2251T-32-16 Datasheet HTML 7Page - Dallas Semiconductor DS2251T-32-16 Datasheet HTML 8Page - Dallas Semiconductor DS2251T-32-16 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
DS2251T
4 of 22
PIN ASSIGNMENT
PIN
NAME
PIN
NAME
PIN
NAME
PIN
NAME
1
P1.0
19
XTAL2
37
P0.2
55
INTB
2
P1.1
20
GND
38
P0.1
56
BD0
3
P1.2
21
P2.0
39
P0.0
57
BD1
4
P1.3
22
P2.1
40
VCC
58
BD2
5
P1.4
23
P2.2
41
BA0
59
BD3
6
P1.5
24
P2.3
42
BA1
60
BD4
7
P1.6
25
P2.4
43
BA2
61
BD5
8
P1.7
26
P2.5
44
BA3
62
BD6
9
RST
27
P2.6
45
BA4
63
BD7
10
P3.0/RXD
28
P2.7
46
BA5
64
R/ W
11
P3.1/TXD
29
PSEN
47
BA6
65
PF
12
P3.2/ INT0
30
ALE
48
BA7
66
PE3
13
P3.3/ INT1
31
PROG
49
BA8
67
PE4
14
P3.4/T0
32
P0.7
50
BA9
68
INTP
15
P3.5/T1
33
P0.6
51
BA10
69
INTA
16
P3.6/ WR
34
P0.5
52
BA11
70
SQW
17
P3.7/ RD
35
P0.4
53
BA12
71
VRST
18
XTAL1
36
P0.3
54
BA13
72
BA15
PIN DESCRIPTION
PIN
DESCRIPTION
39–32
P0.0–P0.7. General-purpose I/O Port 0. This port is open-drain and cannot drive a logic 1. It
requires external pullups. Port 0 is also the multiplexed Expanded Address/Data bus. When
used in this mode, it does not require pullups.
1–8
P1.0–P1.7. General-purpose I/O Port 1.
21–28
P2.0–P2.7. General-purpose I/O Port 2. Also serves as the MSB of the Expanded Address
bus.
10
P3.0/RXD. General-purpose I/O port pin 3.0. Also serves as the receive signal for the on-
board UART. This pin should NOT be connected directly to a PC COM port.
11
P3.1/TXD. General-purpose I/O port pin 3.1. Also serves as the transmit signal for the on-
board UART. This pin should NOT be connected directly to a PC COM port.
12
P3.2/ INT0 . General-purpose I/O port pin 3.2. Also serves as the active low External
Interrupt 0.
13
P3.3/ INT1 . General-purpose I/O port pin 3.3. Also serves as the active low External
Interrupt 1.
14
P3.4/T0. General-purpose I/O port pin 3.4. Also serves as the Timer 0 input.


Similar Part No. - DS2251T-32-16

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2251T-32-16 DALLAS-DS2251T-32-16 Datasheet
654Kb / 20P
   128k Soft Microcontroller Module
DS2251T-32-16 DALLAS-DS2251T-32-16 Datasheet
118Kb / 19P
   128K Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2251T-32-16 MAXIM-DS2251T-32-16 Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
REV: 061306
DS2251T-32-16# MAXIM-DS2251T-32-16# Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
REV: 061306
More results

Similar Description - DS2251T-32-16

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2251T MAXIM-DS2251T Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2251T DALLAS-DS2251T Datasheet
118Kb / 19P
   128K Soft Microcontroller Module
DS2251 DALLAS-DS2251 Datasheet
654Kb / 20P
   128k Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2252T MAXIM-DS2252T Datasheet
680Kb / 16P
   Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2250T DALLAS-DS2250T Datasheet
594Kb / 20P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS5000-32-16 MAXIM-DS5000-32-16 Datasheet
378Kb / 19P
   Soft Microcontroller Module
REV: 070706
logo
Dallas Semiconductor
DS5000 DALLAS-DS5000_06 Datasheet
378Kb / 19P
   Soft Microcontroller Module
DS5000 DALLAS-DS5000 Datasheet
131Kb / 18P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2250 MAXIM-DS2250 Datasheet
453Kb / 18P
   Soft Microcontroller Module
REV: 060906
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T_06 Datasheet
680Kb / 16P
   Soft Microcontroller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com