Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2251T-128-16 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS2251T-128-16
Description  128k Soft Microcontroller Module
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2251T-128-16 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS2251T-128-16 Datasheet HTML 1Page - Dallas Semiconductor DS2251T-128-16 Datasheet HTML 2Page - Dallas Semiconductor DS2251T-128-16 Datasheet HTML 3Page - Dallas Semiconductor DS2251T-128-16 Datasheet HTML 4Page - Dallas Semiconductor DS2251T-128-16 Datasheet HTML 5Page - Dallas Semiconductor DS2251T-128-16 Datasheet HTML 6Page - Dallas Semiconductor DS2251T-128-16 Datasheet HTML 7Page - Dallas Semiconductor DS2251T-128-16 Datasheet HTML 8Page - Dallas Semiconductor DS2251T-128-16 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
DS2251T
2 of 22
The DS2251T provides the benefits of NV RAM without using I/O resources. Between 32 kbytes and 128
kbytes of onboard NV RAM are available. A non-multiplexed Byte-wide address and data bus is used for
memory access. This bus, which is available at the connector, can perform all memory access and also
provide decoded chip enables for off-board memory mapped peripherals. This leaves the 32 I/O port pins
free for application use.
The DS2251T provides high-reliability operation in portable systems or systems with unreliable power.
These features include the ability to save the operating state, Power-fail Reset, Power-fail Interrupt, and
Watchdog Timer. All nonvolatile memory and resources are maintained for over 10 years at room
temperature in the absence of power.
A user loads programs into the DS2251T via its on-chip serial Bootstrap loader. This function supervises
the loading of software into NV RAM, validates it, then becomes transparent to the user. Software is
stored in onboard CMOS SRAM. Using its internal Partitioning, the DS2251T can divide a common
RAM into user-selectable program and data segments. This Partition can be selected at program loading
time, but can be modified anytime later. The microprocessor will decode memory access to the SRAM,
access memory via its Byte-wide bus and write-protect the memory portion designated as program
(ROM).
Operating information is contained in the Secure Microcontroller User’s Guide. This data sheet provides
ordering information, pinout, and electrical specifications.
ORDERING INFORMATION
PART
RAM SIZE (kB)
MAX CRYSTAL
SPEED (MHz)
TIMEKEEPING?
DS2251T-32-16
32
16
Yes
DS2251T-32-16#
32
16
Yes
DS2251T-64-16
64
16
Yes
DS2251T-64-16#
64
16
Yes
DS2251T-128-16
128
16
Yes
DS2251T-128-16#
128
16
Yes
# Denotes a RoHS-compliant package that may contain lead exempt under the RoHS requirements.


Similar Part No. - DS2251T-128-16

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2251T-128-16 DALLAS-DS2251T-128-16 Datasheet
654Kb / 20P
   128k Soft Microcontroller Module
DS2251T-128-16 DALLAS-DS2251T-128-16 Datasheet
118Kb / 19P
   128K Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2251T-128-16 MAXIM-DS2251T-128-16 Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
REV: 061306
DS2251T-128-16# MAXIM-DS2251T-128-16# Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
REV: 061306
More results

Similar Description - DS2251T-128-16

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2251T MAXIM-DS2251T Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2251T DALLAS-DS2251T Datasheet
118Kb / 19P
   128K Soft Microcontroller Module
DS2251 DALLAS-DS2251 Datasheet
654Kb / 20P
   128k Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2252T MAXIM-DS2252T Datasheet
680Kb / 16P
   Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2250T DALLAS-DS2250T Datasheet
594Kb / 20P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS5000-32-16 MAXIM-DS5000-32-16 Datasheet
378Kb / 19P
   Soft Microcontroller Module
REV: 070706
logo
Dallas Semiconductor
DS5000 DALLAS-DS5000_06 Datasheet
378Kb / 19P
   Soft Microcontroller Module
DS5000 DALLAS-DS5000 Datasheet
131Kb / 18P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2250 MAXIM-DS2250 Datasheet
453Kb / 18P
   Soft Microcontroller Module
REV: 060906
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T_06 Datasheet
680Kb / 16P
   Soft Microcontroller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com