Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2417X Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS2417X
Description  1-Wire Time Chip with Interrupt
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2417X Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS2417X Datasheet HTML 1Page - Dallas Semiconductor DS2417X Datasheet HTML 2Page - Dallas Semiconductor DS2417X Datasheet HTML 3Page - Dallas Semiconductor DS2417X Datasheet HTML 4Page - Dallas Semiconductor DS2417X Datasheet HTML 5Page - Dallas Semiconductor DS2417X Datasheet HTML 6Page - Dallas Semiconductor DS2417X Datasheet HTML 7Page - Dallas Semiconductor DS2417X Datasheet HTML 8Page - Dallas Semiconductor DS2417X Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DS2417
1-WIRE CRC GENERATOR Figure 4
Polynomial = X8 + X5 + X4 + 1
4 of 15
R
X2
X1
X0
X8
X7
X6
X5
X4
X3
8TH
STAGE
7TH
STAGE
6TH
STAGE
S
2ND
STAGE
3RD
STAGE
4TH
STAGE
5TH
STAGE
1ST
STAGE
INPUT DATA
TIMEKEEPING
A 32.768kHz crystal oscillator is used as the time base for the real-time clock counter. The oscillator can
be turned on or off under software control. The oscillator must be on for the real-time clock to function.
The real-time clock counter is double buffered. This allows the master to read time without the data
changing while it is being read. To accomplish this, a snapshot of the counter data is transferred to a
read/write buffer, which the user accesses.
DEVICE CONTROL BYTE
The DS2417 can generate interrupt pulses to trigger activities that have to occur at regular intervals. The
selection of this interval and the on/off control of the 32.768kHz crystal oscillator are done through the
device control byte. This byte can be read and written through the Clock Function commands.
Device Control Byte
7
6
5
4
3
2
1
0
IE
IS2
IS1
IS0
OSC
OSC
0
0
Bit 0 - 1
0
No function
Bits 0 and 1 are hard-wired to read all 0’s.
Bit 2 - 3
OSC Oscillator Enable/Disable
These bits control/report whether the 32.768kHz crystal oscillator is running. If the oscillator is running,
both OSC bits will read 1. If the oscillator is turned off these bits will all read 0. When writing the
device control byte both occurrences of the OSC bit should have identical data. Otherwise, the value in
bit address 3 (bold) takes precedence.


Similar Part No. - DS2417X

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2417X DALLAS-DS2417X Datasheet
260Kb / 15P
   1-Wire Time Chip With Interrupt
More results

Similar Description - DS2417X

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2417 DALLAS-DS2417 Datasheet
260Kb / 15P
   1-Wire Time Chip With Interrupt
DS2415 DALLAS-DS2415 Datasheet
343Kb / 14P
   1-Wire Time Chip
DS2415 DALLAS-DS2415 Datasheet
343Kb / 14P
   1-Wire Time Chip
logo
Advanced Micro Devices
AM29114 AMD-AM29114 Datasheet
607Kb / 10P
   Real-Time Interrupt Controller
logo
Dialog Semiconductor
SLG7NT4198V DIALOG-SLG7NT4198V Datasheet
177Kb / 9P
   1 Hz Interrupt Generator
SLG7NT4505 DIALOG-SLG7NT4505 Datasheet
354Kb / 10P
   1 Hz Interrupt Generator
logo
Renesas Technology Corp
SLG7NT4505V RENESAS-SLG7NT4505V Datasheet
288Kb / 10P
   1 Hz Interrupt Generator
February 25, 2022
logo
Dialog Semiconductor
SLG7NT128V DIALOG-SLG7NT128V Datasheet
400Kb / 10P
   1 Hz Interrupt Generator
logo
MICORO CRYSTAL SWITZERL...
RV-3049-C2 MICROCRYSTAL-RV-3049-C2 Datasheet
550Kb / 2P
   Real Time Clock Module with 4-wire Bus
logo
STMicroelectronics
AN3129 STMICROELECTRONICS-AN3129 Datasheet
194Kb / 12P
   Real-time performance using FIQ interrupt handling in SPEAr MPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com