Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5060 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # 1N5060
Description  Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

1N5060 Datasheet(HTML) 2 Page - Diotec Semiconductor

  1N5060 Datasheet HTML 1Page - Diotec Semiconductor 1N5060 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N5059 ... 1N5062
Characteristics
Kennwerte
Forward voltage – Durchlass-Spannung
Tj = 25°C
IF = 2 A
VF
< 1.1 V
Leakage current – Sperrstrom
Tj = 25°C
VR = VRRM
IR
< 5 µA
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 45 K/W 1)
resiThermalstance junction to terminal
Wärmewiderstand Sperrschicht − Anschluss
RthT
< 15 K/W
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
2
http://www.diotec.com/
© Diotec Semiconductor AG
Rated forward current versus ambient temperature
Zul. Richtstrom in Abh. von der Umgebungstemp.
I
FAV
[%]
120
100
80
60
40
20
0
[°C]
T
A
150
100
50
0
10
10
1
10
10
2
-1
-2
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
T = 25°C
j
T = 125°C
j
50a-(2a-1.1v)
Peak forward surge current versus number of cycles at 50 Hz
Durchlaß-Spitzenstrom in Abh. von der Zahl der Halbwellen bei 50 Hz
10
10
1
2
[A]
î
F
1
10
10
[n]
10
2
3


Similar Part No. - 1N5060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
1N5060 POWEREX-1N5060 Datasheet
204Kb / 4P
   Passivated Rectifier
logo
Diotec Semiconductor
1N5060 DIOTEC-1N5060 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
logo
Vishay Siliconix
1N5060 VISHAY-1N5060 Datasheet
43Kb / 4P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
1N5060 VISHAY-1N5060 Datasheet
130Kb / 5P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 12-Sep-12
logo
General Semiconductor
1N5060 GE-1N5060 Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
More results

Similar Description - 1N5060

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1N5391 DIOTEC-1N5391_09 Datasheet
95Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
P2500T DIOTEC-P2500T_13 Datasheet
105Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
1N5400 DIOTEC-1N5400_13 Datasheet
97Kb / 2P
   Silicon Rectifier Diodes . Silizium-Gleichrichterdioden
P600A DIOTEC-P600A_11 Datasheet
97Kb / 2P
   Silicon Rectifier Diodes - Silizium-Gleichrichterdioden
PX1500A DIOTEC-PX1500A Datasheet
98Kb / 2P
   Silicon Rectifier Diodes - Silizium-Gleichrichterdioden
1N4001 DIOTEC-1N4001_09 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
BYW27-50 DIOTEC-BYW27-50_09 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes - Silizium-Gleichrichterdioden
1N5059 DIOTEC-1N5059_14 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
6A05 DIOTEC-6A05_13 Datasheet
91Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
10A05 DIOTEC-10A05_13 Datasheet
91Kb / 2P
   Silicon Rectifier Diodes . Silizium-Gleichrichterdioden
1N5400 DIOTEC-1N5400_10 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com