Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX639ESA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX639ESA
Description  5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX639ESA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX639ESA Datasheet HTML 5Page - Maxim Integrated Products MAX639ESA Datasheet HTML 6Page - Maxim Integrated Products MAX639ESA Datasheet HTML 7Page - Maxim Integrated Products MAX639ESA Datasheet HTML 8Page - Maxim Integrated Products MAX639ESA Datasheet HTML 9Page - Maxim Integrated Products MAX639ESA Datasheet HTML 10Page - Maxim Integrated Products MAX639ESA Datasheet HTML 11Page - Maxim Integrated Products MAX639ESA Datasheet HTML 12Page - Maxim Integrated Products MAX639ESA Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
capacitor, even when the switch is off. This will usually not
be a problem for a 5V output at room temperature, since
the diode’s reverse leakage current and the feedback
resistors’ current typically drain the excess. However, if
the diode leakage is very low (which can occur at low
temperatures and/or small output voltages), charge may
build up on the output capacitor, making VOUT rise above
its set point. If this happens, add a small load resistor
(typically 1M
Ω) to the output to pull a few extra
microamps of current from the output capacitor.
Layout
Several of the external components in a MAX639/
MAX640/MAX653 circuit experience peak currents up
to 600mA. Wherever one of these components con-
nects to ground, there is a potential for ground bounce.
Ground bounce occurs when high currents flow
through the parasitic resistances of PC board traces.
What one component interprets as ground can differ
from the IC’s ground by several millivolts. This may
increase the MAX639/MAX640/MAX653’s output ripple,
since the error comparator (which is referenced to
ground) will generate extra switching pulses when they
are not needed. It is essential that the input filter capac-
itor’s ground lead, the MAX639/MAX640/MAX653’s
GND pin, the diode’s anode, and the output filter
capacitor’s ground lead are as close together as possi-
ble, preferably at the same point. Figure 5 shows a
suggested through-hole printed circuit layout that mini-
mizes ground bounce.
Inverter Configuration
Figure 6 shows the MAX639/MAX640/MAX653 in a
floating ground configuration. By tying what would nor-
mally be the output to the supply-voltage ground, the
IC’s GND pin is forced to a regulated -5V (MAX639),
-3.3V (MAX640), or -3V (MAX653). Avoid exceeding the
maximum differential voltage of 11.5V from V+ to VOUT.
Other negative voltages can be generated by placing a
voltage divider across COUT and connecting the tap
point to VFB in the same manner as the normal step-
down configuration.
Two AA Batteries to 5V, 3.3V, or 3V
For battery-powered applications, where the signal
ground does not have to correspond to the power-supply
ground, the circuit in Figure 6 generates 5V (MAX639),
3.3V (MAX640), or 3V (MAX653) from a pair of AA batter-
ies. Connect the VIN ground point to your system’s input,
and connect the output to your system’s ground input.
This configuration has the added advantage of reduced
on resistance, since the IC’s internal power FET has VIN +
VOUT of gate drive (Figures 7 and 8).
5V/3.3V/3V/Adjustable, High-Efficiency,
Low IQ, Step-Down DC-DC Converters
______________________________________________________________________________________
11
GND
MAX639
MAX640
MAX653
SHDN
LX
VOUT
-5V
-3.3V
OR -3V
4
V+
VFB
L = 100
µH
7
1
5
COUT
100
µF
VIN
CIN
100
µF
8
6
1N5817
Figure 6. Inverting Configuration
0
V+ (V)
TA = +25°C
L = 100
µH
MAX639
0
20
40
60
80
100
160
1
2
34
5
120
140
Figure 7. Maximum Current Capability of Figure 6 Circuit
84.0
V+ (V)
TA = +25°C
VOUT = -5V
L = 470
µH
IOUT = 10mA
1.5
84.5
85.0
85.5
86.0
86.5
87.0
2.0 2.5 3.0 3.5 4.0 4.5 5.0
5.5 6.0
Figure 8. Efficiency of Figure 6 Circuit


Similar Part No. - MAX639ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX639ESA MAXIM-MAX639ESA Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
More results

Similar Description - MAX639ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
   5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX1626 MAXIM-MAX1626 Datasheet
185Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
19-1075; Rev 0; 6/96
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
   5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX830 MAXIM-MAX830 Datasheet
43Kb / 5P
   5V/3.3V/3V/Adjustable-Output, 1A, Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 2; 6/95
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
   3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX777 MAXIM-MAX777 Datasheet
215Kb / 3P
   Low-Voltage-Input, 3V/3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
8/93
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com