Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX668 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX668
Description  1.8V to 28V Input, PWM Step-Up Controllers in μMAX
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX668 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX668_02 Datasheet HTML 3Page - Maxim Integrated Products MAX668_02 Datasheet HTML 4Page - Maxim Integrated Products MAX668_02 Datasheet HTML 5Page - Maxim Integrated Products MAX668_02 Datasheet HTML 6Page - Maxim Integrated Products MAX668_02 Datasheet HTML 7Page - Maxim Integrated Products MAX668_02 Datasheet HTML 8Page - Maxim Integrated Products MAX668_02 Datasheet HTML 9Page - Maxim Integrated Products MAX668_02 Datasheet HTML 10Page - Maxim Integrated Products MAX668_02 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
1.8V to 28V Input, PWM Step-Up
Controllers in µMAX
_______________________________________________________________________________________
7
EXITING SHUTDOWN
OUTPUT
VOLTAGE
5V/div
INDUCTOR
CURRENT
2A/div
SHUTDOWN
VOLTAGE
5V/div
MAX668, VIN = 5V, VOUT = 12V, LOAD = 1.0A, ROSC = 100kΩ,
LOW VOLTAGE, NON-BOOTSTRAPPED
500
µs/div
0V
0V
0A
ENTERING SHUTDOWN
OUTPUT
VOLTAGE
5V/div
SHUTDOWN
VOLTAGE
5V/div
MAX668, VIN = 5V, VOUT = 12V, LOAD = 1.0A,
LOW VOLTAGE, NON-BOOTSTRAPPED
200
µs/div
0V
0V
HEAVY-LOAD SWITCHING WAVEFORM
VOUT
200mV/div
AC-COUPLED
IL
1A/div
Q1, DRAIN
5V/div
MAX668, VIN = 5V, VOUT = 12V, ILOAD = 1.0A,
LOW VOLTAGE, NON-BOOTSTRAPPED
1
µs/div
0V
0A
LOAD-TRANSIENT RESPONSE
OUTPUT
VOLTAGE
AC-COUPLED
100mV/div
LOAD
CURRENT
1A/div
MAX668, VIN = 5V, VOUT = 12V, ILOAD = 0.1A TO 1.0A,
LOW VOLTAGE, NON-BOOTSTRAPPED
1ms/div
LIGHT-LOAD SWITCHING WAVEFORM
VOUT
100mV/div
AC-COUPLED
IL
1A/div
Q1, DRAIN
5V/div
MAX668, VIN = 5V, VOUT = 12V, ILOAD = 0.1A,
LOW VOLTAGE, NON-BOOTSTRAPPED
1
µs/div
0V
0A
Typical Operating Characteristics (continued)
(Circuits of Figures 2, 3, 4, and 5; TA = +25°C; unless otherwise noted.)
LINE-TRANSIENT RESPONSE
INPUT
VOLTAGE
5V/div
0V
OUTPUT
VOLTAGE
100mV/div
AC-COUPLED
MAX668, VIN = 5V TO 8V, VOUT = 12V, LOAD = 1.0A,
HIGH VOLTAGE, NON-BOOTSTRAPPED
20ms/div


Similar Part No. - MAX668_02

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX668-MAX669 MAXIM-MAX668-MAX669 Datasheet
326Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
Rev 0a; 8/98
MAX6680 MAXIM-MAX6680 Datasheet
194Kb / 17P
   Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 0; 4/02
MAX6680 MAXIM-MAX6680 Datasheet
248Kb / 17P
   ±1°C Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 1; 1/05
MAX6680MEE MAXIM-MAX6680MEE Datasheet
194Kb / 17P
   Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 0; 4/02
MAX6680MEE MAXIM-MAX6680MEE Datasheet
248Kb / 17P
   ±1°C Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 1; 1/05
More results

Similar Description - MAX668_02

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX668 MAXIM-MAX668_12 Datasheet
341Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in μMAX
Rev 2; 1/12
MAX668 MAXIM-MAX668 Datasheet
326Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
Rev 0a; 8/98
MAX668 MAXIM-MAX668_V01 Datasheet
1Mb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
2016
logo
Intersil Corporation
ISL98012 INTERSIL-ISL98012_10 Datasheet
656Kb / 10P
   1.8V Input PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL98012 RENESAS-ISL98012 Datasheet
773Kb / 10P
   1.8V Input PWM Step-Up Regulator
logo
Intersil Corporation
ISL98012 INTERSIL-ISL98012 Datasheet
473Kb / 10P
   1.8V Input PWM Step-Up Regulator
logo
Semtech Corporation
SC2441A SEMTECH-SC2441A Datasheet
1Mb / 37P
   1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441A SEMTECH-SC2441A_09 Datasheet
1Mb / 37P
   1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
logo
Maxim Integrated Produc...
MAX1744_0908 MAXIM-MAX1744_0908 Datasheet
305Kb / 15P
   High-Voltage, Step-Down DC-DC Controllers in μMAX
Rev 4; 8/09
logo
Advanced Analog Technol...
AAT1106 AAT-AAT1106 Datasheet
238Kb / 11P
   2-CHANNEL STEP-UP PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com