Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ12RA1 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQ12RA1
Description  OFF-state Low Dissipation Current 1A Output, Low Power-Loss Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ12RA1 Datasheet(HTML) 1 Page - Sharp Corporation

  PQ12RA1 Datasheet HTML 1Page - Sharp Corporation PQ12RA1 Datasheet HTML 2Page - Sharp Corporation PQ12RA1 Datasheet HTML 3Page - Sharp Corporation PQ12RA1 Datasheet HTML 4Page - Sharp Corporation PQ12RA1 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
“In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices
shown in catalogs,data books,etc.Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
PQ05RA1/PQ05RA11 Series
s Outline Dimensions
Low Power-Loss Voltage Regulators
(Unit : mm)
OFF-state Low Dissipation Current 1A Output, Low Power-Loss Voltage Regulators
Output voltage
PQ05RA1
PQ05RA11
Output voltage
precision:±5%
Output voltage
precision:±2.5%
s Model Line-ups
5V Output
PQ09RA1
PQ09RA11
9V Output
PQ12RA1
PQ12RA11
12V Output
Parameter
Symbol
Rating
Unit
VIN
VC
IO
PD1
PD2
Tj
Topr
Tstg
Tsol
35
35
1
1.5
15
150
-20 to +80
-40 to +150
260
V
V
A
W
W
˚C
˚C
˚C
˚C
Input voltage
ON/OFF control terminal voltage
Output current
Power dissipation (No heat sink)
Power dissipation (With infinite heat sink)
Junction temperature
Operating temperature
Storage temperature
Soldering temperature
*1
*1
*2
*3
*1 All are open except GND and applicable terminals.
*2 Overheat protection may operate at 125=<Tj=<150˚C.
*3 For 10s.
s Absolute Maximum Ratings
(Ta=25˚C)
PQ05RA1/PQ05RA11 Series
2
3
1
4
PQ05RA1
1 DC input (VIN)
2 DC output (VO)
3 GND
4 ON/OFF control
terminal (VC)
Internal connection diagram
Specific IC
10.2MAX
φ3.2±0.1
+0.3
-0
4-1.4
+0.2
-0.1
4-0.6
3-(2.54)
4.5±0.2
2.8±0.2
(1.5)
(0.5)
q
1
q
2
q
3
q
4
s Features
¡Low power-loss (Dropout voltage : MAX.0.5V)
¡Compact resin full-mold package
¡OFF-state low dissipation current
(Iqs:1
µA, 1/104 as compared to former model PQ05RF1)
¡Built-in ON/OFF control function
s Applications
¡Series power supplies for OA and AV equipment such as
camcorders, word processors, etc.
· Please refer to the chapter “Handling Precautions” .


Similar Part No. - PQ12RA1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ12RA1 SHARP-PQ12RA1 Datasheet
58Kb / 6P
   OFF-state Low Dissipation Current 1A Output, Low Power-Loss Voltage Regulators
PQ12RA11 SHARP-PQ12RA11 Datasheet
58Kb / 6P
   OFF-state Low Dissipation Current 1A Output, Low Power-Loss Voltage Regulators
More results

Similar Description - PQ12RA1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05RA1 SHARP-PQ05RA1_01 Datasheet
58Kb / 6P
   OFF-state Low Dissipation Current 1A Output, Low Power-Loss Voltage Regulators
PQ05TZ51 SHARP-PQ05TZ51 Datasheet
57Kb / 8P
   Low Power-Loss Voltage Regulators with OFF-state Low Dissipation Current
PQ05RF1 SHARP-PQ05RF1_01 Datasheet
80Kb / 8P
   1A Output Low Power-Loss Voltage Regulators
PQ05RF1 SHARP-PQ05RF1 Datasheet
65Kb / 7P
   1A Output Low Power-Loss Voltage Regulators
PQ05RD11 SHARP-PQ05RD11 Datasheet
31Kb / 3P
   1A Output, General Purpose Low Power-loss Voltage Regulators
PQ05RD11 SHARP-PQ05RD11_01 Datasheet
67Kb / 6P
   1A Output, General Purpose Low Power-loss Voltage Regulators
PQ05NF1 SHARP-PQ05NF1 Datasheet
47Kb / 5P
   1A Output, General Purpose Low Power-Loss Voltage Regulators
PQXXXRDA1SZH SHARP-PQXXXRDA1SZH Datasheet
204Kb / 7P
   TO-220 Type,1A Output Low Power-Loss Voltage Regulators
PQ15RF15 SHARP-PQ15RF15 Datasheet
39Kb / 4P
   1A Output, Low Power-Loss Voltage Regulators Considering Power Line Voltage Drop
PQ05RF12 SHARP-PQ05RF12 Datasheet
40Kb / 5P
   1A Output Low Power-Loss Voltage Regulators Considering Power Line Voltage Drop
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com