Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX962ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX962ESA
Description  Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX962ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX962ESA Datasheet HTML 3Page - Maxim Integrated Products MAX962ESA Datasheet HTML 4Page - Maxim Integrated Products MAX962ESA Datasheet HTML 5Page - Maxim Integrated Products MAX962ESA Datasheet HTML 6Page - Maxim Integrated Products MAX962ESA Datasheet HTML 7Page - Maxim Integrated Products MAX962ESA Datasheet HTML 8Page - Maxim Integrated Products MAX962ESA Datasheet HTML 9Page - Maxim Integrated Products MAX962ESA Datasheet HTML 10Page - Maxim Integrated Products MAX962ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Single/Dual/Quad, Ultra-High-Speed, +3V/+5V,
Beyond-the-Rails Comparators
_______________________________________________________________________________________
7
______________________________________________________________Pin Description
Comparator D Inverting Input
Comparator D Noninverting Input
Comparator B Output
Comparator C Output
Comparator B Noninverting Input
Comparator C Inverting Input
Comparator C Noninverting Input
Comparator B Inverting Input
Comparator A Noninverting Input
3
6
3
4
1
____________________________Typical Operating Characteristics (continued)
(VCC = +3.0V, CLOAD = 5pF, 5mV of overdrive, TA = +25°C, unless otherwise noted.)
MAX997toc15
PROPAGATION DELAY (tPD+)
GND
GND
5ns/div
OUTPUT
1V/div
INPUT
50mV/div
MAX997toc16
PROPAGATION DELAY (tPD-)
GND
GND
5ns/div
OUTPUT
1V/div
INPUT
50mV/div
Ground
4
Latch-Enable Input. The output latches when LE_
is high. The latch is transparent when LE_ is low.
5
Shutdown Input. The device shuts down when
SHDN is high.
8
No Connection. Connect to GND to prevent par-
asitic feedback.
9
4, 11
7
3, 5
6
2
8
7
8
14
12
11
4
5
6
3
2
9
16
IND-
IND+
QB
GND
QC
INB+
LE, LEA,
LEB
INC-
INC+
INB-
IN+, INA+
SHDN
N.C.
No Connection. Not internally connected.
1, 5
N.C.
Comparator D Output
10
QD
Comparator B Complementary Output
10
QB
Positive Supply Input (VCC to GND must be
≤5.5V)
7
13
8
12
VCC
Comparator A TTL Output
6
15
7
13
Q, QA
Comparator A Complementary Output
14
Q, QA
5
4
1
3
8
6
7
2
3
5
1
Comparator A Inverting Input
2
2
1
1
IN-, INA-
2
4
PIN
MAX963
MAX964
MAX997
MAX962
MAX961
MAX999
NAME
FUNCTION


Similar Part No. - MAX962ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX962ESA MAXIM-MAX962ESA Datasheet
371Kb / 12P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
MAX962ESA MAXIM-MAX962ESA Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
More results

Similar Description - MAX962ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX961 MAXIM-MAX961 Datasheet
371Kb / 12P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
MAX961 MAXIM-MAX961_07 Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
logo
3PEAK INC.
TP1961 3PEAK-TP1961 Datasheet
1Mb / 18P
   7ns, 1/2/4, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
logo
Maxim Integrated Produc...
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX975 MAXIM-MAX975 Datasheet
264Kb / 16P
   Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 1; 11/98
MAX975 MAXIM-MAX975_07 Datasheet
590Kb / 17P
   Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 2; 2/07
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX9117 MAXIM-MAX9117_07 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com