Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX963ESD Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX963ESD
Description  Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX963ESD Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX963ESD Datasheet HTML 6Page - Maxim Integrated Products MAX963ESD Datasheet HTML 7Page - Maxim Integrated Products MAX963ESD Datasheet HTML 8Page - Maxim Integrated Products MAX963ESD Datasheet HTML 9Page - Maxim Integrated Products MAX963ESD Datasheet HTML 10Page - Maxim Integrated Products MAX963ESD Datasheet HTML 11Page - Maxim Integrated Products MAX963ESD Datasheet HTML 12Page - Maxim Integrated Products MAX963ESD Datasheet HTML 13Page - Maxim Integrated Products MAX963ESD Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Single/Dual/Quad, Ultra-High-Speed, +3V/+5V,
Beyond-the-Rails Comparators
10
______________________________________________________________________________________
Output Stage Circuitry
The MAX961–MAX964/MAX997/MAX999 contain a cur-
rent-driven output stage, as shown in Figure 4. During an
output transition, ISOURCE or ISINK is pushed or pulled to
the output pin. The output source or sink current is high
during the transition, creating a rapid slew rate. Once the
output voltage reaches VOH or VOL, the source or sink
current decreases to a small value, capable of maintain-
ing the VOH or VOL in static condition. This decrease in
current conserves power after an output transition has
occurred.
One consequence of a current-driven output stage is a
linear dependence between the slew rate and the load
capacitance. A heavy capacitive load slows down the
voltage output transition.
Shutdown Mode
When SHDN is high, the MAX961/MAX963/MAX964/
MAX997 shut down. When shut down, the supply cur-
rent drops to 270µA per comparator, and the outputs
become high impedance. SHDN has a high input
impedance. Connect SHDN to GND for normal opera-
tion. Exit shutdown with LE low; otherwise, the output is
indeterminate.
__________Applications Information
Circuit Layout and Bypassing
The MAX961–MAX964/MAX997/MAX999’s high band-
width requires a high-speed layout. Follow these layout
guidelines:
1) Use a PCB with a good, unbroken, low-inductance
ground plane.
2) Place a decoupling capacitor (a 0.1µF ceramic sur-
face-mount capacitor is a good choice) as close to
VCC as possible.
3) On the inputs and outputs, keep lead lengths short
to avoid unwanted parasitic feedback around the
comparators. Keep inputs away from outputs. Keep
impedance between the inputs low.
4) Solder the device directly to the printed circuit board
rather than using a socket.
5) Refer to Figure 5 for a recommended circuit layout.
6) For slow-moving input signals, take care to prevent
parasitic feedback. A small capacitor (1000pF or
less) placed between the inputs can help eliminate
oscillations in the transition region. This capacitor
causes negligible degradation to tPD when the
source impedance is low.
Figure 4. Output Stage Circuitry
MAX961-MAX964
MAX997
MAX999
ISOURCE
Q, Q
VCC
GND
ISINK
Figure 5. MAX961 PCB Layout


Similar Part No. - MAX963ESD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX963ESD MAXIM-MAX963ESD Datasheet
371Kb / 12P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
MAX963ESD MAXIM-MAX963ESD Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
More results

Similar Description - MAX963ESD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX961 MAXIM-MAX961 Datasheet
371Kb / 12P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
MAX961 MAXIM-MAX961_07 Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
logo
3PEAK INC.
TP1961 3PEAK-TP1961 Datasheet
1Mb / 18P
   7ns, 1/2/4, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
logo
Maxim Integrated Produc...
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX975 MAXIM-MAX975 Datasheet
264Kb / 16P
   Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 1; 11/98
MAX975 MAXIM-MAX975_07 Datasheet
590Kb / 17P
   Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 2; 2/07
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX9117 MAXIM-MAX9117_07 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com