Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX997ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX997ESA
Description  Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX997ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX997ESA Datasheet HTML 2Page - Maxim Integrated Products MAX997ESA Datasheet HTML 3Page - Maxim Integrated Products MAX997ESA Datasheet HTML 4Page - Maxim Integrated Products MAX997ESA Datasheet HTML 5Page - Maxim Integrated Products MAX997ESA Datasheet HTML 6Page - Maxim Integrated Products MAX997ESA Datasheet HTML 7Page - Maxim Integrated Products MAX997ESA Datasheet HTML 8Page - Maxim Integrated Products MAX997ESA Datasheet HTML 9Page - Maxim Integrated Products MAX997ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Single/Dual/Quad, Ultra-High-Speed, +3V/+5V,
Beyond-the-Rails Comparators
6
_______________________________________________________________________________________
60
-40
80
310
260
TEMPERATURE (°C)
20
160
110
-20
0
60
210
40
MAX961/MAX963/MAX964/MAX997
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
VCC = 5.0V
VCC = 2.7V
26
SUPPLY VOLTAGE (V)
5
34
VOLTAGE TRIP POINT/INPUT OFFSET
VOLTAGE vs. SUPPLY VOLTAGE
-3
-4
4
3
2
1
0
-1
-2
VTRIP+
VOS
VTRIP-
-1
0123456
VCM (V)
INPUT BIAS CURRENT (IB+, IB-)
vs. COMMON-MODE VOLTAGE
-6
-4
-2
0
2
4
6
8
-8
VCC = 5.0V
VIN = VOS
NEGATIVE
VALUES
REPRESENT
CURRENT
FLOWING INTO
THE DEVICE
TA = -40
°C
TA = +85
°C
TA = +25
°C
-0.5
-40
80
TEMPERATURE (
°C)
20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-20
0
60
40
INPUT BIAS CURRENT/INPUT OFFSET
CURRENT vs. TEMPERATURE
IOS
IB+
IB-
____________________________Typical Operating Characteristics (continued)
(VCC = +3.0V, CLOAD = 5pF, 5mV of overdrive, TA = +25°C, unless otherwise noted.)
0
-40
80
140
120
TEMPERATURE (°C)
20
60
40
20
-20
0
60
80
100
40
SHORT-CIRCUIT OUTPUT CURRENT
vs. TEMPERATURE
OUTPUT SHORTED
TO GND (SOURCING)
OUTPUT SHORTED
TO VCC (SINKING)
3
-3
-40
85
2
VTRIP+
VTRIP-
VOS
1
TEMPERATURE (°C)
20
-1
-2
-20
0
60
0
40
VOLTAGE TRIP POINT/INPUT OFFSET
VOLTAGE vs. TEMPERATURE
50MHz RESPONSE
VOS
GND
5ns/div
OUTPUT
1V/div
INPUT
50mV/div
VIN = 100mVP-P


Similar Part No. - MAX997ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX997ESA MAXIM-MAX997ESA Datasheet
371Kb / 12P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
MAX997ESA MAXIM-MAX997ESA Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
More results

Similar Description - MAX997ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX961 MAXIM-MAX961 Datasheet
371Kb / 12P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
MAX961 MAXIM-MAX961_07 Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
logo
3PEAK INC.
TP1961 3PEAK-TP1961 Datasheet
1Mb / 18P
   7ns, 1/2/4, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
logo
Maxim Integrated Produc...
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX975 MAXIM-MAX975 Datasheet
264Kb / 16P
   Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 1; 11/98
MAX975 MAXIM-MAX975_07 Datasheet
590Kb / 17P
   Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 2; 2/07
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX9117 MAXIM-MAX9117_07 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com