Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX987EUK-T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX987EUK-T
Description  High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX987EUK-T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX987EUK-T Datasheet HTML 5Page - Maxim Integrated Products MAX987EUK-T Datasheet HTML 6Page - Maxim Integrated Products MAX987EUK-T Datasheet HTML 7Page - Maxim Integrated Products MAX987EUK-T Datasheet HTML 8Page - Maxim Integrated Products MAX987EUK-T Datasheet HTML 9Page - Maxim Integrated Products MAX987EUK-T Datasheet HTML 10Page - Maxim Integrated Products MAX987EUK-T Datasheet HTML 11Page - Maxim Integrated Products MAX987EUK-T Datasheet HTML 12Page - Maxim Integrated Products MAX987EUK-T Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
High-Speed, Micropower, Low-Voltage,
SOT23, Rail-to-Rail I/O Comparators
_______________________________________________________________________________________
9
5) Calculate R2 as shown. For this example, choose an
8.2kΩ standard value:
6) Verify trip voltages and hysteresis as follows:
MAX988/MAX992/MAX996
The MAX988/MAX992/MAX996 have ±2.5mV internal
hysteresis. They have open-drain outputs and require
an external pullup resistor (Figure 2). Additional hys-
teresis can be generated using positive feedback, but
the formulas differ slightly from those of the
MAX987/MAX991/MAX995.
Use the following procedure to calculate resistor
values:
1) Select R3 according to the formulas R3 = VREF / 1µA
or R3 = (VREF - VCC) / 1µA - R4. Use the smaller of
the two resulting resistor values.
2) Choose the hysteresis band required (VHB). For this
example, choose 50mV.
3) Calculate R1 according to the following equation:
R1 = (R3 + R4) x (VHB / VCC)
4) Choose the trip point for VIN rising (VTHR; VTHF is
the trip point for VIN falling). This is the threshold
voltage at which the comparator switches its output
from low to high as VIN rises above the trip point.
5) Calculate R2 as follows:
6) Verify trip voltages and hysteresis as follows:
Circuit Layout and Bypassing
These comparators’ high-gain bandwidth requires
design precautions to maximize their high-speed capa-
bility. The recommended precautions are:
1) Use a PCB with an unbroken, low-inductance
ground plane.
2) Place a decoupling capacitor (a 0.1µF ceramic
capacitor is a good choice) as close to VCC as
possible.
3) On the inputs and outputs, keep lead lengths short
to avoid unwanted parasitic feedback around the
comparators.
4) Solder the devices directly to the PCB instead of
using a socket.
V
rising: V
= V
x R1 x
1
R1
V
falling
IN
THR
REF
IN
:
++
+
=
+
=
1
2
1
34
1
34
RR
R
VV
Rx V
RR
Hysteresis
V
V
THF
THR
CC
THR
THF
R2 =
1
V
V
THR
REF xR
R
R
R
1
1
1
1
34
⎟ −−
+
V
rising: V
= V
x R1 x
1
R1
V
falling
IN
THR
REF
IN
:
++
=
=
1
2
1
3
1
3
RR
VV
Rx V
R
Hysteresis
V
V
THF
THR
CC
THR
THF
R2 =
1
V
V
R2 =
1
3.0V
1.2 x 12k
THR
REF
.
.
xR
R
R
kM
k
1
1
1
1
3
1
12
1
22
803
⎟ −−
⎟ −−
=
ΩΩ
VEE
VCC
OUT
R3
R2
R1
R4
0.1µF
VREF
VIN
VCC
MAX988
MAX992
MAX996
Figure 2. Additional Hysteresis (MAX988/MAX992/MAX996)


Similar Part No. - MAX987EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX987EUK-T MAXIM-MAX987EUK-T Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
MAX987EUK-T MAXIM-MAX987EUK-T Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage
Rev 2; 1/07
MAX987EUK-T MAXIM-MAX987EUK-T Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
More results

Similar Description - MAX987EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX987 MAXIM-MAX987 Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
MAX985 MAXIM-MAX985 Datasheet
453Kb / 13P
   Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
MAX987EUK MAXIM-MAX987EUK Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
MAX985_V5 MAXIM-MAX985_V5 Datasheet
309Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 5; 4/12
MAX985 MAXIM-MAX985_12 Datasheet
369Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 6; 8/12
MAX985 MAXIM-MAX985_07 Datasheet
342Kb / 13P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 4; 1/07
logo
STMicroelectronics
TS334IDT STMICROELECTRONICS-TS334IDT Datasheet
1Mb / 27P
   Micropower low-voltage, rail-to-rail comparators
logo
Maxim Integrated Produc...
MAX965 MAXIM-MAX965 Datasheet
116Kb / 12P
   Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
Rev 0; 4/97
logo
STMicroelectronics
TS3022 STMICROELECTRONICS-TS3022 Datasheet
27Kb / 1P
   Rail-to-Rail 1.8V High-Speed Micropower Comparators
January 2005
logo
Maxim Integrated Produc...
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com