Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1234ETI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1234ETI
Description  ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1234ETI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1234ETI Datasheet HTML 1Page - Maxim Integrated Products MAX1234ETI Datasheet HTML 2Page - Maxim Integrated Products MAX1234ETI Datasheet HTML 3Page - Maxim Integrated Products MAX1234ETI Datasheet HTML 4Page - Maxim Integrated Products MAX1234ETI Datasheet HTML 5Page - Maxim Integrated Products MAX1234ETI Datasheet HTML 6Page - Maxim Integrated Products MAX1234ETI Datasheet HTML 7Page - Maxim Integrated Products MAX1234ETI Datasheet HTML 8Page - Maxim Integrated Products MAX1234ETI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
±15kV ESD-Protected Touch-Screen
Controllers Include DAC and Keypad Controller
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(DVDD = AVDD = +2.7V to +3.6V (MAX1233), DVDD = AVDD = +4.75V to +5.25V (MAX1234), external reference VREF = 2.5V
(MAX1233), VREF = 4.096V (MAX1234); fSCLK = 10MHz, fSAMPLE = 50ksps, 12-bit mode, 0.1µF capacitor at REF, TA = -40
°C to
+85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD to GND............................................................-0.3V to +6V
DVDD to AVDD .......................................................-0.3V to +0.3V
Digital Inputs/Outputs to GND .................-0.3V to (DVDD + 0.3V)
X+, Y+, X-, Y-, AUX1, AUX2,
and REF to GND ..................................-0.3V to (AVDD + 0.3V)
BAT1, BAT2 to GND .................................................-0.3V to +6V
Maximum ESD per IEC 1000-4-2 (per MIL STD-883 HBM)
X+, X-, Y+, Y-, AUX1, AUX2, BAT1, BAT2......................
±15kV
All Other Pins.....................................................................
±2.5kV
Maximum Current into Any Pin............................................50mA
Continuous Power Dissipation (TA = +70
°C)
28-Pin QFN (derate 28.5mW/
°C above +70°C) .................2W
28-Pin TQFN (derate 28.5mW/
°C above +70°C) ...............2W
Operating Temperature Range ...........................-40
°C to +85°C
Storage Temperature Range .............................-60
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG-TO-DIGITAL CONVERTER
DC ACCURACY (Note 1)
Resolution
Software-programmable 8/10/12 bit
12
Bits
No Missing Codes
11
Bits
12-bit mode
±0.8
±2
Relative Accuracy (Note 2)
INL
10-bit and 8-bit modes
±0.5
LSB
12-bit mode
±0.8
±2
Differential Nonlinearity
DNL
10-bit and 8-bit modes
±0.5
LSB
12-bit mode
±0.5
±4
Offset Error
10-bit and 8-bit modes
±0.5
LSB
12-bit mode
±0.5
±4
10-bit mode
±0.5
Gain Error (Note 3)
8-bit mode
±0.5
LSB
12-bit mode
±2
Total Unadjusted Error
TUE
10-bit and 8-bit modes
±1
LSB
Offset Temperature Coefficient
±0.4
ppm/
°C
Gain Temperature Coefficient
±0.4
ppm/
°C
Channel-to-Channel Offset
±0.1
LSB
Channel-to-Channel Gain
Matching
±0.1
LSB
Noise
Including internal VREF
50
µVRMS
MAX1233
AVDD = DVDD = +2.7V to +3.6V
±0.4
Power-Supply Rejection
PSR
Full-scale
input
MAX1234
AVDD = DVDD = +5V
±5%
±0.3
mV
DYNAMIC SPECIFICATIONS (1kHz SINE WAVE, VIN = 2.5VP-P FOR MAX1233, VIN = 4.096VP-P FOR MAX1234, 50ksps,
fSCLK = 10MHz)
Signal-to-Noise Plus Distortion
SINAD
69
dB


Similar Part No. - MAX1234ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1234ETI MAXIM-MAX1234ETI Datasheet
1Mb / 45P
   ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Rev 3; 8/05
More results

Similar Description - MAX1234ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1233 MAXIM-MAX1233_05 Datasheet
1Mb / 45P
   ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Rev 3; 8/05
MAX1233 MAXIM-MAX1233 Datasheet
706Kb / 44P
   짹15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
19-2512; Rev 1; 9/03
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com