Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1234 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1234
Description  ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1234 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1234 Datasheet HTML 6Page - Maxim Integrated Products MAX1234 Datasheet HTML 7Page - Maxim Integrated Products MAX1234 Datasheet HTML 8Page - Maxim Integrated Products MAX1234 Datasheet HTML 9Page - Maxim Integrated Products MAX1234 Datasheet HTML 10Page - Maxim Integrated Products MAX1234 Datasheet HTML 11Page - Maxim Integrated Products MAX1234 Datasheet HTML 12Page - Maxim Integrated Products MAX1234 Datasheet HTML 13Page - Maxim Integrated Products MAX1234 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
±15kV ESD-Protected Touch-Screen
Controllers Include DAC and Keypad Controller
10
______________________________________________________________________________________
ADC REFERENCE VOLTAGE
vs. ANALOG SUPPLY VOLTAGE
MAX1233/34 toc25
AVDD (V)
2.475
2.500
2.525
2.550
2.450
0.990
1.000
1.010
1.020
0.980
5.2
4.7
4.2
3.7
3.2
2.7
VREF = 1.0V
VREF = 2.5V
ADC REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
2.45
2.50
2.55
2.60
2.40
0.875
1.000
1.125
1.250
0.750
VREF = 2.5V
MAX1233/34 toc26
80
60
-20
0
20
40
-40
VREF = 1.0V
0.75
0.25
0
-0.25
-0.50
0.50
-0.75
2.5
4.0
3.0
3.5
4.5
5.0
5.5
DAC FULL-SCALE ERROR
vs. ANALOG SUPPLY VOLTAGE
MAX1233/34 toc21
AVDD (V)
1.2
0.4
0
-0.4
-0.8
0.8
-1.2
0.75
0.25
0
-0.25
-0.50
0.50
-0.75
-40
20
-20
0
40
60
80
DAC FULL-SCALE ERROR
vs. TEMPERATURE
MAX1233/34 toc22
TEMPERATURE (
°C)
1.2
0.4
0
-0.4
-0.8
0.8
-1.2
DAC SUPPLY CURRENT
vs. ANALOG SUPPLY VOLTAGE
AVDD (V)
50
100
150
200
250
0
5.2
4.7
4.2
3.7
3.2
2.7
TEMPERATURE (
°C)
80
60
-20
0
20
40
25
50
75
100
125
150
175
200
0
-40
DAC SUPPLY CURRENT
vs. TEMPERATURE
Typical Operating Characteristics (continued)
(AVDD = DVDD = 3V (MAX1233) or 5V (MAX1234), external VREF = +2.5V (MAX1233), external VREF = +4.096V (MAX1234), fSCLK =
10MHz (50% duty cycle), fSAMPLE = 20ksps, CLOAD = 50pF, 0.1µF capacitor at REF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1234

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1234 MAXIM-MAX1234 Datasheet
1Mb / 45P
   ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Rev 3; 8/05
MAX1234 MAXIM-MAX1234 Datasheet
264Kb / 12P
   Proven PC Board Layout
Rev 0; 10/02
MAX1234EGI MAXIM-MAX1234EGI Datasheet
706Kb / 44P
   짹15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
19-2512; Rev 1; 9/03
MAX1234EGI MAXIM-MAX1234EGI Datasheet
1Mb / 45P
   ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Rev 3; 8/05
MAX1234ETI MAXIM-MAX1234ETI Datasheet
1Mb / 45P
   ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Rev 3; 8/05
More results

Similar Description - MAX1234

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1233 MAXIM-MAX1233_05 Datasheet
1Mb / 45P
   ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Rev 3; 8/05
MAX1233 MAXIM-MAX1233 Datasheet
706Kb / 44P
   짹15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
19-2512; Rev 1; 9/03
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com