Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1472 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1472
Description  300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1472 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1472 Datasheet HTML 1Page - Maxim Integrated Products MAX1472 Datasheet HTML 2Page - Maxim Integrated Products MAX1472 Datasheet HTML 3Page - Maxim Integrated Products MAX1472 Datasheet HTML 4Page - Maxim Integrated Products MAX1472 Datasheet HTML 5Page - Maxim Integrated Products MAX1472 Datasheet HTML 6Page - Maxim Integrated Products MAX1472 Datasheet HTML 7Page - Maxim Integrated Products MAX1472 Datasheet HTML 8Page - Maxim Integrated Products MAX1472 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
300MHz-to-450MHz Low-Power,
Crystal-Based ASK Transmitter
_______________________________________________________________________________________
5
TRANSMIT POWER EFFICIENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.2
2.8
2.4
30
35
40
45
50
25
2.0
3.6
-40
°C
+25
°C
+85
°C
+125
°C
CW OUTPUT
fRF = 433MHz
TRANSMIT POWER EFFICIENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.2
2.8
2.4
20
25
30
35
40
45
50
2.0
3.6
-40
°C
+25
°C
+85
°C
+125
°C
OOK OUTPUT AT
50% DUTY CYCLE
fRF = 315MHz
TRANSMIT POWER EFFICIENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.2
2.4
2.8
25
30
35
40
45
20
2.0
3.6
-40
°C
+25
°C
+85
°C
+125
°C
OOK OUTPUT AT
50% DUTY CYCLE
fRF = 433MHz
PHASE NOISE vs. OFFSET FREQUENCY
fOFFSET (Hz)
1M
100k
10k
1k
100
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-140
10
10M
SUPPLY CURRENT AND OUTPUT POWER
vs. EXTERNAL RESISTOR
MAX1472 toc14
EXTERNAL RESISTOR (
Ω)
100
10
1
2
4
6
8
10
12
0
0.1
1000
2
4
6
8
10
12
0
POWER
CURRENT
fRF = 315MHz
SUPPLY CURRENT vs. OUTPUT POWER
OUTPUT POWER (dBm)
8
6
2
4
3
4
5
6
7
8
9
10
2
010
fRF = 315MHz
50% DUTY CYCLE
CW
FREQUENCY SETTLING TIME
MAX1472 toc16
25kHz/div
ENABLE
TRANSITION
FROM LOW
TO HIGH
ENABLE
TRANSITION
FROM LOW
TO HIGH
2.5kHz/div
START: 0s
START: 0s
1ms
1ms
Typical Operating Characteristics (continued)
(
Typical Application Circuit, VDD = 2.7V, TA = +25°C, unless otherwise noted.)
AM DEMODULATION OF PA OUTPUT
MAX1472 toc17
DATA RATE
= 100kHz
START: 0s
STOP: 20
µs
15%/div


Similar Part No. - MAX1472

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1472 MAXIM-MAX1472 Datasheet
210Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 0; 5/03
MAX1472 MAXIM-MAX1472 Datasheet
239Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 1; 4/05
MAX1472 MAXIM-MAX1472 Datasheet
454Kb / 5P
   Evaluation Kit
Rev 1; 11/03
MAX1472 MAXIM-MAX1472 Datasheet
223Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 2; 6/09
MAX1472 MAXIM-MAX1472 Datasheet
458Kb / 5P
   Multiple Test Points Provided On-Board
Rev 1; 11/03
More results

Similar Description - MAX1472

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1472 MAXIM-MAX1472_12 Datasheet
170Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 4; 6/12
MAX1472 MAXIM-MAX1472_05 Datasheet
239Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 1; 4/05
MAX1472 MAXIM-MAX1472 Datasheet
210Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 0; 5/03
MAX1472 MAXIM-MAX1472_09 Datasheet
223Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 2; 6/09
MAX1479 MAXIM-MAX1479 Datasheet
635Kb / 11P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 0; 8/04
MAX1479 MAXIM-MAX1479_09 Datasheet
270Kb / 10P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
MAX7044 MAXIM-MAX7044_11 Datasheet
151Kb / 10P
   300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
Rev 4; 2/11
MAX7044 MAXIM-MAX7044 Datasheet
301Kb / 9P
   300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
Rev 0; 1/04
MAX7044 MAXIM-MAX7044_09 Datasheet
258Kb / 10P
   300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
Rev 3; 6/09
MAX7057 MAXIM-MAX7057_11 Datasheet
251Kb / 20P
   300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 1; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com